Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL70617SEH Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL70617SEH
Description  36V Radiation Tolerant Precision Instrumentation Amp with Rail-to-Rail Output Differential ADC Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70617SEH Datasheet(HTML) 1 Page - Intersil Corporation

  ISL70617SEH Datasheet HTML 1Page - Intersil Corporation ISL70617SEH Datasheet HTML 2Page - Intersil Corporation ISL70617SEH Datasheet HTML 3Page - Intersil Corporation ISL70617SEH Datasheet HTML 4Page - Intersil Corporation ISL70617SEH Datasheet HTML 5Page - Intersil Corporation ISL70617SEH Datasheet HTML 6Page - Intersil Corporation ISL70617SEH Datasheet HTML 7Page - Intersil Corporation ISL70617SEH Datasheet HTML 8Page - Intersil Corporation ISL70617SEH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
DATASHEET
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC. 2015, 2016. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
36V Radiation Tolerant Precision Instrumentation Amp
with Rail-to-Rail Output Differential ADC Driver
ISL70617SEH
The ISL70617SEH is a high performance, differential input,
differential output instrumentation amplifier designed for
precision analog-to-digital applications. It can operate over a
supply range of 8V (±4V) to 36V (±18V) and features a
differential input voltage range up to ±30V. The output stage
has rail-to-rail output drive capability optimized for differential
ADC driver applications. The output stage is powered by
separate supplies. This feature enables the output to be driven
by the same low voltage supplies powering the ADC, thereby
providing protection from high voltage signals and the low
voltage digital circuits. Its versatility makes it suitable for a
variety of general purpose applications. Additional features not
found in other instrumentation amplifiers enable high levels of
DC precision and excellent AC performance.
The gain of the ISL70617SEH can be programmed from 0.1 to
10,000 via two external resistors, RIN and RFB. The gain
accuracy is determined by the matching of RIN and RFB. The
gain resistors have Kelvin sensing, which removes gain error
due to PC trace resistance. The input and output stages have
individual power supply pins, which enable input signals riding
on a high common-mode voltage to be level shifted to a low
voltage device, such as an A/D converter. The rail-to-rail output
stage can be powered from the same supplies as the ADC,
which preserves the ADC maximum input dynamic range and
eliminates ADC input overdrive.
The ISL70617SEH is offered in a 24 Ld ceramic flatpack
package with an operating temperature range of -55°C to
+125°C.
Features
• Rail-to-rail differential output ADC driver
• Low input offset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30µV
• Input bias current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.2nA
• Excellent CMRR and PSRR . . . . . . . . . . . . . . . . . . . . . . . 120dB
• Wide operating voltage range . . . . . . . . . . . . . . . ±4V to ±18V
• Closed loop -3dB BW 0.3MHz (AV = 1k) to 5.5MHz (AV = 0.1)
• Operating temperature range. . . . . . . . . . . .-55°C to +125°C
• Acceptance tested to 75krad(Si) (LDR) wafer-by-wafer
• Radiation tolerance
- Low dose rate (0.01rad(Si)/s) . . . . . . . . . . . . . . 75krad(Si)
- SEB LETTH (VS = ±18V). . . . . . . . . . . . . . . 60MeV•cm2/mg
Applications
•ADC driver
• Precision test and measurement
• High voltage process control
• Signal conditioning for remote powered sensors
• Satellite communication
Related Literature
• For a full list of related documents, visit our website
- ISL70617SEH product page
FIGURE 1. COMPLETE SPACE GRADE ANALOG SIGNAL CHAIN
IN+
IN-
ISL70617SEH
RIN
+RIN
IN+
IN-
+RFB
-RFB
VCC
VEE
VEO
RFB
ISL70617SEH
+18V
+18V
-18V
-18V
5V
SIGNAL WITH
HIGH VCM
HIGH VIN
SIGNAL
5V
ISL71090SEH25
GAIN = 10
GAIN = 0.1
VCC
IN
VCC
REF
V
GND
ISL71090SEH25
GND
RHADC
-RIN
+VOUT
VCMO
VEO
VEE
-RFB
+RFB
-RIN
+RIN
RIN
RFB
VCC
VCO
+VFB
GND
VCC
-VFB
-VOUT
+VOUT
VCO
+VFB
-VFB
-VOUT
VCMO
Ch 1
Ch 16
Ch 1
Ch 16
December 16, 2016
FN8697.4


Similar Part No. - ISL70617SEH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70617SEH RENESAS-ISL70617SEH Datasheet
1Mb / 30P
   36V Radiation Hardened Precision Instrumentation Amp with Rail-to-Rail Output Differential ADC Driver
Jul 8, 2022
ISL70617SEHEV1Z RENESAS-ISL70617SEHEV1Z Datasheet
1Mb / 30P
   36V Radiation Hardened Precision Instrumentation Amp with Rail-to-Rail Output Differential ADC Driver
Jul 8, 2022
ISL70617SEHF/PROTO RENESAS-ISL70617SEHF/PROTO Datasheet
1Mb / 30P
   36V Radiation Hardened Precision Instrumentation Amp with Rail-to-Rail Output Differential ADC Driver
Jul 8, 2022
logo
Intersil Corporation
ISL70617SEHVF INTERSIL-ISL70617SEHVF Datasheet
1Mb / 27P
   36V Radiation Tolerant Precision Instrumentation Amplifier with Rail-to-Rail Output ADC Driver
December 15, 2016
logo
Renesas Technology Corp
ISL70617SEHVF RENESAS-ISL70617SEHVF Datasheet
1Mb / 29P
   36V Radiation Hardened Precision Instrumentation Amplifier with Rail-to-Rail Output ADC Driver
Jan 28, 2021
More results

Similar Description - ISL70617SEH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70617SEH RENESAS-ISL70617SEH Datasheet
1Mb / 30P
   36V Radiation Hardened Precision Instrumentation Amp with Rail-to-Rail Output Differential ADC Driver
Jul 8, 2022
logo
Intersil Corporation
ISL70517SEH INTERSIL-ISL70517SEH Datasheet
1Mb / 27P
   36V Radiation Tolerant Precision Instrumentation Amplifier with Rail-to-Rail Output ADC Driver
December 15, 2016
logo
Renesas Technology Corp
ISL70517SEH RENESAS-ISL70517SEH Datasheet
1Mb / 29P
   36V Radiation Hardened Precision Instrumentation Amplifier with Rail-to-Rail Output ADC Driver
Jan 28, 2021
logo
Texas Instruments
LMH5485-SEP TI1-LMH5485-SEP_V01 Datasheet
1Mb / 31P
[Old version datasheet]   LMH5485-SEP Radiation Tolerant, Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
REVISED NOVEMBER 2022
LMH5485-SEP TI-LMH5485-SEP Datasheet
1Mb / 35P
[Old version datasheet]   LMH5485-SEP Radiation Tolerant Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
logo
Analog Devices
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
AD8139 AD-AD8139 Datasheet
720Kb / 24P
   Low Noise Rail-to-Rail Differential ADC Driver
REV. A
AD8139 AD-AD8139_16 Datasheet
613Kb / 27P
   Low Noise, Rail-to-Rail, Differential ADC Driver
AD8139 AD-AD8139_07 Datasheet
685Kb / 24P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com