Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA84C840 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA84C840
Description  8-bit microcontrollers with OSD and VST
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C840 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA84C840 Datasheet HTML 4Page - NXP Semiconductors PCA84C840 Datasheet HTML 5Page - NXP Semiconductors PCA84C840 Datasheet HTML 6Page - NXP Semiconductors PCA84C840 Datasheet HTML 7Page - NXP Semiconductors PCA84C840 Datasheet HTML 8Page - NXP Semiconductors PCA84C840 Datasheet HTML 9Page - NXP Semiconductors PCA84C840 Datasheet HTML 10Page - NXP Semiconductors PCA84C840 Datasheet HTML 11Page - NXP Semiconductors PCA84C840 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
1996 Nov 29
8
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
7
RESET
The RESET pin (active LOW input) is used to initialize the
microcontroller to a defined state. The Reset configuration
is shown in Fig.5.
Fig.4 External components for RESET pin.
andbook, halfpage
VSS
DD
V
R
≤ 100 kΩ
C
RESET
MCD174
7.1
Power-on-reset
The Power-on-reset circuit monitors the voltage level of
VDD. If VDD remains below the internal reference voltage
level Vref (typically 1.3 V), the oscillator is inhibited.
When VDD rises above Vref, the oscillator is released and
the internal reset is active for a period of td (typically
50
µs).
Considering the VDD rise time, the following measures for
a correct Power-on-reset can be taken:
• If the VDD rises above the minimum operation voltage
before time period td is exceeded, no external
components are necessary (see Fig.6).
• If V
DD has a slow rise time, such that after the time
period (tVref +td) has elapsed the supply voltage is still
below the minimum operation voltage (Vmin),
external components are required (see Figs 4 and 7).
To guarantee a correct reset operation, ensure that the
time constant RC
≥ 8 × tVDD.
A definite Power-on-reset can be realized by applying an
(external) RESET signal during power-on.
Fig.5 Reset configuration.
handbook, full pagewidth
MLA651
V
SS
DD
V
RESET
POWER-ON-RESET
oscillator
inhibit
ref
V
internal
reset


Similar Part No. - PCA84C840

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA84C846 PHILIPS-PCA84C846 Datasheet
564Kb / 72P
   Microcontrollers for TV tuning control and OSD applications
1995 Jun 15
PCA84C846P PHILIPS-PCA84C846P Datasheet
564Kb / 72P
   Microcontrollers for TV tuning control and OSD applications
1995 Jun 15
More results

Similar Description - PCA84C840

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
84C44X PHILIPS-84C44X Datasheet
267Kb / 38P
   8-bit microcontrollers with OSD and VST
October 1994
logo
Integral Corp.
INA84C641 INTEGRAL-INA84C641 Datasheet
89Kb / 2P
   8-BIT MICROCONTROLLERS WITH OCD AND VST
logo
KODENSHI_AUK CORP.
KKA84C640ANS KODENSHI-KKA84C640ANS Datasheet
142Kb / 3P
   8-BIT MICROCONTROLLERS WITH OCD AND VST
logo
Integral Corp.
INA84C640 INTEGRAL-INA84C640 Datasheet
24Kb / 2P
   8-BIT MICROCONTROLLERS WITH OCD AND VST
logo
KODENSHI_AUK CORP.
KKA84C641 KODENSHI-KKA84C641 Datasheet
174Kb / 3P
   Z8-BIT MICROCONTROLLERS WITH OCD AND VST
logo
InnovASIC, Inc
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
NXP Semiconductors
PCE84C486 PHILIPS-PCE84C486 Datasheet
168Kb / 36P
   Microcontrollers for digital auto-sync and VST TV controller applications
1996 Feb 21
SAA55XX PHILIPS-SAA55XX Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
logo
National Semiconductor ...
COP87L88CF NSC-COP87L88CF Datasheet
555Kb / 40P
   8-Bit CMOS OTP Microcontrollers with 16k Memory and
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com