Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL70244SEHF Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL70244SEHF
Description  19MHz Radiation Hardened 40V Dual Rail-to-Rail Input-Output, Low-Power Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70244SEHF Datasheet(HTML) 4 Page - Intersil Corporation

  ISL70244SEHF Datasheet HTML 1Page - Intersil Corporation ISL70244SEHF Datasheet HTML 2Page - Intersil Corporation ISL70244SEHF Datasheet HTML 3Page - Intersil Corporation ISL70244SEHF Datasheet HTML 4Page - Intersil Corporation ISL70244SEHF Datasheet HTML 5Page - Intersil Corporation ISL70244SEHF Datasheet HTML 6Page - Intersil Corporation ISL70244SEHF Datasheet HTML 7Page - Intersil Corporation ISL70244SEHF Datasheet HTML 8Page - Intersil Corporation ISL70244SEHF Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ISL70244SEH
4
FN8592.2
September 1, 2016
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
Maximum Supply Voltage Differential (V+ to V-) . . . . . . . . . . . . . . . . . . . 42V
Maximum Supply Voltage Differential (V+ to V-) (Note 5) . . . . . . . . . . . 38V
Maximum Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Maximum Differential Input Voltage . . . . . . . 42V or (V- - 0.5V) to V+ + 0.5V
Min/Max Input Voltage . . . . . . . . . . . . . . . . . . . 42V or (V- - 0.5V) to V+ + 0.5V
Max/Min Input Current for Input Voltage >V+ or <V- . . . . . . . . . . . . ±20mA
ESD Tolerance
Human Body Model (Tested per MIL-PRF-883 3015.7). . . . . . . . . . . 2kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . . 200V
Charged Device Model (Tested per CDM-22CI0ID). . . . . . . . . . . . . . 750V
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
10 Ld Flatpack Package (Notes 3, 4). . . . .
44
10
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Recommended Operating Conditions
Ambient Operating Temperature Range . . . . . . . . . . . . . .-55°C to +125°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . . . . .+150°C
Single Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 39.6V
Split Rail Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . ±1.35V to ±19.8V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
3.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379 for details.
4. For
JC, the “case temp” location is the center of the package underside.
5. Tested in a heavy ion environment at LET = 86.4MeV
cm2/mg at +125°C (TC) for SEB. Refer to Single Event Effects Test Report for more information.
Electrical Specifications V
S = ±19.8V, VCM = VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits apply across
the operating temperature range, -55°C to +125°C; over a total ionizing dose of 300krad(Si) with exposure of a high dose rate of 50 to 300rad(Si)/s or
over a total ionizing dose of 50krad(Si) with exposure at a low dose rate of <10mrad(Si)/s
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT
Offset Voltage
VOS
VCM = 0V
-400
25
400
µV
VCM = V+ to V-
-500
110
500
µV
Offset Voltage Temperature
Coefficient
TCVOS
VCM = V+ - 2V to V- + 2V
-
0.5
-
µV/
°C
Input Offset Channel-to-Channel
Match
VOS
VCM = V+
-135
800
µV
VCM = V-
-128
800
µV
Input Bias Current
IB
VCM = 0V
-500
210
500
nA
VCM = V+
-500
200
500
nA
VCM = V-
-650
290
650
nA
VCM = V+ - 0.5V
-500
200
500
nA
VCM = V- + 0.5V
-650
257
650
nA
Input Offset Current
IOS
VCM = V+ to V-
-30
0
30
nA
-50
0
50
nA
Common-Mode Input Voltage Range
VCMIR
V-
-
V+
V
Common-Mode Rejection Ratio
CMRR
VCM = V- to V+
-112
-
dB
VCM = V- to V+
70
--
dB
VCM = V+ - 0.5V to V- + 0.5V
-
111
-
dB
VCM = V+ - 0.5V to V- + 0.5V
80
--
dB
Power Supply Rejection Ratio
PSRR
V- = -18V; V+ = 0.5V to 18V;
V+ = 18V; V- = -0.5V to -18V
-
128
-
dB
83
--
dB
Open-Loop Gain
AVOL
RL = 10kΩ to ground
-
125
-
dB
90
--
dB
Output Voltage High (VOUT to V+)VOH
RL = No Load
-
26
160
mV
RL = 10kΩ
-78
175
mV


Similar Part No. - ISL70244SEHF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70244SEH RENESAS-ISL70244SEH Datasheet
1Mb / 25P
   19MHz Radiation Hardened 40V Dual Rail-to-Rail Input-Output, Low-Power Operational Amplifier
Dec 2, 2020
More results

Similar Description - ISL70244SEHF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70244SEH RENESAS-ISL70244SEH Datasheet
1Mb / 25P
   19MHz Radiation Hardened 40V Dual Rail-to-Rail Input-Output, Low-Power Operational Amplifier
Dec 2, 2020
ISL70444SEH RENESAS-ISL70444SEH Datasheet
1Mb / 26P
   19MHz Radiation Hardened 40V Quad Rail-to-Rail Input - Output, Low-Power Operational Amplifiers
Apr 15, 2021
ISL71444M RENESAS-ISL71444M Datasheet
1Mb / 30P
   19MHz 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifier
Nov.6.20
logo
Intersil Corporation
ISL70444SEH INTERSIL-ISL70444SEH Datasheet
1Mb / 23P
   19MHz Rad Hard 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifiers
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
logo
New Japan Radio
NJM8532 NJRC-NJM8532 Datasheet
303Kb / 10P
   Rail-to-Rail Input/Output Dual Operational Amplifier
logo
Renesas Technology Corp
ISL70218SEH RENESAS-ISL70218SEH Datasheet
918Kb / 23P
   Radiation Hardened Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
Jun 12, 2020
logo
E-CMOS Corporation
EC5758 E-CMOS-EC5758 Datasheet
812Kb / 12P
   1MHz, Low Power, CMOS, EMI Hardened, Rail-to-Rail Dual Operational Amplifier
logo
Texas Instruments
OPA810 TI1-OPA810 Datasheet
644Kb / 21P
[Old version datasheet]   OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com