Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP4500H3BJ Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # TISP4500H3BJ
Description  High-Speed Protectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4500H3BJ Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  TISP4500H3BJ Datasheet HTML 1Page - Bourns Electronic Solutions TISP4500H3BJ Datasheet HTML 2Page - Bourns Electronic Solutions TISP4500H3BJ Datasheet HTML 3Page - Bourns Electronic Solutions TISP4500H3BJ Datasheet HTML 4Page - Bourns Electronic Solutions TISP4500H3BJ Datasheet HTML 5Page - Bourns Electronic Solutions TISP4500H3BJ Datasheet HTML 6Page - Bourns Electronic Solutions TISP4500H3BJ Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3312-2mmSMDTrimmingPotentiometer
TBU-PL Series - TBU® High-Speed Protectors
Reflow Profile
32
1
3.55
(.140)
0.70
(.028)
1.15
(.045)
2.625
(.103)
PIN 1
TOP VIEW
SIDE VIEW
BOTTOM VIEW
A
D
BE
C
JJ
N
N
H
E
K
K
F
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp)
3 °C/sec. max.
Preheat
- Temperature Min. (Tsmin)
- Temperature Max. (Tsmax)
- Time (tsmin to tsmax)
150 °C
200 °C
60-180 sec.
Time maintained above:
- Temperature (TL)
- Time (tL)
217 °C
60-150 sec.
Peak/Classification Temperature (Tp)
260 °C
Time within 5 °C of Actual Peak Temp. (tp)
20-40 sec.
Ramp-Down Rate
6 °C/sec. max.
Time 25 °C to Peak Temperature
8 min. max.
How to Order
TBU - PL 085 - 100 - WH
TBU® Product
Series
PL = Dual Bidirectional Series
Impulse Voltage Rating
050 = 500 V
060 = 600 V
075 = 750 V
085 = 850 V
Trigger Current
100 = 100 mA
200 = 200 mA
Hold to Trip Ratio Suffix
W = Hold to Trip Ratio
Package Suffix
H = DFN Package
Typical Part Marking
PIN 1 & BACKSIDE CHAMFER
A =
A1 =
4.00 ± 0.10
(.157 ± .004)
0.00 - 0.05
(.000 - .002)
0.80 - 1.00
(.031 - .039)
6.50 ± 0.10
(.256 ± .004)
5
8
4
1
2
6
0.85
(.033)
0.90
(.035)
0.85
(.033)
0.30
(.012)
0.30
(.012)
1.335
(.053)
1.335
(.053)
1.275
(.050)
1.275
(.050)
0.85
(.033)
0.85
(.033)
0.85
(.033)
0.73
(.029)
1.20
(.047)
1.20
(.047)
1.35
(.053)
1.35
(.053)
0.85
(.033)
1.275
(.050)
0.725
(.029)
0.825
(.032)
0.70
(.028)
0.825
(.032)
0.40
(.016)
1.15
(.045)
1.25
(.049)
0.75
(.030)
0.75
(.030)
0.75
(.030)
1.30
(.051)
C
PIN 1
0.25
(.010)
0.40
(.016)
0.70
(.028)
5
6
7
8
4
3
2
1
SEATING PLANE
XXXXX
YWWLL
Device Pin Out
Pad #
Pin Out
1
Line 1
2
Vdd (SLIC Ground or 0 V)
3
Not Used
4
Line 1 SLIC
Pad Designation
Pad #
Pin Out
5
Line 2 SLIC
6
Vss (SLIC Negative Supply or -Vbat)
7
Not Used
8
Line 2
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
PIN 1
MANUFACTURER’S
TRADEMARK
5 DIGIT PRODUCT CODE:
• 1ST ALPHA CHARACTER INDICATES PRODUCT FAMILY:
L = TBU-PL SERIES
• 2ND & 3RD DIGITS INDICATE IMPULSE VOLTAGE.
• 4TH & 5TH DIGITS INDICATE TRIGGER CURRENT.
MANUFACTURING
DATE CODE:
• 1ST DIGIT INDICATES THE YEAR.
• 2ND & 3RD DIGITS INDICATE THE WEEK NUMBER.
• 4TH & 5TH DIGITS INDICATE LOT CODE.
XXXXX
YWWLL


Similar Part No. - TISP4500H3BJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
796Kb / 7P
   High-Speed Protectors
TISP4500H3BJR BOURNS-TISP4500H3BJR Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJR-S BOURNS-TISP4500H3BJR-S Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4500H3BJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-CX BOURNS-TBU-CX Datasheet
582Kb / 5P
   High-Speed Protectors
TBU-CA BOURNS-TBU-CA Datasheet
486Kb / 6P
   High-Speed Protectors
TBU-KE BOURNS-TBU-KE Datasheet
526Kb / 6P
   High Speed Protectors
TBU-PK BOURNS-TBU-PK Datasheet
796Kb / 7P
   High-Speed Protectors
TBU-PK050-100-WH_1107 BOURNS-TBU-PK050-100-WH_1107 Datasheet
806Kb / 7P
   TBU짰 High-Speed Protectors
C650-180-WH BOURNS-C650-180-WH_15 Datasheet
667Kb / 6P
   TBU High-Speed Protectors
TBU-PL050-100-WH_1107 BOURNS-TBU-PL050-100-WH_1107 Datasheet
805Kb / 7P
   TBU짰 High-Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH Datasheet
590Kb / 5P
   TBU High Speed Protectors
TBU-DF BOURNS-TBU-DF Datasheet
783Kb / 7P
   TBU High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH Datasheet
561Kb / 5P
   TBU High Speed Protectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com