Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4--23715--7 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 4--23715--7
Description  Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
Instruction Sheet
Terminating Head 58062- 1
For AMPMODU* Mass Termination (MT)
408--9085
LOC B
1
of 5
E
2010 Tyco Electronics Corporation, Harrisburg, PA
All International Rights Reserved
TE logo and Tyco Electronics are trademarks.
*Trademark. Other products, logos, and company names used are the property of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com
04 FEB 10 Rev B
Receptacle Connectors
Figure 1
Channel
Ramp
Feed Channel
Slot
Wire Inserter
Adjuster
(Inserter Rod)
Anti--Backup Pawl
(Not Shown)
Feed Slide
(Not Shown)
Wire Guide
Note:
Adapter for Single--Row
Connectors Not Shown
1. INTRODUCTION
Terminating Head 58062--1 is designed to terminate
unstripped discrete wire sizes 30 through 20 AWG
onto AMPMODU MT receptacle connectors having a
single row (reference part number 1--102747--7) or
double row (reference part number 102393--1)
of contacts with spacing on 2.54¢2.54 mm
[100¢100 in.] centerlines.
The head must be used with one of the following
power units (for operating procedure, refer to the
instructions packaged with the power unit).
Power Unit
Instruction Sheet (408) or
Customer Manual (409)
Pistol Grip Manual Handle
Assembly 58074--1
408--6790
Pistol Grip Pneumatic Handle
Assembly 58075--1
408--6789
Pneumatic Power Bench
Assembly 58338--1
408--9393
Electric Power Unit 931800--1
409--5746
Dimensions in this instruction sheet are in
millimeters [with inches in brackets]. Figures are
not drawn to scale.
Reasons for reissue of this instruction sheet are
provided in Section 8, REVISION SUMMARY.
2. DESCRIPTION (Figure 1)
Features of the head and their function are as follows:
Wire inserter—forces the wire into the slotted beams
of the contact.
Wire guide—holds the connector properly in relation
to the wire.
Adjuster (inserter rod)—is a piston for, and regulates
the travel of, the wire inserter.
Feed slide—automatically advances the connector
after each termination.
Anti--backup pawl—prevents the connector from
moving out of position after it has been advanced by
the feed slide.
An adapter is included with the head that must be
used for terminating single--row connectors.
After the head is installed onto the power unit, it
serves as a guide and support for the connector
during termination. The arrow on the top of the head
indicates the direction that the connector will move in
the head. The wires are terminated onto the
connector using the insulation displacement
technique.
3. SETUP
1. For single--row connectors, refer to Figures 1
and 2, and install the adapter onto the head as
follows:
a. Align the side of the adapter with the side of
the head so that the bottom starts at the slot
and the clip starts at the ramp.
b. Slide the adapter into the slot until the clip
drops into the channel.
2. Install the head onto the power unit according to
the instructions packaged with the power unit.
Make sure to observe any cautions and dangers.
NOTE
i




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl