Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCS-DL004-500-WH Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # TCS-DL004-500-WH
Description  Dual Transient Current Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TCS-DL004-500-WH Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  TCS-DL004-500-WH Datasheet HTML 1Page - Bourns Electronic Solutions TCS-DL004-500-WH Datasheet HTML 2Page - Bourns Electronic Solutions TCS-DL004-500-WH Datasheet HTML 3Page - Bourns Electronic Solutions TCS-DL004-500-WH Datasheet HTML 4Page - Bourns Electronic Solutions TCS-DL004-500-WH Datasheet HTML 5Page - Bourns Electronic Solutions TCS-DL004-500-WH Datasheet HTML 6Page - Bourns Electronic Solutions TCS-DL004-500-WH Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TCS-DL Series - TCSDual Transient Current Suppressors
How to Order
TCS - DL 004 - 500 - WH
TCS™ Product
Series
DL = Dual Series
Impulse Voltage Rating
004 = 40 V
Minimum Trigger Current
250 = 250 mA
500 = 500 mA
750 = 750 mA
Hold to Trip Ratio Suffix
W = 2:1 Maximum to Minimum Trigger Current Ratio
Package Suffix
H = DFN Package
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Typical Part Marking
PIN 1
5 DIGIT PRODUCT CODE:
• 1ST ALPHA CHARACTER INDICATES PRODUCT FAMILY:
D = TCS-DL SERIES
• 2ND & 3RD DIGITS INDICATE IMPULSE VOLTAGE.
• 4TH & 5TH DIGITS INDICATE TRIGGER CURRENT.
MANUFACTURING
DATE CODE:
• 1ST DIGIT INDICATES THE YEAR.
• 2ND & 3RD DIGITS INDICATE THE WEEK NUMBER.
• 4TH & 5TH DIGITS INDICATE LOT CODE.
XXXXX
YWWLL


Similar Part No. - TCS-DL004-500-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TCS-DL004-500-WH BOURNS-TCS-DL004-500-WH Datasheet
572Kb / 7P
   TCS??Dual Transient Current Suppressors
More results

Similar Description - TCS-DL004-500-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TCS-DL004-250-WH BOURNS-TCS-DL004-250-WH Datasheet
572Kb / 7P
   TCS??Dual Transient Current Suppressors
logo
Texas Instruments
TCM1030 TI1-TCM1030_14 Datasheet
118Kb / 9P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1030_1998 TI1-TCM1030_1998 Datasheet
117Kb / 8P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1050DR TI1-TCM1050DR Datasheet
117Kb / 8P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1030 TI-TCM1030_99 Datasheet
78Kb / 6P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1030 TI-TCM1030 Datasheet
114Kb / 8P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
logo
MERITEK ELECTRONICS COR...
MHC-L MERITEK-MHC-L Datasheet
239Kb / 6P
   Transient Voltage Suppressors (High Current)
logo
Motorola, Inc
MR2535L MOTOROLA-MR2535L Datasheet
79Kb / 4P
   MEDIUM CURRENT OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Power Innovations Ltd
TISP1072F3 POINN-TISP1072F3 Datasheet
483Kb / 17P
   DUAL ASYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP1082 POINN-TISP1082 Datasheet
248Kb / 11P
   DUAL ASYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com