Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBU-CAxxx-500-WH Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # TBU-CAxxx-500-WH
Description  High-Speed Protectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-CAxxx-500-WH Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  TBU-CAxxx-500-WH Datasheet HTML 1Page - Bourns Electronic Solutions TBU-CAxxx-500-WH Datasheet HTML 2Page - Bourns Electronic Solutions TBU-CAxxx-500-WH Datasheet HTML 3Page - Bourns Electronic Solutions TBU-CAxxx-500-WH Datasheet HTML 4Page - Bourns Electronic Solutions TBU-CAxxx-500-WH Datasheet HTML 5Page - Bourns Electronic Solutions TBU-CAxxx-500-WH Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-75 -50 -25 0255075 100 125 150
Junction Temperature (°C)
2.2
1.6
1.8
2.0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-75 -50 -25 0255075 100 125 150
Junction Temperature (°C)
TBU-CA Series - TBU® High-Speed Protectors
Reference Application
The TBU® devices are general use protectors used in a wide
variety of applications. The maximum voltage rating of the TBU®
device should never be exceeded. Where necessary, an OVP
should be employed to limit the maximum voltage. A cost-
effective protection solution combines Bourns® TBU® protection
devices with a pair of Bourns® MOVs. For bandwidth sensitive
applications, a Bourns® GDT may be substituted for the MOV.
The TBU® device, constructed using MOSFET semiconductor
technology, placed in the system circuit will monitor the current
with the MOSFET detection circuit triggering to provide an
effective barrier behind which sensitive electronics are not
exposed to large voltages or currents during surge events. The
TBU® device operates in approximately 1 μs - once line current
exceeds the TBU® device’s trigger current Itrigger. When operat-
ed, the TBU® device will limit the current to less than the Itrigger
value within the tblock duration. If voltage above Vreset is contin-
uously sustained, the TBU® device will subsequently reduce the
current to a quiescent current level within a period of time that is
dependent upon the applied voltage.
After the surge, the TBU® device resets when the voltage
across the TBU® device falls to the Vreset level. The TBU®
device will automatically reset on lines which have no DC bias
or have DC bias below Vreset (such as unpowered signal lines).
If the line has a normal DC bias above Vreset, the voltage
across the TBU® device may not fall below Vreset after the
surge. In such cases, special care needs to be taken to ensure
that the TBU® device will reset, with software monitoring as one
method used to accomplish this. Bourns application
engineers can provide further assistance.
Basic TBU Operation
Performance Graphs
Typical V-I Characteristics (TBU-CA050-300-WH)
Typical Trigger Current vs. Temperature
Equip.
OVP
OVP
Line
Line
TBU®
Device
TBU®
Device
Line In /
Line Out
Line Out
/ Line In
Line Out
/ Line In
Line In /
Line Out
Typical Resistance vs. Temperature
Power Derating Curve
CURRENT
(100 mA/div)
VOLTAGE
(5 V/div)
ITRIP
VRESET
No Additional PCB Cu
0.5 sq. in. Additional PCB Cu
Junction Temperature (°C)
20
3.0
2.5
2.0
1.5
1.0
0.5
0.0
40
60
80
100
120
140
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-75 -50 -25 0255075 100 125 150
Junction Temperature (°C)
2.2
1.6
1.8
2.0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-75 -50 -25 0255075 100 125 150
Junction Temperature (°C)


Similar Part No. - TBU-CAxxx-500-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-CAXXX-500-WH-Q BOURNS-TBU-CAXXX-500-WH-Q Datasheet
942Kb / 7P
   TBU® High-Speed Protectors
Mar 31, 2015
More results

Similar Description - TBU-CAxxx-500-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-CX BOURNS-TBU-CX Datasheet
582Kb / 5P
   High-Speed Protectors
TBU-KE BOURNS-TBU-KE Datasheet
526Kb / 6P
   High Speed Protectors
TBU-PK BOURNS-TBU-PK Datasheet
796Kb / 7P
   High-Speed Protectors
TBU-PL BOURNS-TBU-PL Datasheet
628Kb / 7P
   High-Speed Protectors
TBU-PK050-100-WH_1107 BOURNS-TBU-PK050-100-WH_1107 Datasheet
806Kb / 7P
   TBU짰 High-Speed Protectors
C650-180-WH BOURNS-C650-180-WH_15 Datasheet
667Kb / 6P
   TBU High-Speed Protectors
TBU-PL050-100-WH_1107 BOURNS-TBU-PL050-100-WH_1107 Datasheet
805Kb / 7P
   TBU짰 High-Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH Datasheet
590Kb / 5P
   TBU High Speed Protectors
TBU-DF BOURNS-TBU-DF Datasheet
783Kb / 7P
   TBU High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH Datasheet
561Kb / 5P
   TBU High Speed Protectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com