Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDxxxx-S0180 Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # CDxxxx-S0180
Description  Switching Chip Diode Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDxxxx-S0180 Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  CDxxxx-S0180 Datasheet HTML 1Page - Bourns Electronic Solutions CDxxxx-S0180 Datasheet HTML 2Page - Bourns Electronic Solutions CDxxxx-S0180 Datasheet HTML 3Page - Bourns Electronic Solutions CDxxxx-S0180 Datasheet HTML 4Page - Bourns Electronic Solutions CDxxxx-S0180 Datasheet HTML 5Page - Bourns Electronic Solutions CDxxxx-S0180 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
3312 - 2 mm SMD Trimming Potentiometer
Switching Chip Diode Series - 0603/1005
Packaging Information
.......
.......
.......
.......
.......
.......
.......
.......
PA
F
E
T
120 °
D2
D
D
1
W1
C
Index Hole
Pin 1
Location
P
0
P
1
W
B
10 pitches (min.)
Direction of Feed
10 pitches (min.)
End
Trailer
Device
Leader
Start
d
The product is packaged in tape and reel format per EIA-481 standard.
DIMENSIONS:
MM
(INCHES)
Item
Symbol
0603
1005
Carrier Width
A
1.00 ± 0.10
(0.039 ± 0.004)
1.55 ± 0.10
(0.061 ± 0.004)
Carrier Length
B
1.85 ± 0.10
(0.073 ± 0.004)
2.65 ± 0.10
(0.104 ± 0.004)
Carrier Depth
C
1.00 ± 0.10
(0.039 ± 0.004)
1.05 ± 0.10
0.041 ± 0.004)
Sprocket Hole
d
1.55 ± 0.05
(0.061 ± 0.002)
1.55 ± 0.10
(0.061 ± 0.004)
Reel Outside Diameter
D
178
(7.008)
178
(7.008)
Reel Inner Diameter
D1
60.0
(2.362)
MIN.
60.0
(2.362)
MIN.
Feed Hole Diameter
D2
13.0 ± 0.20
(0.512 ± 0.008)
13.0 ± 0.20
(0.512 ± 0.008)
Sprocket Hole Position
E
1.75 ± 0.10
(0.069 ± 0.004)
1.75 ± 0.10
(0.069 ± 0.004)
Punch Hole Position
F
3.50 ± 0.05
(0.138 ± 0.002)
3.50 ± 0.05
(0.138 ± 0.002)
Punch Hole Pitch
P
4.00 ± 0.10
(0.157 ± 0.004)
4.00 ± 0.10
(0.157 ± 0.004)
Sprocket Hole Pitch
P0
4.00 ± 0.10
(0.157 ± 0.004)
4.00 ± 0.10
(0.157 ± 0.004)
Embossment Center
P1
2.00 ± 0.05
(0.079 ± 0.002)
2.00 ± 0.05
(0.079 ± 0.002)
Overall Tape Thickness
T
0.20 ± 0.05
(0.008 ± 0.002)
0.25 ± 0.05
(0.010 ± 0.002)
Tape Width
W
8.00 ± 0.20
(0.315 ± 0.008)
8.00 ± 0.20
(0.315 ± 0.008)
Reel Width
W1
13.5
(0.531)
MAX.
13.5
(0.531)
MAX.
Quantity per Reel
--
4,000
4,000
REV. 12/15
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.


Similar Part No. - CDxxxx-S0180

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
CDX-0746 ECS-CDX-0746 Datasheet
126Kb / 1P
   SMD TUNING FORK CRYSTAL
logo
Sony Corporation
CDX-424RF SONY-CDX-424RF Datasheet
819Kb / 7P
   COMPACT DISC CHANGER SYSTEM
CDX-605 SONY-CDX-605 Datasheet
1Mb / 34P
   SERVICE MANUAL
2017
logo
List of Unclassifed Man...
CDX-900 ETC2-CDX-900 Datasheet
46Kb / 1P
   16 bit over sampling digital filter
CDX-900U ETC2-CDX-900U Datasheet
46Kb / 1P
   16 bit over sampling digital filter
More results

Similar Description - CDxxxx-S0180

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD0603-S0180R BOURNS-CD0603-S0180R Datasheet
224Kb / 6P
   Switching Chip Diode Series
CD0805-S0180R BOURNS-CD0805-S0180R Datasheet
297Kb / 6P
   Switching Chip Diode Series
CD0603-S01575 BOURNS-CD0603-S01575 Datasheet
260Kb / 4P
   Switching Chip Diode
logo
Central Semiconductor C...
CPD63 CENTRAL-CPD63 Datasheet
207Kb / 2P
   Switching Diode High Speed Switching Diode Chip
CPD41 CENTRAL-CPD41_10 Datasheet
470Kb / 2P
   Switching Diode High Current Switching Diode Chip
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
CPD83V CENTRAL-CPD83V_10 Datasheet
427Kb / 2P
   Switching Diode High Speed Switching Diode Chip
CPD91 CENTRAL-CPD91 Datasheet
30Kb / 1P
   Switching Diode Low Leakage Switching Diode Chip
CPD41 CENTRAL-CPD41 Datasheet
132Kb / 2P
   Switching Diode High Current Switching Diode Chip
CPD91V CENTRAL-CPD91V_10 Datasheet
825Kb / 2P
   Switching Diode Low Leakage Switching Diode Chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com