Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1810-15-XX Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 1810-15-XX
Description  Signal and Dataline Protector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

1810-15-XX Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  1810-15-XX Datasheet HTML 1Page - Bourns Electronic Solutions 1810-15-XX Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
File No.
1800SERS3
P/N 1669
PROTECTOR
BOURNS
P/N 1820
BLK
RED
XMTR
/WHITE
/WHITE
GREEN
BLACK
RED
1669
BOURNS
CONTROL ROOM
I
I
SUPPLY
POWER
OHMS
250
1-5 VOLTS
RECEIVER
E2
E3
E1
L2
L3
L1
GND
COMMON
GND.
Typical Connections
Unbalanced Interface, Two Individual Circuits, Such as RS-233
REV. I 01/15
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
1800 Series – Signal and Dataline Protector
How To Order (Clamp)
Add -A1 to base model number for
DIN-1 clamp.
(Example: 1810-10-A1)
P/N 1810
P/N 1810
GND.
COMMON
AND/OR GND.
EQPT. COMMON
XMTR
GND
L1
L3
L2
E1
E3
E2
RCVR
RCVR
E2
E3
E1
L2
L3
L1
GND
XMTR
EQPT. COMMON
AND/OR GND.
COMMON
GND.
BLDG. 1
BLDG. 2
Balanced or Differential Interface, Such as RS-422
P/N 1820
BLDG. 2
BLDG. 1
RCVR
E2
E3
E1
L2
L3
L1
GND
EQPT. COMMON
AND/OR GND.
COMMON
GND.
P/N 1820
GND.
COMMON
AND/OR GND.
EQPT. COMMON
XMTR
GND
L1
L3
L2
E1
E3
E2
Current Loop, 4-20 mA
Grounding: The 8-32 mounting screw and attached clamp, and hence the DIN-1 (TS-32)
or DIN-3 (TS-35) rail, serve as the protector ground. The rail (or 8-32 mounting screw if the
clamp is not used) should be connected to the facility ground via an AWG #6 or larger copper
wire. This wire should be as short and straight as possible. Single point grounding will provide
better protection and will permit the protector to be located a distance from the equipment.
Product Dimensions
E3/L3 GROUNDING LINK
GND
48.51
(1.91)
18.80
(0.74)
83.31
(3.28)
PIN
ALIGNMENT
8-32UNF-2A
9.53
(0.375)
3.18
(0.125)
2.36
(0.093)
17.80
(0.70)
DIMENSIONS:
MM
(INCHES)
(TS-32/EN50035)
DIN-1 RAIL
GROUNDING SCREW
FEED-THRU(E3/L3)
49.02
(1.93)
28.96
(1.14)
(TS-35/EN50022)
DIN-3 RAIL
MOUNTING/GROUNDING SCREW
45.47
(1.79)
Add -A3 to base model number for
DIN-3 clamp.
(Example: 1810-10-A3)
DIMENSIONS:
MM
(INCHES)


Similar Part No. - 1810-15-XX

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1810-15-XX BOURNS-1810-15-XX Datasheet
350Kb / 2P
   Signal and Dataline Protector
More results

Similar Description - 1810-15-XX

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1810-10-XX BOURNS-1810-10-XX Datasheet
350Kb / 2P
   Signal and Dataline Protector
1840 BOURNS-1840 Datasheet
476Kb / 2P
   Signal and Dataline Protector
logo
ON Semiconductor
CM1214A ONSEMI-CM1214A_16 Datasheet
362Kb / 9P
   1 and 2-Channel AC Signal ESD Protector
October, 2016 ??Rev. 6
CM1214 ONSEMI-CM1214 Datasheet
468Kb / 8P
   1 and 2-Channel AC Signal ESD Protector
January, 2014 ??Rev. 2
logo
NXP Semiconductors
SAA4700T PHILIPS-SAA4700T Datasheet
80Kb / 14P
   VPS dataline processor
March 1991
SAA4700 PHILIPS-SAA4700 Datasheet
65Kb / 12P
   VPS dataline processor
March 1991
logo
ON Semiconductor
CM1214A ONSEMI-CM1214A Datasheet
437Kb / 14P
   1- and 2-Channel PicoGuard AC Signal ESD Protector
April 2010 ??Rev.2
logo
List of Unclassifed Man...
CM1214 ETC-CM1214 Datasheet
321Kb / 10P
   1 and 2 Channel PicoGuardTM AC Signal ESD Protector
logo
California Micro Device...
CM1214A CALMIRCO-CM1214A Datasheet
313Kb / 9P
   1 and 2 Channel PicoGuardTM AC Signal ESD Protector
logo
Diodes Incorporated
DLPT05A DIODES-DLPT05A Datasheet
420Kb / 6P
   SURFACE MOUNT DATALINE PROTECTION DEVICE
Rev. 2 - 2 November 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com