Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL70003SEHVX Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL70003SEHVX
Description  Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70003SEHVX Datasheet(HTML) 3 Page - Intersil Corporation

  ISL70003SEHVX Datasheet HTML 1Page - Intersil Corporation ISL70003SEHVX Datasheet HTML 2Page - Intersil Corporation ISL70003SEHVX Datasheet HTML 3Page - Intersil Corporation ISL70003SEHVX Datasheet HTML 4Page - Intersil Corporation ISL70003SEHVX Datasheet HTML 5Page - Intersil Corporation ISL70003SEHVX Datasheet HTML 6Page - Intersil Corporation ISL70003SEHVX Datasheet HTML 7Page - Intersil Corporation ISL70003SEHVX Datasheet HTML 8Page - Intersil Corporation ISL70003SEHVX Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ISL70003SEH
3
FN8604.5
May 12, 2016
Submit Document Feedback
Functional Block Diagram
FIGURE 3. FUNCTIONAL BLOCK DIAGRAM
POR and ON/OFF
CONTROL
PWM
REFERENCE
0.6V
SOFT
START
EA
COMP
GATE
DRIVE
CURRENT
SENSE
LXx
PVINx
CONTROL
LOGIC
PWM
FB
PGNDx
SS_CAP
SYNC
POR_VIN
REF
NI
RT/CT
VERR
OVERCURRENT
ADJUST
OCSETA
OCSETB
BUFIN+
BUFOUT
BUF
SEL1
DDR VREF
BUFFER AMP
RAMP
VOUT
MONITOR
PGOOD
LINEAR
DVDD
SGND
IMON
SEL2
BUFIN-
FSEL
AVDD
REGULATORs
DE
AGND
PGNDx
DGND
Ordering Information
ORDERING SMD
NUMBER (Note 1)
PART NUMBER
(Note 2)
TEMPERATURE
RANGE (°C)
PACKAGE
(RoHS Compliant)
PACKAGE
DRAWING
5962R1420301VXC
ISL70003SEHVF
-55 to +125
64 Ld CQFP
R64.A
5962R1420301VYC
ISL70003SEHVFE
-55 to +125
64 Ld CQFP with Heatsink
R64.C
5962R1420301V9A
ISL70003SEHVX
-55 to +125
Die
N/A
ISL70003SEHF/PROTO
-55 to +125
64 Ld CQFP
R64.A
N/A
ISL70003SEHFE/PROTO
-55 to +125
64 Ld CQFP with Heatsink
R64.C
N/A
ISL70003SEHX/SAMPLE
-55 to +125
Die
N/A
ISL70003SEHEV1Z
Evaluation Board
NOTES:
1. Specifications for Rad Hard QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers listed must be
used when ordering.
2. These Intersil Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations.


Similar Part No. - ISL70003SEHVX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70003SEHVX RENESAS-ISL70003SEHVX Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
More results

Similar Description - ISL70003SEHVX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 36P
   Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
ISL70003ASEH INTERSIL-ISL70003ASEH Datasheet
2Mb / 36P
   Radiation and SEE Tolerant 3V to 13.2V, 9A Buck Regulator
August 5, 2015
logo
Renesas Technology Corp
ISL70002SEH RENESAS-ISL70002SEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
   Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
logo
Intersil Corporation
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com