Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL70003SEHVFE Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL70003SEHVFE
Description  Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70003SEHVFE Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL70003SEHVFE Datasheet HTML 5Page - Intersil Corporation ISL70003SEHVFE Datasheet HTML 6Page - Intersil Corporation ISL70003SEHVFE Datasheet HTML 7Page - Intersil Corporation ISL70003SEHVFE Datasheet HTML 8Page - Intersil Corporation ISL70003SEHVFE Datasheet HTML 9Page - Intersil Corporation ISL70003SEHVFE Datasheet HTML 10Page - Intersil Corporation ISL70003SEHVFE Datasheet HTML 11Page - Intersil Corporation ISL70003SEHVFE Datasheet HTML 12Page - Intersil Corporation ISL70003SEHVFE Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ISL70003SEH
9
FN8604.5
May 12, 2016
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
LXx, PVINx . . . . . . . . . . . . . . . . . . . . . . . . . . . .PGNDx - 0.3V to PGNDx + 16V
LXx, PVINx (Note 4). . . . . . . . . . . . . . . . . . . PGNDx - 0.3V to PGNDx + 14.7V
LXx, PVINx (Note 5). . . . . . . . . . . . . . . . . . . PGNDx - 0.3V to PGNDx + 13.7V
AVDD - AGND, DVDD - DGND . . . . . . . . . . . . . . . . . . . . . . . . . . PVINx to -0.3V
VREFA. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GNDA - 0.3V to GNDA + 5.5V
VREFD, VREF_OUTS . . . . . . . . . . . . . . . . . . . . .GNDD - 0.3V to GNDD + 5.5V
Signal Pins (Note 10) . . . . . . . . . . . . . . . . . . . GNDA - 0.3V to VREFA + 0.3V
Digital Control Pins (Note 11) . . . . . . . . . . . . .GNDD - 0.3V to VREFD+ 0.3V
SS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .DGND - 0.3V to DGND + 2.5V
PGOOD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GNDD - 0.3V to DVDD
RTCT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GNDD - 0.3V to DVDD
ESD Rating
Human Body Model (Tested per MIL-STD-883 TM3015.7) . . . . . . . . 2kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . 200V
Charge Device Model (Tested per JESD22-C101D) . . . . . . . . . . . . 750V
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
CQFP Package R64.A (Notes 6, 7) . . . . . . .
34
1.5
CQFP Package R64.C (Notes 8, 9) . . . . . . .
17
0.7
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Recommended Operating Conditions
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
PVINx, AVDD, DVDD . . . . . . . . . . . . . . . . . . . . . . . . 3.3V ±10% to 12V ±10%
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4. For operation in a heavy ion environment at LET = 86.4 MeV•cm2/mg at 125°C (TC) and sourcing 7A load current.
5. For operation in a heavy ion environment at LET = 86.4 MeV•cm2/mg at 125°C (TC) with any negative inductor current to sinking -4A load current.
6.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
7. For
JC, the “case temp” location is the center of the package underside.
8.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
9. For
JC, the “case temp” location is the center of the exposed metal heatsink on the package underside.
10. POR_VIN, FB, NI, VERR, OCSETA, OCSETB, BUFOUT, BUFIN-, BUFIN+, IMON and REF pins.
11. FSEL, EN, SYNC, SEL1, SEL2, and DE pins.
Electrical Specifications Unless otherwise noted, VIN = AVDD = DVDD = PVINx = EN = 3V - 13.2V; GND = AGND = DGND = PGNDx =
GNDx = 0V; POR_VIN = FB = 0.65V; SYNC = LXx = Open Circuit; PGOOD is pulled up to VREFD with a 3k resistor; REF is bypassed to GND with a 220nF
capacitor; SS is bypassed to GND with a 100nF capacitor; IOUT = 0A; TA = TJ = +25°C. (Note 4). Boldface limits apply across the operating temperature
range, -55°C to +125°C; over a total ionizing dose of 100krad(Si) with exposure at a high dose rate of 50 - 300rad(Si)/s; or over a total ionizing dose of
50krad(Si) with exposure at a low dose rate of <10mrad(Si)/s.
PARAMETER
TEST CONDITIONS
MIN
(Note 15)TYP
MAX
(Note 15)UNITS
POWER SUPPLY
Operating Supply Current
PVINx = 13.2V, FSEL = 1
80
125
mA
PVINx = 13.2V, FSEL = 0
80
125
mA
PVINx = 3.0V, FSEL = 1
30
60
mA
PVINx = 3.0V, FSEL = 0
30
60
mA
Standby Supply Current
PVINx = 13.2V, SEL1 = SEL2 = GND, FSEL = 1
20
30
mA
PVINx = 13.2V, SEL1 = SEL2 = GND, FSEL = 0
20
30
mA
PVINx = 3.0V, SEL1 = SEL2 = GND, FSEL = 1
10
15
mA
PVINx = 3.0V, SEL1 = SEL2 = GND, FSEL = 0
10
15
mA
Shutdown Supply Current
PVINx = 13.2V, EN = GND
1.5
3.0
mA
PVINx = 3.0V, EN = GND
0.4
1.0
mA
LINEAR REGULATORS
Output Voltage
AVDD, DVDD = 13.2V
4.5
5.0
5.5
V
Current Limit
AVDD, DVDD = 13.2V
50
190
mA


Similar Part No. - ISL70003SEHVFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70003SEHVFE RENESAS-ISL70003SEHVFE Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
More results

Similar Description - ISL70003SEHVFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 36P
   Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
ISL70003ASEH INTERSIL-ISL70003ASEH Datasheet
2Mb / 36P
   Radiation and SEE Tolerant 3V to 13.2V, 9A Buck Regulator
August 5, 2015
logo
Renesas Technology Corp
ISL70002SEH RENESAS-ISL70002SEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
   Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
logo
Intersil Corporation
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com