Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL70003SEHVF Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL70003SEHVF
Description  Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70003SEHVF Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL70003SEHVF Datasheet HTML 7Page - Intersil Corporation ISL70003SEHVF Datasheet HTML 8Page - Intersil Corporation ISL70003SEHVF Datasheet HTML 9Page - Intersil Corporation ISL70003SEHVF Datasheet HTML 10Page - Intersil Corporation ISL70003SEHVF Datasheet HTML 11Page - Intersil Corporation ISL70003SEHVF Datasheet HTML 12Page - Intersil Corporation ISL70003SEHVF Datasheet HTML 13Page - Intersil Corporation ISL70003SEHVF Datasheet HTML 14Page - Intersil Corporation ISL70003SEHVF Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
ISL70003SEH
11
FN8604.5
May 12, 2016
Submit Document Feedback
POWER BLOCKS
Upper Device rDS(ON)
PVINx = 3.0V
170
420
700
PVINx = 5.5V
120
310
600
Lower Device rDS(ON)
PVINx = 3.0V
90
240
455
PVINx = 5.5V
60
210
425
LXx Output Leakage
EN = LXx = GND, Single LXx Output
1
3
µA
EN = GND, LXx = PVINx, Single LXx Output
1
3
µA
Dead Time
Within a Single Power Block or between Power
Blocks (Note 14)
4
ns
POWER-GOOD SIGNAL
Rising Threshold
VFB as a % of VREF
107
111
115
%
Rising Hysteresis
VFB as a % of VREF
2
3.5
5
%
Falling Threshold
VFB as a % of VREF
85
89
93
%
Falling Hysteresis
VFB as a % of VREF
2
3.5
5
%
Power-good Drive
PVIN = 3V, PGOOD = 0.4V, EN = GND
7.2
mA
Power-good Leakage
PVIN = PGOOD = 13.2V
1
µA
PROTECTION FEATURES
Undervoltage Protection
Undervoltage Trip Threshold
VFB as a % of VREF, Test mode
71
75
79
%
Undervoltage Recovery Threshold
VFB as a % of VREF, Test mode
86
90
94
%
Overcurrent Protection
Overcurrent Accuracy
ROCSETA, B = 6kΩ (IOC = 0.6A/LX) VIN = 12V
0.43
0.6
0.77
A/LX
BUFFER AMPLIFIER
Gain Bandwidth Product
CL = 1µF, ISOURCE = 1mA, AV = 1, VOUT = 1.25V
(Note 14)
200
kHz
Source Current Capability
20
mA
Sink Current Capability
250
400
µA
Offset Voltage
-4
0
4
mV
IMON CURRENT MONITOR
IMON Sense Time
145
215
300
ns
IMON Output Current Gain
ILOAD = 1A/Power Stage, LXx Off Time >300ns
100
µA/A
IMON Gain Accuracy
ILOAD = 1A/Power Stage, LXx Off Time >300ns
-14
14
µA
NOTES:
12. Typical values shown are not guaranteed.
13. The 0A to 6A output current range may be reduced by Minimum LXx On Time and Minimum LXx Off Time specifications.
14. Limits established by characterization or analysis and are not production tested.
15. Parameters with MIN and/or MAX limits are 100% tested at -55°C, +25°C and +125°C, unless otherwise specified.
Electrical Specifications Unless otherwise noted, VIN = AVDD = DVDD = PVINx = EN = 3V - 13.2V; GND = AGND = DGND = PGNDx =
GNDx = 0V; POR_VIN = FB = 0.65V; SYNC = LXx = Open Circuit; PGOOD is pulled up to VREFD with a 3k resistor; REF is bypassed to GND with a 220nF
capacitor; SS is bypassed to GND with a 100nF capacitor; IOUT = 0A; TA = TJ = +25°C. (Note 4). Boldface limits apply across the operating temperature
range, -55°C to +125°C; over a total ionizing dose of 100krad(Si) with exposure at a high dose rate of 50 - 300rad(Si)/s; or over a total ionizing dose of
50krad(Si) with exposure at a low dose rate of <10mrad(Si)/s. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 15)TYP
MAX
(Note 15)UNITS


Similar Part No. - ISL70003SEHVF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70003SEHVF RENESAS-ISL70003SEHVF Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
ISL70003SEHVFE RENESAS-ISL70003SEHVFE Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
More results

Similar Description - ISL70003SEHVF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 36P
   Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
ISL70003ASEH INTERSIL-ISL70003ASEH Datasheet
2Mb / 36P
   Radiation and SEE Tolerant 3V to 13.2V, 9A Buck Regulator
August 5, 2015
logo
Renesas Technology Corp
ISL70002SEH RENESAS-ISL70002SEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
   Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
logo
Intersil Corporation
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com