Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHM-12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SHM-12
Description  Ultra-Fast, 12-Bit Linear Monolithic Sample-Hold Amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SHM-12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SHM-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers SHM-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHM-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHM-12 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHM-12 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHM-12 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IN N O VA T IO N a n d E X C ELL E N C E
®
®
SHM-12
Ultra-Fast, 12-Bit Linear
Monolithic Sample-Hold Amplifiers
FEATURES
• Fast acquisition time:
10ns to ±0.1%
15ns to ±0.024%
20ns to ±0.012%
• ±0.006% Nonlinearity
• 65µVrms output noise
• 120MHz small signal bandwidth
• 55MHz full power bandwidth
• –80dB feedthrough
• 1ps Aperture jitter
• 250mW power dissipation
• Low cost
Figure 1. SHM-12 Functional Block Diagram
1, 2, 5, 7, 9, 10
ANALOG
OUTPUT
4
18
ANALOG INPUT
11
SAMPLE/HOLD
SWITCH
DRIVE
19
15
12, 13, 17, 20
14, 16
GROUND
EXTERNAL HOLD
CAPACITOR
–5V SUPPLY
+5V SUPPLY
3
6, 8
NOT CONNECTED
DO NOT
CONNECT
+1
+1
SAMPLE/HOLD
CH
15pF
GENERAL DESCRIPTION
The SHM-12 is an extremely high-speed and accurate
monolithic sample-and-hold amplifier designed for fast data
acquisition applications. The SHM-12 is accurate (±1LSB at 12
bits over the full military temperature range) and is very fast
(10ns and 15ns acquisition times to accuracies of 10 and 12-
bits, respectively). With this high performance and a full power
bandwidth of 55MHz, the SHM-12 is an ideal device for driving
flash and high-resolution subranging A/D converters.
A careful design optimizes the device for accuracy and speed
over the full military temperature range. The droop rate is a low
±0.5mV/µs. The 30mA output current and guaranteed
specifications for a 100
Ω load provide high drive capability.
Operating from ±5V supplies, the SHM-12 consumes only
250mW of power.
The SHM-12 is built using a fast complementary bipolar
process. The device is available in both military and industrial
temperature ranges. The SHM-12 is packaged in a 20-pin
plastic SOIC or ceramic LCC.
1
–5V SUPPLY
2
–5V SUPPLY
3
NOT CONNECTED
4
ANALOG INPUT
5
–5V SUPPLY
6
DO NOT CONNECT
7
–5V SUPPLY
8
DO NOT CONNECT
9
–5V SUPPLY
10
–5V SUPPLY
PIN
FUNCTION
20
+5V SUPPLY
19
SAMPLE/HOLD
18
SAMPLE/HOLD
17
+5V SUPPLY
16
GROUND
15
EXT. CAPACITOR
14
GROUND
13
+5V SUPPLY
12
+5V SUPPLY
11
ANALOG OUTPUT
PIN
FUNCTION
INPUT/OUTPUT CONNECTIONS
(CLCC and SOIC-20 Packages)
DATEL, Inc., 11 Cabot Boulevard, Mansfield, MA 02048-1151 (U.S.A.)
• Tel: (508) 339-3000 Fax: (508) 339-6356 • For immediate assistance (800) 233-2765


Similar Part No. - SHM-12

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SHM-12 MURATA-PS-SHM-12 Datasheet
155Kb / 6P
   Ultra-Fast, 12-Bit Linear Monolithic Sample-Hold Amplifiers
SHM-12L MURATA-PS-SHM-12L Datasheet
155Kb / 6P
   Ultra-Fast, 12-Bit Linear Monolithic Sample-Hold Amplifiers
SHM-12LM MURATA-PS-SHM-12LM Datasheet
155Kb / 6P
   Ultra-Fast, 12-Bit Linear Monolithic Sample-Hold Amplifiers
SHM-12S MURATA-PS-SHM-12S Datasheet
155Kb / 6P
   Ultra-Fast, 12-Bit Linear Monolithic Sample-Hold Amplifiers
More results

Similar Description - SHM-12

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SHM-12 MURATA-PS-SHM-12 Datasheet
155Kb / 6P
   Ultra-Fast, 12-Bit Linear Monolithic Sample-Hold Amplifiers
SHM-14 MURATA-PS-SHM-14 Datasheet
155Kb / 6P
   Ultra-Fast, 14-Bit Linear Monolithic Sample-Hold Amplifiers
logo
List of Unclassifed Man...
SHM-14 ETC-SHM-14 Datasheet
153Kb / 6P
   Ultra-Fast, 14-Bit Linear Monolithic Sample-Hold Amplifiers
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
   SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-50GE-C DATEL-SHM-50GE-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-50MM DATEL-SHM-50MM Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-950GC DATEL-SHM-950GC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-950MC DATEL-SHM-950MC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-49MC DATEL-SHM-49MC Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com