Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL95872HRUZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL95872HRUZ-T
Description  Buck PWM Controller with Internal Compensation and External Reference Tracking
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95872HRUZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL95872HRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL95872HRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL95872HRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL95872HRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL95872HRUZ-T Datasheet HTML 11Page - Intersil Corporation ISL95872HRUZ-T Datasheet HTML 12Page - Intersil Corporation ISL95872HRUZ-T Datasheet HTML 13Page - Intersil Corporation ISL95872HRUZ-T Datasheet HTML 14Page - Intersil Corporation ISL95872HRUZ-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ISL95872
11
FN7974.0
January 26, 2012
Figure 13 shows the overcurrent set circuit. The inductor consists
of inductance L and the DC resistance DCR. The inductor DC
current IL creates a voltage drop across DCR, which is given by
Equation 4:
The IOCSET current source sinks 8.5µA into the OCSET pin,
creating a DC voltage drop across the resistor ROCSET, which is
given by Equation 5:
The DC voltage difference between the OCSET pin and the VO pin,
which is given by Equation 6:
The IC monitors the voltage of the OCSET pin and the VO pin.
When the voltage of the OCSET pin is higher than the voltage of
the VO pin for more than 10µs, an OCP fault latches the
converter off.
The value of ROCSET is calculated with Equation 7, which is
written as:
Where:
-ROCSET (Ω) is the resistor used to program the overcurrent
setpoint
-IOC is the output DC load current that will activate the OCP
fault detection circuit
- DCR is the inductor DC resistance
For example, if IOC is 20A and DCR is 4.5mΩ, the choice of
ROCSET is equal to 20A x 4.5mΩ/8.5µA = 10.5kΩ.
Resistor ROCSET and capacitor CSEN form an R-C network to
sense the inductor current. To sense the inductor current
correctly not only in DC operation, but also during dynamic
operation, the R-C network time constant ROCSET CSEN needs to
match the inductor time constant L/DCR. The value of CSEN is
then written as Equation 8:
For example, if L is 1.5µH, DCR is 4.5m
Ω, and ROCSET is 9kΩ, the
choice of CSEN = 1.5µH/(9kΩ x 4.5mΩ) = 0.037µF.
When an OCP fault is declared, the converter will be latched off
and the PGOOD pin will be asserted low. The fault will remain
latched until the EN pin has been pulled below the falling EN
threshold voltage VENTHF or if VCC has decayed below the falling
POR threshold voltage VVCC_THF.
Undervoltage
The UVP fault detection circuit triggers after the FB pin voltage is
below the undervoltage threshold VUVTH for more than 2µs. For
example if the converter is programmed to regulate 1.0V at the FB
pin, that voltage would have to fall below the typical VUVTH
threshold of 84% for more than 2µs in order to trip the UVP fault
latch. In numerical terms, that would be 84% x 1.0V = 0.84V.
When a UVP fault is declared, the converter will be latched off and
the PGOOD pin will be asserted low. The fault will remain latched
until the EN pin has been pulled below the falling EN threshold
voltage VENTHF or if VCC has decayed below the falling POR
threshold voltage VVCC_THF.
Over-Temperature
When the temperature of the IC increases above the rising threshold
temperature TOTRTH, it will enter the OTP state that suspends the
PWM, forcing the LGATE and UGATE gate-driver outputs low. The
status of the PGOOD pin does not change nor does the converter
latch-off. The PWM remains suspended until the IC temperature
falls below the hysteresis temperature TOTHYS at which time normal
PWM operation resumes. The OTP state can be reset if the EN pin is
pulled below the falling EN threshold voltage VENTHF or if VCC has
decayed below the falling POR threshold voltage VVCC_THF. All other
protection circuits remain functional while the IC is in the OTP state.
It is likely that the IC will detect an UVP fault because in the absence
of PWM, the output voltage decays below the undervoltage
threshold VUVTH.
PGOOD Monitor
The PGOOD pin indicates when the converter is capable of
supplying regulated voltage. The PGOOD pin is an undefined
impedance if the VCC pin has not reached the rising POR threshold
VVCC_THR, or if the VCC pin is below the falling POR threshold
VVCC_THF. If there is a fault condition of output overcurrent or
undervoltage, PGOOD is asserted low. The PGOOD pull-down
impedance is 50
Ω.
Unlike the ISL95870, the ISL95872 does not feature overvoltage
protection and PGOOD remains high during an overvoltage event.
Integrated MOSFET Gate-Drivers
The LGATE pin and UGATE pins are MOSFET driver outputs. The
LGATE pin drives the low-side MOSFET of the converter while the
UGATE pin drives the high-side MOSFET of the converter.
The LGATE driver is optimized for low duty-cycle applications
where the low-side MOSFET experiences long conduction times.
In this environment, the low-side MOSFETs require exceptionally
low rDS(ON) and tend to have large parasitic charges that conduct
FIGURE 13. OVERCURRENT PROGRAMMING CIRCUIT
PHASE
CO
L
VO
ROCSET
CSEN
OCSET
VO
RO
DCR
IL
8.5µA
+
_
VDCR
+
_
VROCSET
V
DCR
I
L DC R
=
(EQ. 4)
V
ROCSET
8.5
μAR
OCSET
=
(EQ. 5)
V
OCSET
V
VO
V
DCR V
ROCSET
I
L DC R
I
OCSET ROCSET
==
(EQ. 6)
(EQ. 7)
R
OCSET
I
OC DCR
I
OCSET
----------------------------
=
(EQ. 8)
C
SEN
L
R
OCSET DCR
------------------------------------------
=


Similar Part No. - ISL95872HRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95872HRUZ-T RENESAS-ISL95872HRUZ-T Datasheet
830Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
More results

Similar Description - ISL95872HRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95872 RENESAS-ISL95872 Datasheet
830Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Intersil Corporation
ISL95873 INTERSIL-ISL95873 Datasheet
533Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Renesas Technology Corp
ISL95873 RENESAS-ISL95873 Datasheet
835Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Semtech Corporation
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
   High Performance Synchronous Buck Controller With Reference Tracking
logo
Analog Devices
ADP1877 AD-ADP1877 Datasheet
3Mb / 32P
   Dual Output Synchronous Buck PWM Controller With Tracking
REV. 0
logo
National Semiconductor ...
LM1771 NSC-LM1771 Datasheet
1Mb / 18P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
LM1771_0608 NSC-LM1771_0608 Datasheet
768Kb / 17P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Texas Instruments
LM1771 TI-LM1771_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM1771 Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Anpec Electronics Corop...
APW7068 ANPEC-APW7068 Datasheet
1Mb / 26P
   Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com