Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL91110 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL91110
Description  High Efficiency Buck-Boost Regulator with 4.5A Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL91110 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL91110 Datasheet HTML 4Page - Intersil Corporation ISL91110 Datasheet HTML 5Page - Intersil Corporation ISL91110 Datasheet HTML 6Page - Intersil Corporation ISL91110 Datasheet HTML 7Page - Intersil Corporation ISL91110 Datasheet HTML 8Page - Intersil Corporation ISL91110 Datasheet HTML 9Page - Intersil Corporation ISL91110 Datasheet HTML 10Page - Intersil Corporation ISL91110 Datasheet HTML 11Page - Intersil Corporation ISL91110 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ISL91110
11
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time
without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be
accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN8434.4
February 5, 2016
For additional products, see www.intersil.com/en/products.html
Submit Document Feedback
About Intersil
Intersil Corporation is a leading provider of innovative power management and precision analog solutions. The company's products
address some of the largest markets within the industrial and infrastructure, mobile computing and high-end consumer markets.
For the most updated datasheet, application notes, related documentation and related parts, please see the respective product
information page found at www.intersil.com.
You may report errors or suggestions for improving this datasheet by visiting www.intersil.com/ask.
Reliability reports are also available from our website at www.intersil.com/support.
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make sure you
have the latest revision.
DATE
REVISION
CHANGE
February 5, 2016
FN8434.4
Added Note to Figure 1 on page 1.
Updated pin configuration on page 3 by adding labels.
Added Table 1 on page 3.
November 20, 2014
FN8434.3
On page 8, "Short Circuit Protection" section title was updated to "Overcurrent Protection." Also in the newly
titled "Overcurrent Protection" section, a paragraph was added to explain hiccup mode operation.
October 28, 2014
FN8434.2
On Page 1, 3rd paragraph, changed output as low as 0.8V, as high as 5.25V to: "changed output as low as
1.0V, as high as 5.2V".
The IC label on Figure 19 changed from ISL91110INZ to ISL91110IIAZ
Tjb changed from 14 to 13 in Thermal information.
August 22, 2014
FN8434.1
Updated Figure 1 on page 1, Changed text from “"Li-ion Battery 2.5V to 4.35V" to "VIN = 1.8V TO 5.5V" and
"MAX. IOUT = 2A (Min)" to "IOUT = UP TO 3A"
Replaced Figure 2 on page 1.
Added -T7A parts to the “Ordering Information” table on page 3.
Changed “IFB” on page 4, max spec from “1µA to 20nA”.
Changed Section title on page 5 from “EN LOGIC INPUTS” to “LOGIC INPUTS”.
Added “Typical Performance Curves” on page 6.
Changed text on Figure 19 on page 9, from "VOUT=0.8V TO 5.25V, UP TO 3A" to "VOUT = 1V to 5.2V, UP TO 3A"
Replaced “Package Outline Drawing” on page 12.
December 24, 2013
FN8434.0
Initial Release.


Similar Part No. - ISL91110

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL91110 RENESAS-ISL91110 Datasheet
797Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91110II2AZ-T RENESAS-ISL91110II2AZ-T Datasheet
797Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91110II2AZ-T7A RENESAS-ISL91110II2AZ-T7A Datasheet
797Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91110IIA-EVZ RENESAS-ISL91110IIA-EVZ Datasheet
797Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91110IIAZ-T RENESAS-ISL91110IIAZ-T Datasheet
797Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
More results

Similar Description - ISL91110

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL91127IR RENESAS-ISL91127IR Datasheet
984Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Intersil Corporation
ISL91127 INTERSIL-ISL91127 Datasheet
117Kb / 2P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91128 INTERSIL-ISL91128 Datasheet
121Kb / 2P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Renesas Technology Corp
ISL91127 RENESAS-ISL91127 Datasheet
1Mb / 13P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91110 RENESAS-ISL91110 Datasheet
797Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Intersil Corporation
ISL91127IR INTERSIL-ISL91127IR Datasheet
751Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Renesas Technology Corp
ISL91128 RENESAS-ISL91128 Datasheet
999Kb / 17P
   High Efficiency Buck-Boost Regulator with 4.5A Switches and I2C Interface
logo
Intersil Corporation
ISL91107IR INTERSIL-ISL91107IR Datasheet
608Kb / 13P
   High Efficiency Buck-Boost Regulator with 4.1A Switches
logo
Renesas Technology Corp
ISL91107IR RENESAS-ISL91107IR Datasheet
808Kb / 13P
   High Efficiency Buck-Boost Regulator with 4.1A Switches
logo
Maxim Integrated Produc...
MAX77816 MAXIM-MAX77816_V01 Datasheet
1Mb / 30P
   High-Efficiency Buck-Boost Regulator with 5A Switches
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com