Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85005EVAL1Z Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL85005EVAL1Z
Description  4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85005EVAL1Z Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL85005EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL85005EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL85005EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL85005EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL85005EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL85005EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL85005EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL85005EVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL85005EVAL1Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ISL85005, ISL85005A
8
FN8871.0
November 28, 2016
Submit Document Feedback
Gain
70
dB
Output Drive
VCOMP = 1.5V
±110
µA
Current Sense Gain
RT
0.15
Ω
Slope Compensation
Se
fSW = 500kHz
550
mV/µs
ENABLE INPUT
EN Input Threshold
Rising edge
0.5
0.6
0.7
V
Hysteresis
60
100
140
mV
SOFT-START FUNCTION
Default Soft-Start Time
ISL85005, ISL85005A with SS pin floating
1.0
2.3
3.6
ms
SS Internal Soft-Start Charging Current
ISL85005A
2.5
3.5
4.5
µA
POWER-GOOD OPEN-DRAIN OUTPUT
Output Low Voltage
IPG = 5mA sinking
0.25
V
PG Pin Leakage Current
VPG = VDD
0.01
µA
PG Lower Threshold
Percentage of output regulation
80
85
90
%
PG Upper Threshold
Percentage of output regulation
110
115
120
%
PG Thresholds Hysteresis
3%
Delay Time
Rising edge
1.5
ms
Falling edge
18
µs
FAULT PROTECTION
High-Side MOSFET Forward Current Limit
Threshold
IPOCP
6
7.8
9.5
A
Low-Side MOSFET Reverse Current Limit
Threshold
INOCP
Current forced into PHASE node, high-side MOSFET is off,
SYNC = High
-3.3
A
Low-Side MOSFET Forward Current Limit
Threshold
Current in low-side MOSFET at end of low-side cycle.
8.6
A
VIN Overvoltage Threshold
VIN rising
19
20
V
Hysteresis
1
V
Thermal Shutdown Threshold
TSD
Temperature rising
165
°C
THYS
Hysteresis
10
°C
POWER MOSFET
High-Side MOSFET On-Resistance
RHDS
IPHASE = 100mA
57
95
Low-Side MOSFET On-Resistance
RLDS
IPHASE = 100mA
40
75
PHASE Pull-Down Resistor
EN = AGND
10
DIODE EMULATION
Zero-Cross Detection Threshold
ISL85005
150
mA
NOTE:
7. Compliance to datasheet limits is assured by one or more methods: production test, characterization, and/or design.
8. Compliance to limits is assured by characterization and design.
Electrical Specifications All parameter limits are established over the recommended operating conditions with TJ = -40°C to +125°C,
and with VIN = 12V unless otherwise noted. Typical values are at TA = +25°C. Boldface limits apply across the operating junction temperature range,
-40°C to +125°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7)TYP
MAX
(Note 7)UNIT


Similar Part No. - ISL85005EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85005EVAL1Z RENESAS-ISL85005EVAL1Z Datasheet
1Mb / 23P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL85005EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85005 RENESAS-ISL85005 Datasheet
1Mb / 23P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
logo
Diodes Incorporated
AP62500 DIODES-AP62500 Datasheet
2Mb / 27P
   4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER
November 2022 Rev. 1 - 2
logo
Rohm
BD86120EFJ ROHM-BD86120EFJ Datasheet
456Kb / 20P
   4.5V to 18V, 5A 1ch Synchronous Buck Converter
logo
Diodes Incorporated
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
   4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
   18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
logo
Richtek Technology Corp...
RT2825 RICHTEK-RT2825 Datasheet
434Kb / 22P
   4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
logo
Intersil Corporation
ISL85014 INTERSIL-ISL85014 Datasheet
694Kb / 21P
   14A, 3.8V to 18V Input, Synchronous Buck Regulator
February 14, 2017
logo
Renesas Technology Corp
ISL85012 RENESAS-ISL85012 Datasheet
973Kb / 19P
   12A, 3.8V to 18V Input, Synchronous Buck Regulator
logo
Intersil Corporation
ISL85009 INTERSIL-ISL85009 Datasheet
686Kb / 20P
   9A, 3.8V to 18V Input, Synchronous Buck Regulator
February 13, 2017
logo
Renesas Technology Corp
ISL85014 RENESAS-ISL85014 Datasheet
1Mb / 22P
   14A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com