Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85005AEVAL1Z Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL85005AEVAL1Z
Description  4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85005AEVAL1Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL85005AEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL85005AEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL85005AEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL85005AEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL85005AEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL85005AEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL85005AEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL85005AEVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL85005AEVAL1Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
ISL85005, ISL85005A
6
FN8871.0
November 28, 2016
Submit Document Feedback
Typical Application Schematics
FIGURE 4. ISL85005 VIN RANGE FROM 4.5V TO 18V WITH INTERNAL COMPENSATION
FIGURE 5. ISL85005A VIN RANGE FROM 4.5V TO 18V, WITH INTERNAL COMPENSATION WITH PROGRAMMABLE SOFT-START
GND = DEM; VCC = FCCM
SYNC/
PG
EN
FB
COMP
BOOT
VDD
VIN
VIN
PHASE
AGND
2
3
4
1
5
11
10
9
12
8
6
7
PHASE
PGND
ISL85005
MODE
PG
EN
C1
R1
R2
C3
C4
C5
C6
C8
C9
L1
VIN
VOUT
5A MAX
4.5V TO 18V
MODE
SS
PG
EN
FB
COMP
BOOT
VDD
VIN
VIN
PHASE
AGND
2
3
4
1
5
11
10
9
12
8
6
7
PHASE
PGND
ISL85005A
PG
EN
C1
R1
R2
C3
C4
C5
C6
C8
C9
L1
VIN
VOUT
5A MAX
4.5V TO 18V
CSS
TABLE 2. COMPONENTS SELECTION (REFER TO Figures 1 AND 2)
VOUT
1.2V
1.8V
2.5V
3.3V
5V
C5, C6
1OµF
1OµF
1OµF
1OµF
1OµF
C8, C9
47µF
47µF
47µF
47µF
47µF
C1
15pF
15pF
15pF
15pF
15pF
L1
3.3µH
3.3µH
3.3µH
3.3µH
3.3µH
R1
499kΩ
499kΩ
499kΩ
499kΩ
499kΩ
R2
998kΩ
392kΩ
232kΩ
157kΩ
95.3kΩ
NOTE: VIN = 12V, IOUT = 5A; The components selection table is a suggestion for typical application using internal compensation mode. For application
that requires high output capacitance greater than 200µF, R1 should be adjusted to maintain loop response bandwidth about 40kHz. See “Loop
Compensation Design” on page 19 for more detail.


Similar Part No. - ISL85005AEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85005AEVAL1Z RENESAS-ISL85005AEVAL1Z Datasheet
1Mb / 23P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL85005AEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85005 RENESAS-ISL85005 Datasheet
1Mb / 23P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
logo
Diodes Incorporated
AP62500 DIODES-AP62500 Datasheet
2Mb / 27P
   4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER
November 2022 Rev. 1 - 2
logo
Rohm
BD86120EFJ ROHM-BD86120EFJ Datasheet
456Kb / 20P
   4.5V to 18V, 5A 1ch Synchronous Buck Converter
logo
Diodes Incorporated
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
   4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
   18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
logo
Richtek Technology Corp...
RT2825 RICHTEK-RT2825 Datasheet
434Kb / 22P
   4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
logo
Intersil Corporation
ISL85014 INTERSIL-ISL85014 Datasheet
694Kb / 21P
   14A, 3.8V to 18V Input, Synchronous Buck Regulator
February 14, 2017
logo
Renesas Technology Corp
ISL85012 RENESAS-ISL85012 Datasheet
973Kb / 19P
   12A, 3.8V to 18V Input, Synchronous Buck Regulator
logo
Intersil Corporation
ISL85009 INTERSIL-ISL85009 Datasheet
686Kb / 20P
   9A, 3.8V to 18V Input, Synchronous Buck Regulator
February 13, 2017
logo
Renesas Technology Corp
ISL85014 RENESAS-ISL85014 Datasheet
1Mb / 22P
   14A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com