Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL71841SEHX Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL71841SEHX
Description  Radiation Hardened 30V 32-Channel Analog Multiplexer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL71841SEHX Datasheet(HTML) 4 Page - Intersil Corporation

  ISL71841SEHX Datasheet HTML 1Page - Intersil Corporation ISL71841SEHX Datasheet HTML 2Page - Intersil Corporation ISL71841SEHX Datasheet HTML 3Page - Intersil Corporation ISL71841SEHX Datasheet HTML 4Page - Intersil Corporation ISL71841SEHX Datasheet HTML 5Page - Intersil Corporation ISL71841SEHX Datasheet HTML 6Page - Intersil Corporation ISL71841SEHX Datasheet HTML 7Page - Intersil Corporation ISL71841SEHX Datasheet HTML 8Page - Intersil Corporation ISL71841SEHX Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ISL71841SEH
4
FN8735.4
June 3, 2016
Submit Document Feedback
Pin Configurations
ISL71841SEH
(48 LD CQFP)
TOP VIEW
ISL71841SEH
(44 LD CLCC)
TOP VIEW
7
8
9
10
11
12
13
14
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
15
16
17
18
19 20 21 22
39
40
41
42
43
44
45
46
47
48
1
2
3
4
5
6
IN28
IN27
IN26
IN25
IN24
IN23
IN22
IN21
IN20
IN19
IN18
IN17
IN12
IN11
IN10
IN9
IN8
IN5
IN4
IN3
IN2
IN1
IN7
IN6
14
13
12
11
10
9
8
7
17
16
15
2
5
30
35
39
38
37
36
33
34
32
31
29
4
6
3
IN5
IN2
IN11
IN10
IN4
IN6
IN1
IN27
IN26
IN25
IN24
IN23
IN22
IN21
IN20
IN19
IN17
IN18
IN8
IN7
40
41
42
43
44
28
27
26
25
24
23
22
21
20
19
18
IN3
IN9
1
Pin Descriptions
PIN NAME
PIN NUMBER
48 LD CQFP
PIN NUMBER
44 LD CLCC
DESCRIPTION
NC
2, 26, 27, 47, 48
NA
Not connected, no internal connection
OUT
1
1
Output for multiplexer
V+
19
18
Positive power supply
V-
30
27
Negative power supply
INx
3, 4, 5, 6, 7, 8, 9, 10, 11,
12, 13, 14, 15, 16, 17, 18,
31, 32, 33, 34, 35, 36, 37,
38, 39, 40, 41, 42, 43, 44,
45, 46
2, 3, 4, 5, 6, 7, 8, 9, 10, 11, 12,
13, 14, 15, 16, 17,
29, 30, 31, 32, 33, 34, 35, 36,
37, 38, 39, 40, 41, 42, 43, 44
Inputs for multiplexer
Ax
21, 22, 23, 24, 25
20, 21, 22, 23, 24,
Address lines for multiplexer
EN
28
25
Enable control for multiplexer (active low)
VREF
20
19
Reference voltage used to set logic thresholds
GND
29
26
Ground
LID
NA
NA
Package Lid is internally connected to GND (Pin 29 on CQFP, Pin 26
on CLCC)


Similar Part No. - ISL71841SEHX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71841SEHX/SAMPLE RENESAS-ISL71841SEHX/SAMPLE Datasheet
1Mb / 30P
   Radiation Hardened 30V 32-Channel Analog Multiplexer
Feb 23, 2018
More results

Similar Description - ISL71841SEHX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71841SEH RENESAS-ISL71841SEH Datasheet
1Mb / 30P
   Radiation Hardened 30V 32-Channel Analog Multiplexer
Feb 23, 2018
logo
Intersil Corporation
ISL71840SEH INTERSIL-ISL71840SEH Datasheet
1Mb / 27P
   Radiation Hardened 30V 16-Channel Analog Multiplexer
June 9, 2016
logo
Renesas Technology Corp
ISL71840SEH RENESAS-ISL71840SEH Datasheet
1Mb / 28P
   Radiation Hardened 30V 16-Channel Analog Multiplexer
Oct 24, 2022
ISL71831SEH RENESAS-ISL71831SEH Datasheet
2Mb / 22P
   Radiation Hardened 5V 32-Channel Analog Multiplexer
Dec 8, 2022
logo
Intersil Corporation
ISL71831SEH INTERSIL-ISL71831SEH Datasheet
1Mb / 21P
   Radiation Hardened 5V 32-Channel Analog Multiplexer
November 18, 2016
logo
Renesas Technology Corp
ISL73841SEH RENESAS-ISL73841SEH Datasheet
1Mb / 24P
   Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
logo
Intersil Corporation
ISL73841SEH INTERSIL-ISL73841SEH Datasheet
844Kb / 23P
   Radiation Tolerant 30V 32-Channel Analog Multiplexer
logo
Renesas Technology Corp
ISL73840SEH RENESAS-ISL73840SEH Datasheet
1Mb / 24P
   Radiation Tolerant 30V 16-Channel Analog Multiplexer
Feb 23, 2018
logo
Intersil Corporation
ISL73840SEH INTERSIL-ISL73840SEH Datasheet
1Mb / 23P
   Radiation Tolerant 30V 16-Channel Analog Multiplexer
logo
Aeroflex Circuit Techno...
ACT8501 AEROFLEX-ACT8501 Datasheet
87Kb / 10P
   ACT8501 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com