Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL71840SEHVX Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL71840SEHVX
Description  Radiation Hardened 30V 16-Channel Analog Multiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL71840SEHVX Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL71840SEHVX Datasheet HTML 3Page - Intersil Corporation ISL71840SEHVX Datasheet HTML 4Page - Intersil Corporation ISL71840SEHVX Datasheet HTML 5Page - Intersil Corporation ISL71840SEHVX Datasheet HTML 6Page - Intersil Corporation ISL71840SEHVX Datasheet HTML 7Page - Intersil Corporation ISL71840SEHVX Datasheet HTML 8Page - Intersil Corporation ISL71840SEHVX Datasheet HTML 9Page - Intersil Corporation ISL71840SEHVX Datasheet HTML 10Page - Intersil Corporation ISL71840SEHVX Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
ISL71840SEH
7
FN8734.3
June 9, 2016
Submit Document Feedback
ID(ON)
Switch On Leakage Current Into the
Source/Drain
VIN = VOUT = V+ - 5V, TA = +25°C, -55°C
All unused inputs = V- + 5V, V± = ±16.5V
-10
-
10
nA
TA = +125°C
0
-
60
nA
Post radiation
-100
-
100
nA
VIN = VOUT = V- + 5V, TA = +25°C, -55°C
All unused inputs = V -+ 5V, V± = ±16.5V
-10
-
10
nA
TA = +125°C
-60
-
0
nA
Post radiation
-100
-
100
nA
VAH/L, VENH/L
Logic Input High/Low Voltage
VREF = 5.0V
1.2
-
1.6
V
IAH, IENH
Input Current with VAH, VENH
VA = VEN = 4.0V
V+ = 16.5V, V- = -16.5V
-100
-
100
nA
IAL, IENL
Input Current with VAL, VENL
VA = VEN = 0.8V
V+ = 16.5V, V- = -16.5V
-100
-
100
nA
I+
Quiescent Supply Current
VIN = VA = VEN = 0.8V, V± = ±15.0V, ±16.5V
-
-
350
µA
I-
Quiescent Supply Current
VIN = VA = VEN = 0.8V, V± = ±15.0V, ±16.5V
-350
--
µA
I+
Standby Supply Current
VIN = VA = VEN = 4.0V, V± = ±15.0V, ±16.5V
-
-
350
µA
I-
Standby Supply Current
VIN = VA = VEN = 4.0V, V± = ±15.0V, ±16.5V
-350
--
µA
IREF
Supply Current Into VREF
VREF = 5.5V, VIN = VA = VEN = 0.8V,
V± = ±15.0V, ±16.5V
--
35
µA
DYNAMIC
tALH
Transition Time
Figures 4, 5
-0.5
800
ns
tAHL
Transition Time
Figures 4, 5
-0.5
800
ns
tBBM
Break-Before-Make Delay
Figures 8, 9, TA = -55°C, +25°C, +125°C
5
50
200
ns
Post radiation
5
-
400
ns
tENABLE
Enable Turn-On Time
Figures 6, 7, TA = -55°C, +25°C, +125°C
-
0.5
600
ns
Post radiation
-
-
800
ns
tDISABLE
Disable Turn-Off Time
Figures 6, 7, TA = -55°C, +25°C, +125°C
-
0.5
600
ns
Post radiation
-
-
800
ns
VCTE
Charge Injection
CL = 100pF, VIN = 0V, Figure 6
-2
5
pC
VISO
OFF Isolation
VEN = 4V, RL = 1kΩ, f = 200kHz, CL = 7pF,
VRMS = 3V
75
-
-
dB
VCT
Crosstalk
VEN = 0.8V, RL = 1kΩ, f = 200kHz, CL = 7pF,
VRMS = 3V
47
-
-
dB
CA
Digital Input Capacitance
f = 1MHz, V+ = V- = 0V
-
-
7
pF
CIN(OFF)
Input Capacitance
f = 1MHz, V+ = V- = 0V
-
-
5
pF
COUT(OFF)
Output Capacitance
f = 1MHz, V+ = V- = 0V
-
-
50
pF
Electrical Specifications (±15V) V+ = 15V, V- = -15V, V
AH = 4V, VAL = 0.8V, VREF = VEN = 5V, TA= +25°C, unless otherwise noted.
Boldface limits apply across the operating temperature range, -55°C to +125°C or across a total ionizing dose of 300krad(Si) with exposure of a high
dose rate of 50 to 300krad(Si)/s or a total ionizing dose of 50krad(Si) with exposure at a low dose rate of <10mrad(Si)/s. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT


Similar Part No. - ISL71840SEHVX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71840SEHVX RENESAS-ISL71840SEHVX Datasheet
1Mb / 28P
   Radiation Hardened 30V 16-Channel Analog Multiplexer
Oct 24, 2022
More results

Similar Description - ISL71840SEHVX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71840SEH RENESAS-ISL71840SEH Datasheet
1Mb / 28P
   Radiation Hardened 30V 16-Channel Analog Multiplexer
Oct 24, 2022
logo
Intersil Corporation
ISL71841SEH INTERSIL-ISL71841SEH Datasheet
991Kb / 29P
   Radiation Hardened 30V 32-Channel Analog Multiplexer
June 3, 2016
logo
Renesas Technology Corp
ISL71841SEH RENESAS-ISL71841SEH Datasheet
1Mb / 30P
   Radiation Hardened 30V 32-Channel Analog Multiplexer
Feb 23, 2018
ISL73840SEH RENESAS-ISL73840SEH Datasheet
1Mb / 24P
   Radiation Tolerant 30V 16-Channel Analog Multiplexer
Feb 23, 2018
logo
Intersil Corporation
ISL73840SEH INTERSIL-ISL73840SEH Datasheet
1Mb / 23P
   Radiation Tolerant 30V 16-Channel Analog Multiplexer
logo
Renesas Technology Corp
ISL71831SEH RENESAS-ISL71831SEH Datasheet
2Mb / 22P
   Radiation Hardened 5V 32-Channel Analog Multiplexer
Dec 8, 2022
logo
Intersil Corporation
ISL71831SEH INTERSIL-ISL71831SEH Datasheet
1Mb / 21P
   Radiation Hardened 5V 32-Channel Analog Multiplexer
November 18, 2016
HS-0506RH INTERSIL-HS-0506RH Datasheet
1Mb / 14P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexer
logo
Renesas Technology Corp
ISL73841SEH RENESAS-ISL73841SEH Datasheet
1Mb / 24P
   Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
logo
Intersil Corporation
ISL73841SEH INTERSIL-ISL73841SEH Datasheet
844Kb / 23P
   Radiation Tolerant 30V 32-Channel Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com