Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL76534 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL76534
Description  Ultra-Low Power 14-Channel Programmable Gamma Buffer with Integrated EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL76534 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL76534 Datasheet HTML 1Page - Intersil Corporation ISL76534 Datasheet HTML 2Page - Intersil Corporation ISL76534 Datasheet HTML 3Page - Intersil Corporation ISL76534 Datasheet HTML 4Page - Intersil Corporation ISL76534 Datasheet HTML 5Page - Intersil Corporation ISL76534 Datasheet HTML 6Page - Intersil Corporation ISL76534 Datasheet HTML 7Page - Intersil Corporation ISL76534 Datasheet HTML 8Page - Intersil Corporation ISL76534 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ISL76534
4
FN8866.0
July 27, 2016
Submit Document Feedback
Pin Configuration
ISL76534
(28 LD 4mmx5mm X2QFN)
TOP VIEW
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(RoHS COMPLIANT)
PKG.
DWG. #
ISL76534ARXZ
76534 ARXZ
-40 to +105
28 Ld X2QFN
L28.4x5D
ISL76534EVAL1Z
Evaluation Board
NOTES:
1. Add “-T13” suffix for 6k unit or “-T7A” suffix for 250 unit Tape and Reel options. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu-Ag plate
- e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL76534. For more information on MSL please see tech brief TB363.
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT14
OUT13
OUT12
OUT11
OUT10
OUT9
OUT8
1
2
3
4
5
6
7
22
21
20
19
18
17
16
28
27
26
25
24
23
9
10
11
12
13
14
THERMAL
PAD
AVDD 8
DVDD
15
Note: Thermal pad is electrically connected to GND
Pin Descriptions
PIN #
PIN NAME
PIN TYPE
PIN FUNCTION
EQUIVALENT
CIRCUIT
1, 2, 3, 4, 5,
6, 7, 16, 17,
18, 19, 20,
21, 22
OUTx
Analog Output 10-bit Programmable DAC outputs
5
8AVDD
Analog Power Analog power supply. Include a bulk 4.7µF capacitor, and a local 0.1µF ceramic bypass
capacitor to the system ground. Place the 0.1µF as close to the pin as possible; the bulk
capacitor may be placed farther away from the IC.
1
9REFIN
Analog Input High-impedance, buffered reference voltage input for 10-bit DACs. Include a local 0.1µF
ceramic bypass capacitor to the system ground; place as close to the pin as possible.
4
10
A0
Digital Input
Determines the device’s 7-bit I2C device address:
0: Device Address = 0x74 (this is the default setting if pin is left floating)
1: Device Address = 0x75 (pull-up pin externally)
Note: pin has an internal pull-down to GND of 10MΩ (typical)
2


Similar Part No. - ISL76534

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL76534 RENESAS-ISL76534 Datasheet
1Mb / 24P
   Ultra-Low Power 14-Channel Programmable Gamma Buffer with Integrated EEPROM
ISL76534ARXZ RENESAS-ISL76534ARXZ Datasheet
1Mb / 24P
   Ultra-Low Power 14-Channel Programmable Gamma Buffer with Integrated EEPROM
ISL76534EVAL1Z RENESAS-ISL76534EVAL1Z Datasheet
1Mb / 24P
   Ultra-Low Power 14-Channel Programmable Gamma Buffer with Integrated EEPROM
More results

Similar Description - ISL76534

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL76534 RENESAS-ISL76534 Datasheet
1Mb / 24P
   Ultra-Low Power 14-Channel Programmable Gamma Buffer with Integrated EEPROM
logo
Maxim Integrated Produc...
DS3508 MAXIM-DS3508 Datasheet
193Kb / 14P
   I2C, 8-Channel Gamma Buffer with EEPROM
Rev 1; 3/08
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
DS3514 MAXIM-DS3514 Datasheet
338Kb / 21P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 1; 10/08
logo
Texas Instruments
BUF12840 TI-BUF12840_12 Datasheet
395Kb / 26P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF12840 TI1-BUF12840_14 Datasheet
1Mb / 32P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
logo
Analog Devices
ADD8709 AD-ADD8709 Datasheet
488Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708_15 Datasheet
612Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708 Datasheet
611Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8709 AD-ADD8709_15 Datasheet
520Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com