Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC-414A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PC-414A
Description  Last Time Buy Notice - Board Products
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PC-414A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PC-414A Datasheet HTML 1Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 2Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 3Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 4Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 5Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 6Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 7Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 8Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Warranty - DATEL’s standard warranty terms apply except the warranty period. As the date
of last shipments approach, warranty support and repairs will terminate on September 30,
2004. Customers must immediately perform a functional inspection on any shipments near this
date. DATEL will have no technical or repair facilities after this date.
Technical Support - Since some DATEL engineering resources have already been reallocated,
support and repairs are currently limited and more will be withdrawn over time. We encourage
users to get all support issues settled as soon as practical.
Replacement Products - DATEL is not aware of any competitive manufactured products which
are exact replacements for these products. However, there are numerous items with similar
functions. These will require re-integration with your application.
Manufacturing Rights - DATEL is not offering manufacturing rights on these products. The
difficulty here is the complexity of technical support to fully transfer all comprehensive details of
manufacturing (including test fixturing, component specifications and device programming). Most
of these products would require considerable re-engineering by the user to resume production
outside DATEL. Nor will we retain spare parts after September 30, 2004. Volume users
should contact DATEL to discuss their needs.
*******
As very large volume component users ourselves who are subject to frequent component
obsolescence issues, DATEL sincerely regrets any inconvenience this Notice may cause our
customers.
11 Cabot Blvd, Mansfield, MA, 02048 USA, website: www.datel.com
Phone: 508-339-3000 FAX: 508-339-6356 E-mail: SALES@DATEL.COM


Similar Part No. - PC-414A

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PC-40-110 PULSE-PC-40-110 Datasheet
275Kb / 2P
   Signals PC low power transformers are designed to operate between 50 Hz and 500 Hz without any degradation in output voltage.
logo
Bel Fuse Inc.
PC-40-110 BEL-PC-40-110 Datasheet
1Mb / 3P
   Miniature Low Power Transformers
logo
Pulse A Technitrol Comp...
PC-40-110B26 PULSE-PC-40-110B26 Datasheet
105Kb / 1P
   Low Frequency, Open-Style Laminated, Concentric Vertical Profile, PC Plug-In Series
PC-40-110B26 PULSE-PC-40-110B26 Datasheet
162Kb / 1P
   Low Frequency, Open-Style Laminated Concentric Vertical Profile, PC Plug-In Series
PC-40-20 PULSE-PC-40-20 Datasheet
275Kb / 2P
   Signals PC low power transformers are designed to operate between 50 Hz and 500 Hz without any degradation in output voltage.
More results

Similar Description - PC-414A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
LTBWR30 MA-COM-LTBWR30 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWR30 MA-COM-LTBWR30_15 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBDWR207 MA-COM-LTBDWR207 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWR177 MA-COM-LTBWR177 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWOR182 MA-COM-LTBWOR182 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWR69 MA-COM-LTBWR69 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWR178 MA-COM-LTBWR178 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWOR182 MA-COM-LTBWOR182_15 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWR177 MA-COM-LTBWR177_15 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWR69 MA-COM-LTBWR69_15 Datasheet
18Kb / 1P
   Last Time Buy Notice.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com