Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC-414A Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # PC-414A
Description  Last Time Buy Notice - Board Products
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PC-414A Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PC-414A Datasheet HTML 6Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 7Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 8Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 9Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 10Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 11Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 12Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 13Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PC-414
®®
DATEL, Inc., Mansfield, MA 02048 (USA)
• Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 • Email: sales@datel.com • Internet: www.datel.com
I/O Register Mapping
The base address may be selected anywhere up to 3F0h on
16-byte boundaries.
I/O Address
(hex)
Direction
Description
Base + 0
Write
Command Register
Base + 0
Read
Status Register
Base + 2
Write
Channel Address/Digital
Output [Note 12]
Base + 2
Read
Digital Input Register
[Note 12]
Base + 4
Write
D/A Data Register
Base + 6
Write
FIFO Reset Register
Base + 6
Read
FIFO A/D Data Register
Base +8
Read/Write
Counter #0 (82C54)
Base + 0Ah
Read/Write
Counter #1 (82C54)
Base + 0Ch
Read/Write
Counter #2 (82C54)
Base + 0Eh
Read/Write
Control Register (82C54)
Transfer Speeds
ISA bus transfer rates are host-dependent and should be
determined by testing. For example, a Compaq computer
achieved 800 nanoseconds instantaneous sample-to-sample
timing to base memory using the REP INSW instruction. A
faster CPU will not increase the ISA bus speed. To optimize
throughput, disable all possible interrupts. For higher speed
continuous (non-stop) A/D sampling, consider using a parallel
port.
Figure 4. PC-414 Timing DIagram
Internal or external trigger rate
TRIGGER
A/D
START
CONVERT
END OF
SCAN*
(Internal
(Signal)
ACQUIRE
FLAG
Maskable Interrupt
and Status
01
2
3
Fixed or sequential channel addressing up to
64k samples per trigger
SSH (Internal)
[BASE + 0 bit 2 = 1]
(414A only)
HOLD
SAMPLE
Internal or external start rate
Figure 3. Array Preprocessing
Analog
Inputs
Binary A/D Data
Parallel
Port
DSP Arrays
PC/AT Bus
Graphics
Display
Mass Storage
PC-414
MUX
A/D
FIFO
MEM
Array
Processor
Board
CPU
Disk
Controller
Display
Controller
See model PC-414COM
using a DSP COMM
port interface.
FIFO Data Format
A/D data is delivered as a stream from the FIFO memory. For
multichannel inputs, this means that data is multiplexed. For
example, for 4-channel inputs, the output channel sequence is
0, 1, 2, 3, 0, 1, . . . Some applications may need this data de-
multiplexed by software so that each channel’s data is placed
in its own separate buffer.
86


Similar Part No. - PC-414A

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PC-40-110 PULSE-PC-40-110 Datasheet
275Kb / 2P
   Signals PC low power transformers are designed to operate between 50 Hz and 500 Hz without any degradation in output voltage.
logo
Bel Fuse Inc.
PC-40-110 BEL-PC-40-110 Datasheet
1Mb / 3P
   Miniature Low Power Transformers
logo
Pulse A Technitrol Comp...
PC-40-110B26 PULSE-PC-40-110B26 Datasheet
105Kb / 1P
   Low Frequency, Open-Style Laminated, Concentric Vertical Profile, PC Plug-In Series
PC-40-110B26 PULSE-PC-40-110B26 Datasheet
162Kb / 1P
   Low Frequency, Open-Style Laminated Concentric Vertical Profile, PC Plug-In Series
PC-40-20 PULSE-PC-40-20 Datasheet
275Kb / 2P
   Signals PC low power transformers are designed to operate between 50 Hz and 500 Hz without any degradation in output voltage.
More results

Similar Description - PC-414A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
LTBWR30 MA-COM-LTBWR30 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWR30 MA-COM-LTBWR30_15 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBDWR207 MA-COM-LTBDWR207 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWR177 MA-COM-LTBWR177 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWOR182 MA-COM-LTBWOR182 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWR69 MA-COM-LTBWR69 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWR178 MA-COM-LTBWR178 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWOR182 MA-COM-LTBWOR182_15 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWR177 MA-COM-LTBWR177_15 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWR69 MA-COM-LTBWR69_15 Datasheet
18Kb / 1P
   Last Time Buy Notice.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com