Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL71091SEH40 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL71091SEH40
Description  2.048V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL71091SEH40 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL71091SEH40 Datasheet HTML 1Page - Intersil Corporation ISL71091SEH40 Datasheet HTML 2Page - Intersil Corporation ISL71091SEH40 Datasheet HTML 3Page - Intersil Corporation ISL71091SEH40 Datasheet HTML 4Page - Intersil Corporation ISL71091SEH40 Datasheet HTML 5Page - Intersil Corporation ISL71091SEH40 Datasheet HTML 6Page - Intersil Corporation ISL71091SEH40 Datasheet HTML 7Page - Intersil Corporation ISL71091SEH40 Datasheet HTML 8Page - Intersil Corporation ISL71091SEH40 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ISL71091SEH20
5
FN8632.2
March 17, 2016
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
Maximum Voltage
VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +40V
VIN to GND at an LET = 86MeV•cm2/mg . . . . . . . . . . . . . . -0.5V to +36V
VOUT to GND (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5V to VOUT + 0.5V
Voltage on any Pin to Ground . . . . . . . . . . . . . . . . . . . -0.5V to +VOUT + 0.5V
Voltage on DNC Pins. . . . . . . . . . . . . . . No connections permitted to these pins
ESD Ratings (MIL STD 883 Method)
Human Body Model (Tested per MIL-PRF-883 3015.7). . . . . . . . . . . 2kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . . 200V
Charged Device Model (Tested per JESD22-C101D) . . . . . . . . . . . 750V
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
8 Ld Flatpack Package (Notes 4, 5). . . . . .
135
11
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Maximum Junction Temperature (TJMAX) . . . . . . . . . . . . . . . . . . . . .+150°C
Recommended Operating Conditions
Input Voltage Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.2V to +30V
Ambient Operating Temperature Range . . . . . . . . . . . . . -55°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
JC, the “case temp” location is the center of the ceramic on the package underside.
Electrical Specifications for Flatpack V
IN = 5V, IOUT = 0mA, CL = 1µF and CCOMP = 0.001µF unless otherwise specified. Boldface
limits apply after radiation at +25°C and across the operating temperature range, -55°C to +125°C without radiation, unless otherwise specified.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT
VOUT
Output Voltage
2.048
V
VOA
VOUT Accuracy at TA = +25°C
VOUT = 2.048V (Note 9)
-0.05
+0.05
%
VOUT Accuracy at TA = -55°C to +125°C VOUT = 2.048V (Note 9)
-0.15
+0.15
%
VOUT Accuracy at TA = +25°C, Post
Radiation
VOUT = 2.048V (Note 9)
-0.25
+0.25
%
TC VOUT
Output Voltage Temperature
Coefficient (Note 7)
6
ppm/°C
VIN
Input Voltage Range
VOUT = 2.048V
4.2
30.0
V
IIN
Supply Current
0.3
0.5
mA
VOUT/VIN
Line Regulation
VIN = 4.2V to 30V, VOUT = 2.048V
0.3
5
ppm/V
VOUT/IOUT
Load Regulation
Sourcing: 0mA ≤ IOUT ≤ 10mA
11
40
ppm/mA
Sinking: -5mA ≤ IOUT ≤ 0mA
25
80
ppm/mA
VD
Dropout Voltage (Note 8)IOUT = 10mA
2
2.5
V
ISC+
Short-Circuit Current
TA = +25°C, VOUT tied to GND
55
mA
ISC-
Short-Circuit Current
TA = +25°C, VOUT tied to VIN
-61
mA
tR
Turn-On Settling Time
90% of final value, CL = 1.0µF,
CC = 1000pF
344
µs
PSRR
Ripple Rejection
f = 120Hz
90
dB
eNVP-P
Output Voltage Noise
0.1Hz ≤ f ≤
10Hz, VOUT = 2.048V
3.8
µVP-P
eNVRMS
Broadband Voltage Noise
10Hz ≤ f ≤ 1kHz, VOUT = 2.048V
3.4
µVRMS
eN
Noise Density
f = 1kHz, VOUT = 2.048V
91
nV/√Hz
VOUT/t
Long Term Stability
TA = +25°C, 1000 hours
20
ppm


Similar Part No. - ISL71091SEH40

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL71091SEH40 INTERSIL-ISL71091SEH40 Datasheet
1Mb / 16P
   10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
ISL71091SEH40 INTERSIL-ISL71091SEH40 Datasheet
1Mb / 16P
   3.3V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 18, 2016
ISL71091SEH40 INTERSIL-ISL71091SEH40 Datasheet
1Mb / 16P
   4.096V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Renesas Technology Corp
ISL71091SEH40 RENESAS-ISL71091SEH40 Datasheet
1Mb / 16P
   4.096V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
ISL71091SEH40 RENESAS-ISL71091SEH40 Datasheet
1Mb / 16P
   2.048V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
More results

Similar Description - ISL71091SEH40

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71091SEH20 RENESAS-ISL71091SEH20 Datasheet
1Mb / 16P
   2.048V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Intersil Corporation
ISL71090SEH12 INTERSIL-ISL71090SEH12 Datasheet
408Kb / 10P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
ISL71090SEH25 INTERSIL-ISL71090SEH25 Datasheet
388Kb / 10P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
ISL71090SEH50 INTERSIL-ISL71090SEH50 Datasheet
391Kb / 13P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 15, 2016
logo
Renesas Technology Corp
ISL71090SEH50 RENESAS-ISL71090SEH50 Datasheet
495Kb / 14P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
May 14, 2021
ISL71091SEH10 RENESAS-ISL71091SEH10 Datasheet
1Mb / 16P
   10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
ISL71090SEH12 RENESAS-ISL71090SEH12 Datasheet
588Kb / 14P
   1.25V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Jan 20, 2022
logo
Intersil Corporation
ISL71091SEH33 INTERSIL-ISL71091SEH33 Datasheet
1Mb / 16P
   3.3V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 18, 2016
ISL71091SEH10 INTERSIL-ISL71091SEH10 Datasheet
1Mb / 16P
   10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Renesas Technology Corp
ISL71090SEH25 RENESAS-ISL71090SEH25 Datasheet
498Kb / 14P
   2.5V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Jan 20, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com