Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL71830SEHVF Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL71830SEHVF
Description  Radiation Tolerant 5V 16-Channel Analog Multiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL71830SEHVF Datasheet(HTML) 4 Page - Intersil Corporation

  ISL71830SEHVF Datasheet HTML 1Page - Intersil Corporation ISL71830SEHVF Datasheet HTML 2Page - Intersil Corporation ISL71830SEHVF Datasheet HTML 3Page - Intersil Corporation ISL71830SEHVF Datasheet HTML 4Page - Intersil Corporation ISL71830SEHVF Datasheet HTML 5Page - Intersil Corporation ISL71830SEHVF Datasheet HTML 6Page - Intersil Corporation ISL71830SEHVF Datasheet HTML 7Page - Intersil Corporation ISL71830SEHVF Datasheet HTML 8Page - Intersil Corporation ISL71830SEHVF Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ISL71830SEH
4
FN8758.3
November 18, 2016
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
Maximum Supply Voltage (V+ to GND). . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Maximum Supply Voltage (V+ to GND) (Note 5) . . . . . . . . . . . . . . . . . . .6.5V
Analog Input Voltage Range (INx). . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to 7V
Digital Input Voltage Range (EN, Ax) . . . . . . . . . . . . . . . (GND - 0.4V) to VREF
VREF to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7V
ESD Tolerance
Human Device Model (Tested per MIL-STD-883 TM 3015) . . . . . . . . 5kV
Charged Device Model (Tested per JESD22-C101D) . . . . . . . . . . . . 250V
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . . 250V
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
28 Ld CDFP (Notes 3, 4) . . . . . . . . . . . . . . .
55
8.5
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Recommended Operating Conditions
Ambient Operating Temperature Range . . . . . . . . . . . . . .-55°C to +125°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . . . . .+150°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3V to 5.5V
VREF to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3V to 5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
3.
JA is measured with the component mounted on a high-effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
4. For
JC, the “case temp” location is the center of the package underside.
5. Tested in a heavy ion environment at LET = 60MeV
cm2/mg at +125°C.
Electrical Specifications, V+ = 5V GND = 0V, V
REF = 3.3V, VIH = 3.3V, VIL = 0V, TA = +25°C, unless otherwise noted. Boldface
limits apply across the operating temperature range,
-55°C to +125°C; over a total ionizing dose of 75krad(Si) with exposure at a low dose
rate of <10mrad(Si)/s.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT
Analog Input Signal Range
VIN
0V+
V
Channel On-Resistance
rDS(ON)
V+ = 4.5V, VIN = 0V to V+
IOUT = 1mA
-
40
120
Ω
rDS(ON) Match Between Channels
ΔrDS(ON)
V+ = 4.5V, VIN = 0V, 2.25V, 4.5V
IOUT = 1mA
--
5
Ω
On-Resistance Flatness
rFLAT(ON)
V+ = 4.5V, VIN = 0V to V+
--
40
Ω
Switch Input Off Leakage
IIN(OFF)
V+ = 5.5V, VIN = 5V,
Unused inputs and VOUT = 0.5V
-30
-
30
nA
V+ = 5.5V, VIN = 0.5V,
Unused inputs and VOUT = 5V
-30
-
30
nA
Switch Input Off Overvoltage Leakage
IIN(OFF-OV)
V+ = 5.5V, VIN = 7V,
Unused inputs and VOUT = 0V,
TA = +25°C, -55°C
-30
-
30
nA
TA = +125°C
-30
-
120
nA
Post radiation, +25°C
-30
-
30
nA
Switch Input Off Leakage with Supply
Voltage Grounded
IIN(POWER-OFF)
VIN = 7V, VOUT = 0V
V+ = VEN = VREF = 0V,
TA = +25°C, -55°C
-20
-
20
nA
TA = +125°C
-20
-
50
nA
Post radiation, +25°C
-20
-
20
nA
Switch Input Off Leakage with Supply
Voltage Open
IIN(POWER-OFF)
VIN = 7V, VOUT = 0V
V+ = VEN = VREF = Open,
TA = +25°C, -55°C
-20
-
20
nA
TA = +125°C
-20
-
50
nA
Post radiation, +25°C
-20
-
20
nA
Switch On Input Leakage with
Overvoltage Applied to the Input
IIN(ON-OV)
V+ = 5.5V, VIN = 7V, VOUT = OPEN
2.75
-
5.50
µA


Similar Part No. - ISL71830SEHVF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71830SEHVF RENESAS-ISL71830SEHVF Datasheet
2Mb / 21P
   Radiation Tolerant 5V 16-Channel Analog Multiplexer
Dec 8, 2022
More results

Similar Description - ISL71830SEHVF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL71030M INTERSIL-ISL71030M Datasheet
642Kb / 25P
   Radiation Tolerant 5V 16-Channel Analog Multiplexer
Jul.10.19
logo
Renesas Technology Corp
ISL71030M RENESAS-ISL71030M Datasheet
687Kb / 25P
   Radiation Tolerant 5V 16-Channel Analog Multiplexer
Apr 12, 2021
ISL71830SEH RENESAS-ISL71830SEH Datasheet
2Mb / 21P
   Radiation Tolerant 5V 16-Channel Analog Multiplexer
Dec 8, 2022
logo
Intersil Corporation
ISL73840SEH INTERSIL-ISL73840SEH Datasheet
1Mb / 23P
   Radiation Tolerant 30V 16-Channel Analog Multiplexer
logo
Renesas Technology Corp
ISL73840SEH RENESAS-ISL73840SEH Datasheet
1Mb / 24P
   Radiation Tolerant 30V 16-Channel Analog Multiplexer
Feb 23, 2018
logo
Aeroflex Circuit Techno...
MUX8562 AEROFLEX-MUX8562 Datasheet
97Kb / 8P
   MUX8562 Dual 16-Channel Analog Multiplexer Module plus 5V, Radiation Tolerant
MUX8532 AEROFLEX-MUX8532 Datasheet
90Kb / 8P
   MUX8532 Dual 16-Channel Analog Multiplexer Module Radiation Tolerant
MUX8522 AEROFLEX-MUX8522 Datasheet
324Kb / 8P
   MUX8522 Dual 16-Channel Analog Multiplexer Module Radiation Tolerant
logo
Renesas Technology Corp
ISL73841SEH RENESAS-ISL73841SEH Datasheet
1Mb / 24P
   Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
logo
Intersil Corporation
ISL73841SEH INTERSIL-ISL73841SEH Datasheet
844Kb / 23P
   Radiation Tolerant 30V 32-Channel Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com