Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT-BGA-7500 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # CBT-BGA-7500
Description  Highly compliant to accommodate wide co-planarity variations
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-BGA-7500 Datasheet(HTML) 4 Page - Ironwood Electronics.

  CBT-BGA-7500 Datasheet HTML 1Page - Ironwood Electronics. CBT-BGA-7500 Datasheet HTML 2Page - Ironwood Electronics. CBT-BGA-7500 Datasheet HTML 3Page - Ironwood Electronics. CBT-BGA-7500 Datasheet HTML 4Page - Ironwood Electronics. CBT-BGA-7500 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
5
13
12
2
14
10
3
20
4
17
7
1
11
15
6
19
9
8
16
18
ITEM NO.
DESCRIPTION
Material
1
Dowel pin, 1/32" X 1/4", SS
Stainless Steel (18-8)
2
Screw, #0-80 X .188", Flat, SS
Stainless Steel (18-8)
3
#0-80 X .375 LG, SOC HD CAP SCREW, ALLOY
STL, BLK OXIDE
Alloy Steel
4
Floating Guide Spring
Alloy Steel (SS)
5
12mm Plastic Snap Clamshell Socket Lid
PPS/Ultem
6
Compression Plate 7x7mm
7075-T6 Alumium Alloy
7
Clamshell socket base with posts, 7mm
7075-T6 Aluminum Alloy
8
Clamshell Latch Snap Lid Socket
PPS/Ultem
9
2mm diameter Hinge Pin, 20 mm long
Alloy Steel
10
Clamshell Backing Plate, 7mm IC 5 post "H"
shaped
7075-T6 Aluminum Alloy
11
Stamped Pin, 0.4mm SBT-BGA
N/A
12
BGA36 0.4mm SBT Top spring pin guide
Semitron MDS 100
13
Floating guide 3x3mm IC 0.4mm BGA36
Semitron MDS 100
14
BGA36 0.4mm SBT Bottom spring pin guide
Semitron MDS 100
15
BGA36 IC, 3x3mm 0.4mm pitch
High Temp FR4
16
Torsion Spring, 180 0.109" OD, Ccw/Rh
Steel Music Wire
17
Dowel Pin, M1.5 X 20mm LG, 18-8 SS
AISI 347 Annealed Stainless Steel
(SS)
18
Wave Spring 0.375"OD 0.15" ln 100lbs/in
Steel Music Wire
19
Snap ring for 2mm Hinge pin 0.15" OD
20
PCB 0.4mm pitch 3x3mm IC BGA36
High Temp FR4
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket Assy, detail
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 6/4/13
Material: N/A
Finish: N/A
Weight: 12.72
CBT-BGA-7500 Drawing
SCALE: 2:1
SHEET: 4 OF 5
ENG: V. Panavala
FILE: CBT-BGA-7500
DRAWN BY: V. Panavala


Similar Part No. - CBT-BGA-7500

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-7501 IRONWOOD-CBT-BGA-7501 Datasheet
339Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7503 IRONWOOD-CBT-BGA-7503 Datasheet
489Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7504 IRONWOOD-CBT-BGA-7504 Datasheet
363Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7505 IRONWOOD-CBT-BGA-7505 Datasheet
672Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-BGA-7506 IRONWOOD-CBT-BGA-7506 Datasheet
1Mb / 9P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - CBT-BGA-7500

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-7019 IRONWOOD-CBT-BGA-7019 Datasheet
304Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7023 IRONWOOD-SBT-BGA-7023 Datasheet
423Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7502 IRONWOOD-SBT-BGA-7502 Datasheet
493Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7035 IRONWOOD-CBT-QFN-7035 Datasheet
489Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-QFN-9011 IRONWOOD-SM-QFN-9011 Datasheet
289Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-SO-4001 IRONWOOD-CBT-SO-4001 Datasheet
354Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6533 IRONWOOD-SBT-BGA-6533 Datasheet
436Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9029 IRONWOOD-SM-BGA-9029 Datasheet
368Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7005 IRONWOOD-CBT-BGA-7005 Datasheet
295Kb / 5P
   Highly compliant to accommodate wide co-planarity variations.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com