Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPN180T10 Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SPN180T10
Description  N-Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN180T10 Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SPN180T10 Datasheet HTML 1Page - SYNC POWER Crop. SPN180T10 Datasheet HTML 2Page - SYNC POWER Crop. SPN180T10 Datasheet HTML 3Page - SYNC POWER Crop. SPN180T10 Datasheet HTML 4Page - SYNC POWER Crop. SPN180T10 Datasheet HTML 5Page - SYNC POWER Crop. SPN180T10 Datasheet HTML 6Page - SYNC POWER Crop. SPN180T10 Datasheet HTML 7Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2015/8/18
V.1
Page 1
SPN180T10
N-Channel Enhancement Mode MOSFET
DESCRIPTION
APPLICATIONS
The SPN180T10 is the N-Channel enhancement mode
power field effect transistor which is produced using super
high cell density DMOS trench technology. This high
density process is especially tailored to minimize on-state
resistance. These devices are particularly suitable for
synchronous rectifier application, Motor control power
management and other Power Tool circuits. It has been
optimized for low gate charge, low RDS(ON) and fast
switching speed.
AC/DC Synchronous Rectifier
Load Switch
UPS
Power Tool
Motor Control
FEATURES
PIN CONFIGURATION
100V/180A, RDS(ON)=3.7mΩ@VGS= 10V
High density cell design for extremely low RDS (ON)
Exceptional on-resistance and maximum DC current
capability
TO-220 package design
TO-220
PART MARKING


Similar Part No. - SPN180T10

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPN180T10T220TGB SYNC-POWER-SPN180T10T220TGB Datasheet
408Kb / 6P
   N-Channel Enhancement Mode MOSFET
SPN180T10T262RGB SYNC-POWER-SPN180T10T262RGB Datasheet
408Kb / 6P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - SPN180T10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com