Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATmega128 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # ATmega128
Description  AVR Studio Compatible
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega128 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button ATmega128 Datasheet HTML 45Page - ATMEL Corporation ATmega128 Datasheet HTML 46Page - ATMEL Corporation ATmega128 Datasheet HTML 47Page - ATMEL Corporation ATmega128 Datasheet HTML 48Page - ATMEL Corporation ATmega128 Datasheet HTML 49Page - ATMEL Corporation ATmega128 Datasheet HTML 50Page - ATMEL Corporation ATmega128 Datasheet HTML 51Page - ATMEL Corporation ATmega128 Datasheet HTML 52Page - ATMEL Corporation ATmega128 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
Using AVR Studio
AVR STK500 User Guide
5-9
1925C–AVR–3/03
5.4
Command Line
Software
The DOS command line version of the STK500 software is useful for programming
STK500 from external editors or for use in production programmers. Simple batch files
can be made for automatic programming. Type “STK500 -?” for help.
The program returns ERRORCODE 0 if the operation was successful, and ERROR-
CODE 1 if the operation failed.
Command Line Switches:
[-d device name] [-m s|p] [-if infile] [-ie infile] [-of outfile]
[-oe outfile] [-s] [-O] [-Sf addr] [-Seaddr] [-e] [-p f|e|b]
[-r f|e|b] [-v f|e|b] [-l value] [-L value] [-y] [-f value] [-E value]
[-F value] [-G value] [-q] [-x value] [-af start,stop] [-ae start,stop]
[-c port] [-ut value] [-ua value] [-wt] [-wa] [-b h|s] [-! freq] [-t]
[-g] [-z] [-h|?]
5.5
Parameters
d
Device name. Must be applied when programming the device. See list below.
m
Select programming mode; serial (s) or parallel/High-voltage (p).
Serial programming mode is the default, and is used if this parameter not
applied.
if
Name of FLASH input file. Required for programming or verification of the FLASH
memory. The file format is Intel Extended HEX.
ie
Name of EEPROM input file. Required for programming or verification of the
EEPROM memory. The file format is Intel Extended HEX.
of
Name of flash output file. Required for readout of the FLASH memory. The file
format is Intel Extended HEX.
oe
Name of EEPROM output file. Required for readout of the EEPROM memory. The
file format is Intel Extended HEX.
s
Read signature bytes.
O
Read oscillator calibration byte.
Sf
Write oscillator call. byte to FLASH memory. “addr” is byte address
Se
Write oscillator call. byte to EEPROM memory. “addr” is byte address
e
Erase device. If applied with another programming parameter, the device will be
erased before any other programming takes place.
p
Program device; FLASH (f), EEPROM (e) or both (b). Corresponding input files
are required.
r
Read out device; FLASH (f), EEPROM (e) or both (b). Corresponding output files
are required
v
Verify device; FLASH (f), EEPROM (e) or both (b). Can be used with -p or stand
alone. Corresponding input files are required.
l
Set lock byte. “value' is an 8-bit hex. value.
L
Verify lock byte. “value” is an 8-bit hex. value to verify against.
y
Read back lock byte.


Similar Part No. - ATmega128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA128 ATMEL-ATMEGA128 Datasheet
360Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA128 ATMEL-ATMEGA128 Datasheet
317Kb / 31P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467OS-AVR-10/06
ATMEGA128 ATMEL-ATMEGA128 Datasheet
349Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467CS-AVR-02/02
ATMEGA128 ATMEL-ATMEGA128 Datasheet
6Mb / 386P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467R-AVR-06/08
ATMEGA128 ATMEL-ATMEGA128 Datasheet
613Kb / 26P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467S-AVR-07/09
More results

Similar Description - ATmega128

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
LP15MHZ-1553 SOSHIN-LP15MHZ-1553 Datasheet
110Kb / 1P
   For Digital Studio
logo
Freescale Semiconductor...
MPC8250 FREESCALE-MPC8250 Datasheet
956Kb / 2P
   CodeWarrior Development Studio
logo
Weidmuller
2660130000 WEIDMULLER-2660130000 Datasheet
58Kb / 2P
   U-CREATE-STUDIO
November 4, 2021
logo
Cree, Inc
CXA2 CREE-CXA2 Datasheet
2Mb / 15P
   XLamp Studio LED
logo
Freescale Semiconductor...
MPC852 FREESCALE-MPC852 Datasheet
1Mb / 2P
   CodeWarrior Development Studio
logo
Soshin electric Co., Lt...
LP30MHZ-1551 SOSHIN-LP30MHZ-1551 Datasheet
89Kb / 1P
   For Digital Studio
logo
Freescale Semiconductor...
MPC8280 FREESCALE-MPC8280 Datasheet
955Kb / 2P
   CodeWarrior??Development Studio
logo
List of Unclassifed Man...
JEDI ETC1-JEDI Datasheet
345Kb / 2P
   Seeed Studio Edition
logo
Keysight Technologies
N7606B KEYSIGHT-N7606B Datasheet
2Mb / 10P
   Signal Studio for Bluetooth짰
logo
Weidmuller
2722700000 WEIDMULLER-2722700000 Datasheet
56Kb / 2P
   U-CREATE-STUDIO-SIMULATION
November 4, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com