Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R1420804V9A Datasheet(PDF) 7 Page - Intersil Corporation

Part # 5962R1420804V9A
Description  10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R1420804V9A Datasheet(HTML) 7 Page - Intersil Corporation

Back Button 5962R1420804V9A Datasheet HTML 3Page - Intersil Corporation 5962R1420804V9A Datasheet HTML 4Page - Intersil Corporation 5962R1420804V9A Datasheet HTML 5Page - Intersil Corporation 5962R1420804V9A Datasheet HTML 6Page - Intersil Corporation 5962R1420804V9A Datasheet HTML 7Page - Intersil Corporation 5962R1420804V9A Datasheet HTML 8Page - Intersil Corporation 5962R1420804V9A Datasheet HTML 9Page - Intersil Corporation 5962R1420804V9A Datasheet HTML 10Page - Intersil Corporation 5962R1420804V9A Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ISL71091SEH10
7
FN8633.2
March 17, 2016
Submit Document Feedback
Total Dose Radiation Characteristics Thisdataistypicalmeantestdataposttotaldoseradiationexposure
at both low dose rate (LDR) of <10mrad(Si)/s to 50krads and at a high dose rate (HDR) of 50 to 300rad(Si)/s to 150krads. This data is intended to show
typical parameter shifts due to low dose rate radiation. These are not limits nor are they guaranteed. LDR data to 150krads will be added when available.
VIN = 15V, TA = +25°C, IOUT = 0, CIN = 0.1µF, CL = 1µF and CCOMP = 0.001µF unless otherwise specified.
FIGURE 5. VOUT ACCURACY SHIFT
FIGURE 6. SUPPLY CURRENT SHIFT
FIGURE 7. LINE REGULATION SHIFT
FIGURE 8. LOAD REGULATION (SOURCING) SHIFT
FIGURE 9. LOAD REGULATION (SINKING) SHIFT
FIGURE 10. DROPOUT SHIFT
9.97
9.98
9.99
10.00
10.01
10.02
10.03
0
50
100
150
ANNEAL
TOTAL DOSE (krad (Si))
HDR GND
LDR BIASED
LDR GND
HDR BIASED
SPEC LIMIT
SPEC LIMIT
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0
50
100
150
ANNEAL
TOTAL DOSE (krad (Si))
HDR GND
LDR BIASED
LDR GND
HDR BIASED
SPEC LIMIT
SPEC LIMIT
-6
-4
-2
0
2
4
6
0
50
100
150
ANNEAL
TOTAL DOSE (krad (Si))
HDR GND
LDR BIASED
LDR GND
HDR BIASED
SPEC LIMIT
SPEC LIMIT
-20
-15
-10
-5
0
5
10
15
20
0
50
100
150
ANNEAL
TOTAL DOSE (krad (Si))
HDR GND
LDR BIASED
LDR GND
HDR BIASED
SPEC LIMIT
SPEC LIMIT
-50
-40
-30
-20
-10
0
10
20
30
40
50
0
50
100
150
ANNEAL
TOTAL DOSE (krad (Si))
HDR GND
LDR BIASED
LDR GND
HDR BIASED
SPEC LIMIT
SPEC LIMIT
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
50
100
150
ANNEAL
HDR GND
LDR BIASED
LDR GND
HDR BIASED
SPEC LIMIT
TOTAL DOSE (krad (Si))


Similar Part No. - 5962R1420804V9A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5962R1420804V9A RENESAS-5962R1420804V9A Datasheet
1Mb / 16P
   10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
More results

Similar Description - 5962R1420804V9A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71091SEH10 RENESAS-ISL71091SEH10 Datasheet
1Mb / 16P
   10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Intersil Corporation
ISL71090SEH12 INTERSIL-ISL71090SEH12 Datasheet
408Kb / 10P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
ISL71090SEH25 INTERSIL-ISL71090SEH25 Datasheet
388Kb / 10P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
ISL71090SEH50 INTERSIL-ISL71090SEH50 Datasheet
391Kb / 13P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 15, 2016
logo
Renesas Technology Corp
ISL71090SEH50 RENESAS-ISL71090SEH50 Datasheet
495Kb / 14P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
May 14, 2021
logo
Intersil Corporation
ISL71091SEH20 INTERSIL-ISL71091SEH20 Datasheet
1Mb / 16P
   2.048V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Renesas Technology Corp
ISL71090SEH12 RENESAS-ISL71090SEH12 Datasheet
588Kb / 14P
   1.25V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Jan 20, 2022
logo
Intersil Corporation
ISL71091SEH33 INTERSIL-ISL71091SEH33 Datasheet
1Mb / 16P
   3.3V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 18, 2016
logo
Renesas Technology Corp
ISL71090SEH25 RENESAS-ISL71090SEH25 Datasheet
498Kb / 14P
   2.5V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Jan 20, 2022
ISL71091SEH40 RENESAS-ISL71091SEH40 Datasheet
1Mb / 16P
   4.096V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com