Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEGA3290P Datasheet(PDF) 10 Page - ATMEL Corporation

Part # MEGA3290P
Description  Single cycle instructions
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MEGA3290P Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button MEGA3290P Datasheet HTML 6Page - ATMEL Corporation MEGA3290P Datasheet HTML 7Page - ATMEL Corporation MEGA3290P Datasheet HTML 8Page - ATMEL Corporation MEGA3290P Datasheet HTML 9Page - ATMEL Corporation MEGA3290P Datasheet HTML 10Page - ATMEL Corporation MEGA3290P Datasheet HTML 11Page - ATMEL Corporation MEGA3290P Datasheet HTML 12Page - ATMEL Corporation MEGA3290P Datasheet HTML 13Page - ATMEL Corporation MEGA3290P Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
© 2015 / www.atmel.com
10
Atmel | SMART 32-bit ARM
Microcontroller Offering
SAM D Family
Features
SAM D10
SAM D11
SAM D20 SAM D21
SAM L21/22
SAM C20/21
Cortex M0+
Event System
SERCOM
PTC
10-bit 350 ksps DAC
2xAnalog Comparator
32-bit RTC with Calendar
Serial Wire Debug
BOR and POR
Internal RCs
Watchdog
High GPIO Count
8-16KB Flash
16-256KB
Flash
32-256KB Flash
14, 20 and 24 pins
32, 48 and 64 pins
6-ch DMA
12-ch DMA
16-ch DMA
12-ch DMA
1x T/C for Control
3x T/C for Control
12-bit 350Ksps ADC
12-bit, 20ch, 1Msps ADC*
FS USB
Device
FS USB H&D
I2S
SLCD*
HW Div
5V Operation
Comments
• SAML22 has
integrated SLCD
• SAMC21 has 16 bit
Sigma Delta
• SAMC20 has 12
channel 1MSPS ADC
SAM D, SAM L and SAM C Series
Broad ARM Cortex M0+ Offerings
• SAM D09 – The smallest member of the SAM D
family in terms of memory, pin count, and features.
Compatible with the SAM D10, SAM D11, SAMD20,
and SAM D21.
• SAM D10/11 – Feature upgrade from the SAM
D09 with additional serial interfaces, timers, Analog
Comparator, DAC, and Peripheral Touch Controller.
• SAM D20/21 – Offers a rich set of peripherals,
flexibility, and ease-of-use with low power
consumption Full Speed USB, DMA, high-end
timers/counters
• SAM DA1 – Automotive qualified microcontrollers,
embedding Peripheral Touch Controller (PTC) enabling
efficient Button/Slider/Wheel and Proximity detection
solutions for automotive HMI applications
• SAM L21/22 - Ultra Low Power version featuring
35uA/MHz in active mode, 1Msps ADC and DAC,
Custom Configurable Logic, PTC and more
• SAM C20/21 – 5V version for Industrial applications
that need to interface with higher powered devices.
Features CAN, RS485, 16-bit Sigma Delta ADC
and QTouch
Series Descriptions


Similar Part No. - MEGA3290P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MEGA32C1-15AZ ATMEL-MEGA32C1-15AZ Datasheet
1,005Kb / 25P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
MEGA32C1-15AZ ATMEL-MEGA32C1-15AZ Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
MEGA32C1-15MZ ATMEL-MEGA32C1-15MZ Datasheet
1,005Kb / 25P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
MEGA32C1-15MZ ATMEL-MEGA32C1-15MZ Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
MEGA32C1-ESAZ ATMEL-MEGA32C1-ESAZ Datasheet
1,005Kb / 25P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
More results

Similar Description - MEGA3290P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48PV ATMEL-ATMEGA48PV_14 Datasheet
401Kb / 420P
   131 Powerful Instructions ??Most Single Clock Cycle Execution
ATTINY48PRE ATMEL-ATTINY48PRE Datasheet
8Mb / 298P
   123 Powerful Instructions ??Most Single Clock Cycle Execution
AT90USB647 ATMEL-AT90USB647_14 Datasheet
11Mb / 456P
   135 powerful instructions ??most single clock cycle execution
ATMEGA48PA ATMEL-ATMEGA48PA_14 Datasheet
487Kb / 326P
   131 Powerful Instructions ??Most Single Clock Cycle Execution
ATMEGA48P ATMEL-ATMEGA48P_11 Datasheet
6Mb / 420P
   131 Powerful Instructions - Most Single Clock Cycle Execution
AT90PWM161 ATMEL-AT90PWM161_14 Datasheet
3Mb / 327P
   131 powerful instructions - most single clock cycle execution
T32UC3L0128 ATMEL-T32UC3L0128_14 Datasheet
11Mb / 852P
   Compact Single-cycle RISC Instruction Set Including DSP Instructions
AT32UC3L0256 ATMEL-AT32UC3L0256_14 Datasheet
11Mb / 852P
   Compact Single-cycle RISC Instruction Set Including DSP Instructions
logo
PANDUIT CORP.
MPT5-8AS PANDUIT-MPT5-8AS Datasheet
120Kb / 1P
   CONTROLLED CYCLE TERMINATION TOOL OPERATION INSTRUCTIONS
CT-1123 PANDUIT-CT-1123 Datasheet
105Kb / 2P
   CONTROLLED CYCLE FERRULE CRIMPING TOOLS OPERATION, INSPECTION and MAINTENANCE INSTRUCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com