Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS63LV1024-T Datasheet(PDF) 8 Page - ATMEL Corporation

Part # IS63LV1024-T
Description  Supports the ATmega2560, ATmega1280 and ATmega640
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

IS63LV1024-T Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button IS63LV1024-T Datasheet HTML 4Page - ATMEL Corporation IS63LV1024-T Datasheet HTML 5Page - ATMEL Corporation IS63LV1024-T Datasheet HTML 6Page - ATMEL Corporation IS63LV1024-T Datasheet HTML 7Page - ATMEL Corporation IS63LV1024-T Datasheet HTML 8Page - ATMEL Corporation IS63LV1024-T Datasheet HTML 9Page - ATMEL Corporation IS63LV1024-T Datasheet HTML 10Page - ATMEL Corporation IS63LV1024-T Datasheet HTML 11Page - ATMEL Corporation IS63LV1024-T Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
guide.
High-Voltage Parallel Programming (HVPP)
HVPP programming is always available. The other programming modes, ISP and
JTAG programming, can be disabled. With HVPP, the other programming modes
can be enabled.
HVPP requires the target voltage to be set to 5V. If you have any external
hardware connected to STK500/STK503 that does not tolerate 5V, it must be
disconnected before you HVPP program the AVR.
Figure 4-2: HVPP programming the AVR
To HVPP program the AVR on STK503, follow these steps:
1.
Turn off power on STK500.
2.
Disconnect any hardware that does not tolerate 5V.
3.
Connect the PROGCTRL connector to PORTD and PROGDATA to
PORTB on the STK500 as show in the figure below.
4.
Set jumpers and switches according to Table 4-1.
5.
Connect a serial cable to the RS232 CTRL connector on STK500 and
your PC.
6.
Turn on power on STK500.
7.
Start AVR Studio. On the Tools menu, select "Program AVR/ Connect..."
8.
On the Board tab, make sure the VTarget slider shows 5V. If not, adjust it
and press Write Voltages .
You are now ready to program the device. For more information on how to use
the programming dialog, see the Frontend software section in the STK500 user
guide.


Similar Part No. - IS63LV1024-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS63LV1024-T ETC2-IS63LV1024-T Datasheet
704Kb / 17P
   STK503 User Guide
More results

Similar Description - IS63LV1024-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
STK505 ATMEL-STK505 Datasheet
158Kb / 11P
   Supports the ATtiny24 and ATtiny26
logo
Freescale Semiconductor...
KL16P64M48SF4 FREESCALE-KL16P64M48SF4 Datasheet
1Mb / 55P
   Supports the following MKL16Z256VLH4, MKL16Z256VMP4
logo
Analog Devices
EVAL-ADPD105Z-GEN AD-EVAL-ADPD105Z-GEN Datasheet
1Mb / 26P
   Supports the detection of UART
logo
ATMEL Corporation
STK504 ATMEL-STK504 Datasheet
568Kb / 21P
   Supports the ATmega3290 and ATmega6490 with built-in LCD controller
logo
NXP Semiconductors
K70P256M120SF3 NXP-K70P256M120SF3 Datasheet
1Mb / 97P
   K70 Sub-Family Supports the following
Rev. 7, 02/2018
K10P64M50SF0 NXP-K10P64M50SF0_V01 Datasheet
988Kb / 62P
   K10 Sub-Family Supports the following
Rev. 5 10/2023
K61P256M150SF3 NXP-K61P256M150SF3 Datasheet
1Mb / 94P
   K61 Sub-Family Supports the following
Rev. 7, 02/2018
S32M2XX NXP-S32M2XX Datasheet
2Mb / 135P
   Supports S32M24x and S32M27x
Rev. 3 - 10/2023
MC56F80XXX NXP-MC56F80XXX_V01 Datasheet
1Mb / 71P
   Supports MC56F807xx and MC56F806xx
Rev. 2.1, 02/2023
logo
Dialog Semiconductor
DA14AVDDECT DIALOG-DA14AVDDECT Datasheet
1Mb / 25P
   The module is based on Dialogs DA14495 chip that supports DQPSK and D8PSK besides the
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com