Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK503 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # STK503
Description  Supports the ATmega2560, ATmega1280 and ATmega640
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK503 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button STK503 Datasheet HTML 6Page - ATMEL Corporation STK503 Datasheet HTML 7Page - ATMEL Corporation STK503 Datasheet HTML 8Page - ATMEL Corporation STK503 Datasheet HTML 9Page - ATMEL Corporation STK503 Datasheet HTML 10Page - ATMEL Corporation STK503 Datasheet HTML 11Page - ATMEL Corporation STK503 Datasheet HTML 12Page - ATMEL Corporation STK503 Datasheet HTML 13Page - ATMEL Corporation STK503 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
6.
Start AVR Studio. On the Tools menu, select "Program AVR/ Connect..."
You are now ready to program the device. For more information on how to use
the programming dialog, see the Frontend software section in the STK500 user
guide.
STK503 Clock Sources
The ATmega2560 and its like have two clock inputs; XTAL and TOSC. Two
switches on the STK503 selects what is connected to these two inputs.
Figure 5-1: The clock selection switches XTAL and TOSC
The XTAL switch
A clock source connected to the XTAL clock input is used to drive the internal
chip clock. The source can be a crystal, a resonator or an external clock signal.
The XTAL switch sitting on STK503 selects what is connected to the XTAL pins.
STK500 can supply two different clock signals:
STK500 can generate a software controlled signal with a maximum
frequency of 3.69MHz
A crystal can be placed in the crystal socket.
You select between these two sources with the OSCSEL jumper. This signal is
available on STK503.
The STK503 also has a socket for a crystal. This socket should be used instead
of the one on STK500, at least for high-frequency crystals (>8MHz).
The XTAL switch selects what signal is routed to the XTAL pin on the AVR:
The STK500 supplied clock (set the switch to the position indicated by the
text STK500)
The crystal socket on STK503 (set the switch to the position nearest the
crystal socket)


Similar Part No. - STK503

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK500 ETC1-STK500 Datasheet
2Mb / 61P
   User Guide
logo
ATMEL Corporation
STK500 ATMEL-STK500 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
logo
SHENZHEN DOINGTER SEMIC...
STK5006P DOINGTER-STK5006P Datasheet
1Mb / 3P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STK5006P VBSEMI-STK5006P Datasheet
2Mb / 9P
   N-Channel 60 V (D-S) MOSFET
logo
ATMEL Corporation
STK501 ATMEL-STK501 Datasheet
1Mb / 29P
   STK500 Compatible
More results

Similar Description - STK503

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
STK505 ATMEL-STK505 Datasheet
158Kb / 11P
   Supports the ATtiny24 and ATtiny26
logo
Freescale Semiconductor...
KL16P64M48SF4 FREESCALE-KL16P64M48SF4 Datasheet
1Mb / 55P
   Supports the following MKL16Z256VLH4, MKL16Z256VMP4
logo
Analog Devices
EVAL-ADPD105Z-GEN AD-EVAL-ADPD105Z-GEN Datasheet
1Mb / 26P
   Supports the detection of UART
logo
ATMEL Corporation
STK504 ATMEL-STK504 Datasheet
568Kb / 21P
   Supports the ATmega3290 and ATmega6490 with built-in LCD controller
logo
NXP Semiconductors
K70P256M120SF3 NXP-K70P256M120SF3 Datasheet
1Mb / 97P
   K70 Sub-Family Supports the following
Rev. 7, 02/2018
K10P64M50SF0 NXP-K10P64M50SF0_V01 Datasheet
988Kb / 62P
   K10 Sub-Family Supports the following
Rev. 5 10/2023
K61P256M150SF3 NXP-K61P256M150SF3 Datasheet
1Mb / 94P
   K61 Sub-Family Supports the following
Rev. 7, 02/2018
S32M2XX NXP-S32M2XX Datasheet
2Mb / 135P
   Supports S32M24x and S32M27x
Rev. 3 - 10/2023
MC56F80XXX NXP-MC56F80XXX_V01 Datasheet
1Mb / 71P
   Supports MC56F807xx and MC56F806xx
Rev. 2.1, 02/2023
logo
Dialog Semiconductor
DA14AVDDECT DIALOG-DA14AVDDECT Datasheet
1Mb / 25P
   The module is based on Dialogs DA14495 chip that supports DQPSK and D8PSK besides the
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com