Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEGA169PA Datasheet(PDF) 7 Page - ATMEL Corporation

Part # MEGA169PA
Description  Single cycle instructions
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MEGA169PA Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button MEGA169PA Datasheet HTML 3Page - ATMEL Corporation MEGA169PA Datasheet HTML 4Page - ATMEL Corporation MEGA169PA Datasheet HTML 5Page - ATMEL Corporation MEGA169PA Datasheet HTML 6Page - ATMEL Corporation MEGA169PA Datasheet HTML 7Page - ATMEL Corporation MEGA169PA Datasheet HTML 8Page - ATMEL Corporation MEGA169PA Datasheet HTML 9Page - ATMEL Corporation MEGA169PA Datasheet HTML 10Page - ATMEL Corporation MEGA169PA Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Product Selection Guide
7
tinyAVR—Small and Powerful
AVR 8-bit Product Families
Part Number
Pins
Flash
(KB)
SRAM
(B)
EEPROM (B)
I/O
ADC
Packages
Comments
TINY 4
4/6
0.5
32
N/A
4
SOT23-6, UDFN-8
Low Cost
TINY 5
4/6
0.5
32
N/A
4
4 x 8bit
SOT23-6, UDFN-8
Low Cost
with ADC
TINY 9
4/6
1
32
N/A
4
SOT23-6, UDFN-8
Low Cost
TINY 10
4/6
1
32
N/A
4
4 x 8bit
SOT23-6, UDFN-8
Low Cost
with ADC
TINY 13A
8/10/12
1
64
64
6
4 x 10bit
PDIP-8, SOIC-8, QFN-10, QFN-20
Picopower
TINY 20
14/15/20
2
128
N/A
10/12
8 x 10bit
SOIC-14, TSSOP-14, WCCSP-12,
UFBGA-15, VQFN-20
Qtouch
TINY 24A
14/15/20
2
128
128
12
12 x 10bit
SOIC-14, PDIP-14, UFBGA-15,
QFN-20, MLF-20, VQFN-20
Diff ADC
Gain Stage
TINY 25
8/20
2
128
128
6
4 x 10bit
PDIP-8, SOIC-8, QFN-20, QFN-20
High Speed
Diff ADC
Gain Stage
TINY 40
20
4
256
N/A
18
8 x 10bit
SOIC-14, TSOP-20, VQFN-20
QTouch
TINY 44A
14
4
256
256
12
8 x 10bit
SOIC-14, PDIP-14, UFBGA-15,
QFN-20, MLF-20, VQFN-20
Qtouch
Diff ADC
Gain Stage
TINY 45
8/20
4
256
256
6
4 x 10bit
PDIP-8, SOIC-8, TSOP-8, QFN-20
High Speed
Diff ADC
Gain Stage
TINY 48
28/32
8
256
64
24/28
10bit
PDIP-28, QFN-28, QFP-32, QFN-32
Qtouch
TINY 84A
14
8
512
512
12
8 x 10bit
SOIC-14, PDIP-14, UFBGA-15,
QFN-20, MLF-20, VQFN-20
Qtouch
Diff ADC
Gain Stage
TINY 85
8/20
8
512
512
6
4 x 10bit
PDIP-8, SOIC-8, QFN-20
High Speed
Diff ADC
Gain Stage
TINY 88
28/32
8
512
64
24/28
10 bit
PDIP-28, QFN-28, QFP-32, QFN-32
Qtouch
TINY 102
8
1
32
N/A
6
5 x 10bit
UDFN-8, SOIC-8
USART/SPI
TINY 104
14
1
32
N/A
12
8 x 10bit
SOIC-14
USART/SPI
TINY 261A
20/32
2
128
128
16
11 x 10bit
SOIC-20, PDIP-20, TSOP-20,
QFN-32
High Speed
PWM Diff ADC
Gain Stage
TINY 441
14/20
4
256
128
12
12 x 10bit
SOIC-14, MLF-20, QFN-20
Acc VREF 2%
osc Diff ADC
Gain Stage
TINY 461A
20/32
4
256
256
16
11 x 10bit
SOIC-20, PDIP-20, TSOP-20,
QFN-32
High Speed
PWM Diff ADC
Gain Stage
TINY 841
14
8
512
256
12
12 x 10bit
SOIC-14, MLF-20, QFN-20
Acc VREF 2%
osc Diff ADC
Gain Stage
TINY 861A
20/32
8
512
512
16
11 x 10bit
SOIC-20, PDIP-20, TSOP-20,
QFN-32
High Speed
PWM Diff ADC
Gain Stage
TINY 1634
20
16
256
1
18
12 x 10bit
SOIC-20, QFN-20
2 x USART


Similar Part No. - MEGA169PA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MEGA16M1-15AZ ATMEL-MEGA16M1-15AZ Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
MEGA16M1-15MZ ATMEL-MEGA16M1-15MZ Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
More results

Similar Description - MEGA169PA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48PV ATMEL-ATMEGA48PV_14 Datasheet
401Kb / 420P
   131 Powerful Instructions ??Most Single Clock Cycle Execution
ATTINY48PRE ATMEL-ATTINY48PRE Datasheet
8Mb / 298P
   123 Powerful Instructions ??Most Single Clock Cycle Execution
AT90USB647 ATMEL-AT90USB647_14 Datasheet
11Mb / 456P
   135 powerful instructions ??most single clock cycle execution
ATMEGA48PA ATMEL-ATMEGA48PA_14 Datasheet
487Kb / 326P
   131 Powerful Instructions ??Most Single Clock Cycle Execution
ATMEGA48P ATMEL-ATMEGA48P_11 Datasheet
6Mb / 420P
   131 Powerful Instructions - Most Single Clock Cycle Execution
AT90PWM161 ATMEL-AT90PWM161_14 Datasheet
3Mb / 327P
   131 powerful instructions - most single clock cycle execution
T32UC3L0128 ATMEL-T32UC3L0128_14 Datasheet
11Mb / 852P
   Compact Single-cycle RISC Instruction Set Including DSP Instructions
AT32UC3L0256 ATMEL-AT32UC3L0256_14 Datasheet
11Mb / 852P
   Compact Single-cycle RISC Instruction Set Including DSP Instructions
logo
PANDUIT CORP.
MPT5-8AS PANDUIT-MPT5-8AS Datasheet
120Kb / 1P
   CONTROLLED CYCLE TERMINATION TOOL OPERATION INSTRUCTIONS
CT-1123 PANDUIT-CT-1123 Datasheet
105Kb / 2P
   CONTROLLED CYCLE FERRULE CRIMPING TOOLS OPERATION, INSPECTION and MAINTENANCE INSTRUCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com