Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A226S1YZQ Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # A226S1YZQ
Description  Letter codes G,L and Q,M - 6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A226S1YZQ Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button A226S1YZQ Datasheet HTML 4Page - List of Unclassifed Manufacturers A226S1YZQ Datasheet HTML 5Page - List of Unclassifed Manufacturers A226S1YZQ Datasheet HTML 6Page - List of Unclassifed Manufacturers A226S1YZQ Datasheet HTML 7Page - List of Unclassifed Manufacturers A226S1YZQ Datasheet HTML 8Page - List of Unclassifed Manufacturers A226S1YZQ Datasheet HTML 9Page - List of Unclassifed Manufacturers A226S1YZQ Datasheet HTML 10Page - List of Unclassifed Manufacturers A226S1YZQ Datasheet HTML 11Page - List of Unclassifed Manufacturers A226S1YZQ Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
6
A2
Right Angle PC .156” Spacing
A4
Right Angle PC .156” Spacing
A7
Right Angle PC .200” Spacing
Right Angle Same Throw
Right Angle Opposite Throw
R
R2
ONE POLE
ONE POLE
TERMINATION / MOUNTING OPTIONS
Contacts
Make on
Same Side
Toggle
Thrown
Contacts
Make on
Opposite Side
Toggle
Thrown
Not available w/ CW, H, H3, T, TX, TW, T1, K2, K9, K19, H4, Y1, & Y4. Large bushing and shoulders interfere with printed circuit board.
Not available w/ CW, H, H3, T, TX, TW, T1, K2, K9, K19, H4, Y1, & Y4. Large bushing and shoulders interfere with printed circuit board.
Not available w/ CW, H, H3, T, TX, TW, T1, K2, K9, K19, H4, Y1, & Y4. Large bushing and shoulders interfere with printed circuit board.
Not available w/ CW, H, H3, T, TX, TW, T1, K2, K9, K19, H4, Y1, & Y4. Large bushing and shoulders interfere with printed circuit board.
Not UL or CSA recognized.
Not available w/ CW, H, H3, T, TX, TW, T1, K2, K9, K19, H4, Y1, & Y4. Large bushing and shoulders interfere with printed circuit board.


Similar Part No. - A226S1YZQ

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A226AR OMRON-A226AR Datasheet
223Kb / 13P
   Pushbutton Switch
logo
MicroPower Direct, LLC
A226RHI MPD-A226RHI Datasheet
184Kb / 2P
   Very High Isolation, 2W Single & Dual Output DC/DC Con vert ers
A226RHI MPD-A226RHI Datasheet
201Kb / 2P
   A200RHI
More results

Similar Description - A226S1YZQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A121K11CWABP ETC2-A121K11CWABP Datasheet
360Kb / 6P
   Letter codes G and Q ??6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
WT121L01D1AB ETC2-WT121L01D1AB Datasheet
234Kb / 4P
   Letter codes G and Q ??6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
logo
JMK Inc.
EF-0772-6B JMK-EF-0772-6B Datasheet
243Kb / 1P
   Operating Voltage= 115/240 Vac OperatingCurrentMax= 6 amp
logo
American Zettler, Inc.
SGC-4F AZETTLER-SGC-4F Datasheet
73Kb / 2P
   SOLID STATE RELAY 2 AMP 250 VAC
logo
JMK Inc.
KK-0851-35 JMK-KK-0851-35 Datasheet
114Kb / 1P
   Operating Voltage= 250/480 Vac OperatingCurrentMax= 35 amp
EA-1013-12A JMK-EA-1013-12A Datasheet
32Kb / 1P
   Operating Voltage= 115/250 Vac OperatingCurrentMax= 12 amp
KK-0851-15 JMK-KK-0851-15 Datasheet
107Kb / 1P
   Operating Voltage= 250/480 Vac OperatingCurrentMax= 15,25,35 amp
logo
Schneider Electric
8501XDO60V62 SCHNEIDER-8501XDO60V62 Datasheet
106Kb / 2P
   NEMA Control Relay, Type X, machine tool, 10A resistive at 600 VAC, 6 normally open contacts, 115/125 VDC coil
logo
List of Unclassifed Man...
S312 ETC1-S312 Datasheet
23Kb / 1P
   3 Amp 120, 240 Vac AC Output
logo
JMK Inc.
AA-0221-20B JMK-AA-0221-20B Datasheet
227Kb / 1P
   Operating voltage = 115/250 Vac Operating current = 20 Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com