Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C535A-WJN-877 Datasheet(PDF) 7 Page - Cree, Inc

Part # C535A-WJN-877
Description  5mm Round LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C535A-WJN-877 Datasheet(HTML) 7 Page - Cree, Inc

Back Button C535A-WJN-877 Datasheet HTML 3Page - Cree, Inc C535A-WJN-877 Datasheet HTML 4Page - Cree, Inc C535A-WJN-877 Datasheet HTML 5Page - Cree, Inc C535A-WJN-877 Datasheet HTML 6Page - Cree, Inc C535A-WJN-877 Datasheet HTML 7Page - Cree, Inc C535A-WJN-877 Datasheet HTML 8Page - Cree, Inc C535A-WJN-877 Datasheet HTML 9Page - Cree, Inc C535A-WJN-877 Datasheet HTML 10Page - Cree, Inc C535A-WJN-877 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
7
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
7
Cree 5-mm Round LED
C535A-WJN
Bin
Code
Sub-
bin
x
y
W5
Wv1
0.3455
0.3725
0.3533
0.3788
0.3523
0.3698
0.3449
0.3630
Wv2
0.3449
0.3630
0.3523
0.3698
0.3514
0.3608
0.3443
0.3535
Wv3
0.3533
0.3788
0.3610
0.3850
0.3598
0.3765
0.3523
0.3698
Wv4
0.3523
0.3698
0.3598
0.3765
0.3585
0.3680
0.3514
0.3608
Ww1
0.3443
0.3535
0.3514
0.3608
0.3505
0.3518
0.3437
0.3440
Ww2
0.3437
0.3440
0.3505
0.3518
0.3495
0.3428
0.3430
0.3345
Ww3
0.3514
0.3608
0.3585
0.3680
0.3573
0.3595
0.3505
0.3518
Ww4
0.3505
0.3518
0.3573
0.3595
0.3560
0.3510
0.3495
0.3428
COLOR BIN LIMIT (I
F = 20 mA)
• Tolerance of measurement of the color coordinates is ±0.01.


Similar Part No. - C535A-WJN-877

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C535A-WJN-CS0V0151 MARKTECH-C535A-WJN-CS0V0151 Datasheet
509Kb / 9P
   Cree짰 5mm Round LED
C535A-WJN-CS0V0231 MARKTECH-C535A-WJN-CS0V0231 Datasheet
509Kb / 9P
   Cree짰 5mm Round LED
C535A-WJN-CT0V0231 MARKTECH-C535A-WJN-CT0V0231 Datasheet
509Kb / 9P
   Cree짰 5mm Round LED
logo
Cree, Inc
C535A-WJN-CT0W0151 CREE-C535A-WJN-CT0W0151 Datasheet
944Kb / 14P
   Cree짰 5mm Round LED
C535A-WJN-CT0W0231 CREE-C535A-WJN-CT0W0231 Datasheet
944Kb / 14P
   Cree짰 5mm Round LED
More results

Similar Description - C535A-WJN-877

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C512A MARKTECH-C512A Datasheet
979Kb / 10P
   5mm Round LED
logo
Cree, Inc
C535A-WJN CREE-C535A-WJN Datasheet
339Kb / 7P
   5mm Round LED
logo
Marktech Corporate
C503B_WAN MARKTECH-C503B_WAN Datasheet
1Mb / 10P
   5mm Round LED
C503B_WAN MARKTECH-C503B_WAN_15 Datasheet
1Mb / 10P
   5mm Round LED
C535A MARKTECH-C535A_15 Datasheet
509Kb / 9P
   5mm Round LED
logo
Cree, Inc
C503D-WAN CREE-C503D-WAN Datasheet
701Kb / 9P
   5mm Round LED
logo
Marktech Corporate
C535A MARKTECH-C535A Datasheet
509Kb / 9P
   5mm Round LED
logo
Cree, Inc
C512T-WNS CREE-C512T-WNS_11 Datasheet
928Kb / 9P
   5mm Round LED
logo
Marktech Corporate
C512A MARKTECH-C512A_15 Datasheet
979Kb / 10P
   5mm Round LED
logo
List of Unclassifed Man...
QBL8IW35D ETC1-QBL8IW35D Datasheet
570Kb / 8P
   5mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com