Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL29034 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL29034
Description  Wide dynamic range1
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29034 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL29034 Datasheet HTML 3Page - Intersil Corporation ISL29034 Datasheet HTML 4Page - Intersil Corporation ISL29034 Datasheet HTML 5Page - Intersil Corporation ISL29034 Datasheet HTML 6Page - Intersil Corporation ISL29034 Datasheet HTML 7Page - Intersil Corporation ISL29034 Datasheet HTML 8Page - Intersil Corporation ISL29034 Datasheet HTML 9Page - Intersil Corporation ISL29034 Datasheet HTML 10Page - Intersil Corporation ISL29034 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ISL29034
7
FN8370.2
August 19, 2016
Submit Document Feedback
Ambient Light and IR Sensing
There are four operational modes in ISL29034: Programmable
ALS once with auto power-down, programmable IR sensing once
with auto power-down, programmable continuous ALS sensing
and programmable continuous IR sensing. These four modes can
be programmed in series to fulfill the application needs. The
detailed program configuration is listed in “Command-I Register
(Address: 0x00)” on page 9.
When the part is programmed for ambient light sensing, the
ambient light with wavelength within the “Ambient Light
Sensing” spectral response curve in Figure 15 is converted into
current. With ADC, the current is converted to an unsigned n-bit
(up to 16 bits) digital output.
When the part is programmed for infrared (IR) sensing, the IR
light with wavelength within the “IR Sensing” spectral response
curve in Figure 15 is converted into current. With ADC, the
current is converted to an unsigned n-bit (up to 16 bits) digital
output.
Serial Interface
The ISL29034 supports the Inter-Integrated Circuit (I2C) bus data
transmission protocol. The I2C bus is a two-wire serial bidirectional
interface consisting of SCL (Clock) and SDA (Data). Both the wires
are connected to the device supply via pull-up resistors. The I2C
protocol defines any device that sends data onto the bus as a
transmitter and the receiving device as the receiver. The device
controlling the transfer is a master and the device being controlled is
the slave. The transmitting device pulls down the SDA line to
transmit a “0” and releases it to transmit a “1”. The master always
initiates the data transfer, only when the bus is not busy, and
provides the clock for both transmit and receive operations. The
ISL29034 operates as a slave device in all applications. The serial
communication over the I2C interface is conducted by sending the
Most Significant Bit (MSB) of each byte of data first.
Start Condition
During data transfer, the SDA line must remain stable while the SCL
line is HIGH. All I2C interface operations must begin with a START
condition, which is a HIGH to LOW transition of SDA while SCL is
HIGH (refer to Figure 12 on page 8). The ISL29034 continuously
monitors the SDA and SCL lines for the START condition and does
not respond to any command until this condition is met (refer to
Figure 12). A START condition is ignored during the power-up
sequence.
Stop Condition
All I2C interface operations must be terminated by a STOP
condition, which is a LOW to HIGH transition of SDA while SCL is
HIGH (refer to Figure 12). A STOP condition at the end of a
read/write operation places the device in its standby mode. If a
stop is issued in the middle of a Data byte, or before 1 full Data
byte + ACK is sent, then the serial communication of the
ISL29034 resets itself without performing the read/write. The
contents of the array are not affected.
Acknowledge
An Acknowledge (ACK) is a software convention used to indicate
a successful data transfer. The transmitting device releases the
SDA bus after transmitting 8 bits. During the ninth clock cycle,
the receiver pulls the SDA line LOW to acknowledge the reception
of the eight bits of data (refer to Figure 12). The ISL29034
responds with an ACK after recognition of a START condition
followed by a valid Identification Byte, and once again, after
successful receipt of an Address Byte. The ISL29034 also
responds with an ACK after receiving a Data byte of a write
operation. The master must respond with an ACK after receiving
a Data byte of a read operation.
Device Addressing
Following a START condition, the master must output a Device
Address byte. The 7 MSBs of the Device Address byte are known as
the device identifier. The device identifier bits of the ISL29034 are
internally hard-wired as “1000100”. The LSB of the Device Address
byte is defined as a Read or Write (R/W) bit. When this R/W bit is a
“1”, a read operation is selected and when “0”, a write operation is
selected (refer to Figure 10). The master generates a START
condition followed by Device Address byte 1000100x (x as R/W)
and the ISL29034 compares it with the internal device identifier.
Upon a correct comparison, the device outputs an acknowledge
(LOW) on the SDA line (refer to Figure 12).
Write Operation
BYTE WRITE
In a byte write operation, the ISL29034 requires the Device
Address byte, Register Address byte, and the Data byte. The
master starts the communication with a START condition. Upon
receipt of the Device Address byte, Register Address byte and the
Data byte, the ISL29034 responds with an Acknowledge (ACK).
Following the ISL29034 data acknowledge response, the master
terminates the transfer by generating a STOP condition.
The ISL29034 then begins an internal write cycle of the data to
the volatile memory. During the internal write cycle, the device
inputs are disabled and the SDA line is in a high impedance state,
so the device will not respond to any requests from the master
(refer to Figure 11).
BURST WRITE
The ISL29034 has a burst write operation, which allows the
master to write multiple consecutive bytes from a specific
address location. It is initiated in the same manner as the byte
write operation, but instead of terminating the write cycle after
the first Data byte is transferred, the master can write to the
whole register array. After the receipt of each byte, the ISL29034
responds with an acknowledge, and the address is internally
incremented by one. The address pointer remains at the last
address byte written. When the counter reaches the end of the
register address list, it “rolls over” and goes back to the first
Register Address.
DEV ICE ADD RESS
BYT E
REG IS T ER
ADD RESS B YT E
D A T A BY T E
1
0
0
0
1
0
0
R/W
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
FIGURE 10. DEVICE ADDRESS, REGISTER ADDRESS AND DATA BYTE


Similar Part No. - ISL29034

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29034 RENESAS-ISL29034 Datasheet
697Kb / 14P
   Integrated Digital Light Sensor
logo
Intersil Corporation
ISL29034 INTERSIL-ISL29034 Datasheet
387Kb / 15P
   Integrated Digital Light Sensor
April 9, 2014
logo
Renesas Technology Corp
ISL29034IROZ-EVALZ RENESAS-ISL29034IROZ-EVALZ Datasheet
697Kb / 14P
   Integrated Digital Light Sensor
logo
Intersil Corporation
ISL29034IROZ-EVALZ INTERSIL-ISL29034IROZ-EVALZ Datasheet
387Kb / 15P
   Integrated Digital Light Sensor
April 9, 2014
logo
Renesas Technology Corp
ISL29034IROZ-T7 RENESAS-ISL29034IROZ-T7 Datasheet
697Kb / 14P
   Integrated Digital Light Sensor
More results

Similar Description - ISL29034

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
   WDR Wide Dynamic Range
logo
Analog Devices
ADL5201 AD-ADL5201 Datasheet
1,001Kb / 28P
   Wide Dynamic Range, High Speed
REV. 0
logo
Zarlink Semiconductor I...
MT3171B ZARLINK-MT3171B Datasheet
485Kb / 15P
   Wide Dynamic Range DTMF Receiver
ZL49010 ZARLINK-ZL49010_07 Datasheet
423Kb / 15P
   Wide Dynamic Range DTMF Receiver
logo
Analog Devices
ADL5202 AD-ADL5202 Datasheet
1Mb / 32P
   Wide Dynamic Range, High Speed
REV. 0
logo
Hamamatsu Corporation
F6584 HAMAMATSU-F6584 Datasheet
24Kb / 2P
   WIDE DYNAMIC RANGE MICROCHANNEL PLATES
logo
Zarlink Semiconductor I...
ZL49010 ZARLINK-ZL49010 Datasheet
353Kb / 14P
   Wide Dynamic Range DTMF Receiver
logo
Mitel Networks Corporat...
MT3170B MITEL-MT3170B Datasheet
91Kb / 8P
   Wide Dynamic Range DTMF Receiver
logo
Zarlink Semiconductor I...
SL2610 ZARLINK-SL2610 Datasheet
593Kb / 27P
   Wide Dynamic Range Image Reject MOPLL
logo
Analog Devices
ADIS16470 AD-ADIS16470 Datasheet
1Mb / 36P
   Wide Dynamic Range, Miniature MEMs IMU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com