Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9113A Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL9113A
Description  Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9113A Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL9113A Datasheet HTML 2Page - Intersil Corporation ISL9113A Datasheet HTML 3Page - Intersil Corporation ISL9113A Datasheet HTML 4Page - Intersil Corporation ISL9113A Datasheet HTML 5Page - Intersil Corporation ISL9113A Datasheet HTML 6Page - Intersil Corporation ISL9113A Datasheet HTML 7Page - Intersil Corporation ISL9113A Datasheet HTML 8Page - Intersil Corporation ISL9113A Datasheet HTML 9Page - Intersil Corporation ISL9113A Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ISL9113A
7
FN8620.1
January 4, 2017
Submit Document Feedback
Typical Characteristics
FIGURE 5. MAXIMUM OUTPUT CURRENT vs INPUT VOLTAGE
FIGURE 6. LINE REGULATION, VOUT = 5V
FIGURE 7. PULSE SKIP MODE WAVEFORM
FIGURE 8. PWM WAVEFORM
FIGURE 9. START-UP AFTER ENABLE (ILOAD = 250mA)
FIGURE 10. START-UP AFTER ENABLE (ILOAD = 50mA)
0
0.2
0.4
0.6
0.8
1.0
1.2
0.8
1.3
1.8
2.3
2.8
3.3
3.8
4.3
4.8
VBAT (V)
VOUT = 4.0V
VOUT = 5.0V
5.02
5.04
5.06
5.08
5.10
5.12
5.14
5.16
0
1
2
3
4
5
VBAT (V)
ILOAD = 1mA (PFM)
ILOAD = 100mA (PWM)
VBAT = 3.0V, VOUT = 5.0V, ILOAD = 20mA
SW (2V/DIV)
L = 2.2µH, COUT = 4.7μF
INDUCTOR CURRENT (500mA/DIV)
VOUT WITH 5.0V OFFSET (200mV/DIV)
TIME 10µs/DIV
VBAT = 3.0V, VOUT = 5.0V, ILOAD = 250mA
VOUT WITH 5.0V OFFSET (50mV/DIV)
INDUCTOR CURRENT (500mA/DIV)
SW (2V/DIV)
TIME 1µs/DIV
L = 2.2µH, COUT = 4.7μF
EN
VOUT (2V/DIV)
INDUCTOR CURRENT (500mA/DIV)
SW (5V/DIV)
VBAT = 3.0V, VOUT = 5.0V, ILOAD = 250mA
TIME 40ms/DIV
EN (5V/DIV)
VOUT (2V/DIV)
INDUCTOR CURRENT (500mA/DIV)
SW (5V/DIV)
VBAT = 3.0V, VOUT = 5.0V, ILOAD = 50mA
TIME 40ms/DIV


Similar Part No. - ISL9113A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9113A RENESAS-ISL9113A Datasheet
737Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
ISL9113AIRAZ-EVZ RENESAS-ISL9113AIRAZ-EVZ Datasheet
737Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
ISL9113AIRAZ-T RENESAS-ISL9113AIRAZ-T Datasheet
737Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
More results

Similar Description - ISL9113A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9113A RENESAS-ISL9113A Datasheet
737Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
logo
Intersil Corporation
ISL9113 INTERSIL-ISL9113 Datasheet
703Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
February 23, 2015
ISL78113AARAZ-T INTERSIL-ISL78113AARAZ-T Datasheet
571Kb / 12P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
May 1, 2014
logo
Renesas Technology Corp
ISL9113 RENESAS-ISL9113 Datasheet
1,003Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
ISL78113A RENESAS-ISL78113A Datasheet
859Kb / 12P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
ISL9111 RENESAS-ISL9111 Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
logo
Intersil Corporation
ISL9111 INTERSIL-ISL9111 Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
logo
Shenzhen Huazhimei Semi...
HM6380 HMSEMI-HM6380 Datasheet
1Mb / 13P
   Low-power, high-efficiency synchronous boost converter
logo
E-CMOS Corporation
EC90X9 E-CMOS-EC90X9 Datasheet
574Kb / 9P
   High efficiency synchronous boost converter
logo
Diodes Incorporated
AP72250 DIODES-AP72250 Datasheet
804Kb / 2P
   Synchronous Boost Converter with Ultra Low Input Voltage Enables 5A Switch Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com