Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16(L)F18326 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC16(L)F18326
Description  17 channel 10-bit Analog-to-Digital Converter (ADC)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16(L)F18326 Datasheet(HTML) 1 Page - Microchip Technology

  PIC16(L)F18326 Datasheet HTML 1Page - Microchip Technology PIC16(L)F18326 Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PIC16F18345 Internet of Things (IoT)
Sensor Badge Demonstration
Summary
The number of connected applications is growing rapidly,
along with the need to handle multiple functions and
reduce power consumption. There are many communication
protocols used with different characteristics such as
wired, wireless, low energy and long-range connectivity.
Connected applications range from reading remote sensors
and sending the data to the cloud, to enabling remote
bootloader capability for functionality and software updates.
Offering an array of Core Independent Peripherals
(CIPs), Microchip’s 8-bit PIC®microcontrollers provide
the capabilities to handle multiple functions without the
core for low power consumption. The integrated analog,
digital and communication peripherals perform functions
autonomously, with the ability to alter system performance
based on feedback or other application needs. The multiple
on-board communication peripherals can be used with
external modules to enable Ethernet, Wi-Fi®, Bluetooth®
and long-range communications such as LoRa®.
The 20-pin PIC16F18345-based IoT Sensor Badge shows
this concept by interfacing with multiple sensors, sound
buzzer, communication module and RGB LEDs to perform
various application functions, including communication with
a smartphone application via a Bluetooth LE module.
For more information on the PIC16F18345, visit
www.microchip.com/PIC16F18345.
Product Highlights
PIC16F18345
17 channel 10-bit Analog-to-Digital Converter (ADC)
5-bit Digital-to-Analog Converter (DAC)
Two comparators and two 10-bit PWMS
Complementary Waveform Generator (COG)
Four Capture/Compare PWMs (CCPs)
Numerically Controlled Oscillator (NCO)
Data Signal Modulator (DSM)
Four Configurable Logic Cells (CLCs)
EUSART
Two I2C/SPI interfaces
Peripheral Pin Select (PPS)
IDLE and DOZE low-power modes
Peripheral module disable
MCP16252
Synchronous boost DC/DC regulator for
single-cell operation
MCP9701
Analog temperature sensor
RN4020
Low-energy Bluetooth module
Demonstration Highlights
The PIC16F18345 manages:
Badge tilt angle and temperature
Color mix and pattern for RGB LEDs
Buzzer drive and tone control
Bluetooth LE module
Remote control via smartphone/tablet application
Four Modes of Operation
Mode 1: PIC16F18345 with 3-axis accelerometer and
RGB LEDs
• The RGB LEDs light up based on the accelerometer
data. The LEDs on the axis with the most measure
force will light up. The center LEDs turns off when
the badge is tilted beyond 45 degrees.
Mode 2: PIC16F18345 with RGB LEDs
• The RGB LEDs will light up based on a
predetermined pattern with color dimming
Mode 3: PIC16F18345 with 3-axis accelerometer, RGB
LEDs and buzzer
• The buzzer and LEDs are driven based on the
magnitude of the force sensed by the accelerometer.
The higher the force, the higher the pitch sound and
the brighter the LEDs.
Mode 4: PIC16F18345 with 3-axis accelerometer, RGB
LEDs and buzzer
• Check board status with Android™ app via
Bluetooth LE
Smartphone/Tablet Application
View real-time tilt angle and temperature of the badge
View real-time status of each RGB LED
Change operation mode of the badge
Check battery voltage


Similar Part No. - PIC16(L)F18326

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16(L)F18326 MICROCHIP-PIC16(L)F18326 Datasheet
487Kb / 44P
   HIGH-VOLTAGE ICSP PROGRAMMING
07/14/15
More results

Similar Description - PIC16(L)F18326

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
logo
Texas Instruments
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
AD9258 AD-AD9258 Datasheet
2Mb / 45P
   Analog-to-Digital Converter (ADC)
logo
Texas Instruments
OPA625 TI1-OPA625 Datasheet
2Mb / 46P
[Old version datasheet]   18-Bit Analog-to-Digital Converter (ADC) Drivers
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
KAD2710C ETC2-KAD2710C Datasheet
414Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
KAD2710L ETC2-KAD2710L Datasheet
417Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com