Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEM1608D401RT001 Datasheet(PDF) 1 Page - TDK Electronics

Part # MEM1608D401RT001
Description  3-terminal Filters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MEM1608D401RT001 Datasheet(HTML) 1 Page - TDK Electronics

  MEM1608D401RT001 Datasheet HTML 1Page - TDK Electronics MEM1608D401RT001 Datasheet HTML 2Page - TDK Electronics MEM1608D401RT001 Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3-terminal Filters
1 of 3
Creation Date : January 25, 2017 (GMT)
MEM1608D401RT001
Applications
Commercial Grade
Feature
Signal
For Signal Line
Series
MEM
Status
Production
Size
Length(L)
1.60mm ±0.10mm
Width(W)
0.80mm ±0.10mm
Thickness(T)
0.60mm ±0.10mm
Electrical Characteristics
Insertion Loss [Typ.]
15dB (900MHz to 1.5GHz)
Cut-Off Frequency [Typ.]
400MHz
Rated Voltage [Max.]
6.3V
Rated Current [Max.]
200mA
DC Resistance (Max.)
Rated Capacitance [Typ.]
13.5pF
Other
Circuit Type
L Type
Transmission Line
Single-ended
Operating Temp. Range
-40 to 85°C
Soldering Method
Reflow
Iron Soldering
AEC-Q200
No
Packing
Punched (Paper)Taping [180mm Reel]
Package Quantity
4000pcs
Weight
0.0035g
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


Similar Part No. - MEM1608D401RT001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MEM1608D401RT001 TDK-MEM1608D401RT001 Datasheet
168Kb / 4P
   3-terminal filters High-speed signal line MEM-D series
More results

Similar Description - MEM1608D401RT001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MEA2010LC220T002 TDK-MEA2010LC220T002 Datasheet
161Kb / 3P
   3-terminal Filters
MEA2010PE360T001 TDK-MEA2010PE360T001 Datasheet
169Kb / 3P
   3-terminal Filters
MEA2010PE400T001 TDK-MEA2010PE400T001 Datasheet
168Kb / 3P
   3-terminal Filters
MEA1608LC040T001 TDK-MEA1608LC040T001 Datasheet
163Kb / 3P
   3-terminal Filters
MEA1608PH150TA0G TDK-MEA1608PH150TA0G Datasheet
168Kb / 3P
   3-terminal Filters
MEM1608D301RT001 TDK-MEM1608D301RT001 Datasheet
167Kb / 3P
   3-terminal Filters
MEA1608LC060T001 TDK-MEA1608LC060T001 Datasheet
163Kb / 3P
   3-terminal Filters
MEA1608LC100T001 TDK-MEA1608LC100T001 Datasheet
164Kb / 3P
   3-terminal Filters
MEA1608LC220T001 TDK-MEA1608LC220T001 Datasheet
163Kb / 3P
   3-terminal Filters
MEA1608LE100TA0G TDK-MEA1608LE100TA0G Datasheet
170Kb / 3P
   3-terminal Filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com