Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN77303 Datasheet(PDF) 3 Page - Mallory performance club

Part # PN77303
Description  MSD Power Grid System Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN77303 Datasheet(HTML) 3 Page - Mallory performance club

  PN77303 Datasheet HTML 1Page - Mallory performance club PN77303 Datasheet HTML 2Page - Mallory performance club PN77303 Datasheet HTML 3Page - Mallory performance club PN77303 Datasheet HTML 4Page - Mallory performance club PN77303 Datasheet HTML 5Page - Mallory performance club PN77303 Datasheet HTML 6Page - Mallory performance club PN77303 Datasheet HTML 7Page - Mallory performance club PN77303 Datasheet HTML 8Page - Mallory performance club PN77303 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
INSTALLATION INSTRUCTIONS
3
MSD • WWW .MSDPERFORMANCE.COM • (915) 855-7123 • F AX (915) 857-3344
RED - 12V SW OUT
BLACK - BATTERY (-)
ORANGE - BATTERY 12V
WHITE - POINTS OUT
MSD
CAN
MAG PICKUP
CONNECTOR
LEGACY IGNITION
SWITCHED IGNITION 12V
GREEN - STEP 5
LT. GREEN - STEP 4
TAN - STEP 3
VIOLET - STEP 2
PINK - STEP 1
BLUE - LAUNCH
LT. BLUE - BURN OUT
BRN/WHITE - RPM/TIME SWITCH
WHITE - POINTS IN
GRAY - TACH
YELLOW - SHIFT LIGHT
V-NET
CABLE
Figure 1 Wires of the Power Grid System Controller.
Figure 2 Wiring the Power Grid.
NOTE: SEE PAGES 10-12 FOR SCHEMATICS
SHOWING INSTALLATION TO OTHER
MSD IGNITION CONTROLS.
RED - 12V SW OUT
BLACK - BATTERY (-)
ORANGE - BATTERY 12V
WHITE - POINTS OUT
MSD
CAN
MAG PICKUP
CONNECTOR
LEGACY IGNITION
SWITCHED IGNITION 12V
GREEN - STEP 5
LT. GREEN - STEP 4
TAN - STEP 3
VIOLET - STEP 2
PINK - STEP 1
BLUE - LAUNCH
LT. BLUE - BURN OUT
BRN/WHITE - RPM/TIME SWITCH
WHITE - POINTS IN
GRAY - TACH
YELLOW - SHIFT LIGHT
PN 7720
IGNITION
ORANGE
BLACK
+
-
-
TO BATTERY POSITIVE
TO BATTERY NEGATIVE
HEAVY RED
HEAVY BLACK
V-NET
CABLE
VNET Connector
4-Pin Deutsch connector
3-Pin Deutsch connector
4-Pin Deutsch connector Female
VN7730 Harness
Connectors
Mating Pieces If any
3-Pin Deutsch connector Female


Similar Part No. - PN77303

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN7730 MALLORY-PN7730 Datasheet
1Mb / 16P
   MSD Power Grid System Controller
More results

Similar Description - PN77303

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN7730 MALLORY-PN7730 Datasheet
1Mb / 16P
   MSD Power Grid System Controller
7730 MALLORY-7730 Datasheet
1Mb / 16P
   MSD Power Grid System Controller
PN7762 MALLORY-PN7762 Datasheet
188Kb / 4P
   MSD Boost Retard Module for the Power Grid System
PN7720 MALLORY-PN7720 Datasheet
595Kb / 8P
   MSD Power Grid 7 Ignition Control
7720 MALLORY-7720 Datasheet
595Kb / 8P
   MSD Power Grid 7 Ignition Control
PN75591 MALLORY-PN75591 Datasheet
547Kb / 8P
   MSD Programmable Shift Controller
logo
Banner Engineering Corp...
SGS BANNER-SGS Datasheet
112Kb / 2P
   Safety Grid System
logo
Mallory performance clu...
PN4248 MALLORY-PN4248 Datasheet
641Kb / 8P
   MSD Blaster FI Fuel/Ignition Controller
logo
Xicor Inc.
X5114 XICOR-X5114 Datasheet
565Kb / 40P
   System Controller
logo
UMC Corporation
UM82C381 UMC-UM82C381 Datasheet
615Kb / 9P
   SYSTEM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com