Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN62013 Datasheet(PDF) 8 Page - Mallory performance club

Part # PN62013
Description  MSD Digital 6A and 6AL Ignition Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN62013 Datasheet(HTML) 8 Page - Mallory performance club

Back Button PN62013 Datasheet HTML 4Page - Mallory performance club PN62013 Datasheet HTML 5Page - Mallory performance club PN62013 Datasheet HTML 6Page - Mallory performance club PN62013 Datasheet HTML 7Page - Mallory performance club PN62013 Datasheet HTML 8Page - Mallory performance club PN62013 Datasheet HTML 9Page - Mallory performance club PN62013 Datasheet HTML 10Page - Mallory performance club PN62013 Datasheet HTML 11Page - Mallory performance club PN62013 Datasheet HTML 12Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
INSTALLATION INSTRUCTIONS
MSD • WWW .MSDPERFORMANCE.COM • (915) 857-5200 • F AX (915) 857-3344
ENGINE RUN-ON
If your engine continues to run even when the ignition
is turned Off you are experiencing engine Run-On. This
usually only occurs on older vehicles with an external
voltage regulator. Because the MSD receives power
directly from the battery, it does not require much current
to keep the unit energized. If you are experiencing run-on, it is
due to a small amount of voltage going through the charging
lamp indicator and feeding the small Red wire even if the key
is6turned off.
Early Ford and GM: To solve the Run-On problem, a Diode is supplied with the MSD in the parts
bag. By installing this Diode in-line of the wire that goes to the Charging indicator, the voltage is kept
from entering the MSD. Figure 6 shows the proper installation for early Ford and GM vehicles.
Note: Diodes are used to allow voltage to flow only one way. Make
sure the Diode is installed facing the proper direction (as
shown in Figure 6).
Ford: Install the Diode in-line to the wire going to the “1” terminal.
GM: Install the Diode in-line to the wire going to terminal #4.
GM: 1973 - 1983 with Delcotron Alternators.
GM: Delcotron Alternators use an internal voltage regulator. Install
the Diode in-line on the smallest wire exiting the alternator (Figure
7). It is usually a Brown wire.
SMALLER OF THE 2-WIRES
DIODE
WIRE LOOM
GM 2-WIRE ALTERNATORS
Figure 7 Installing the Diode to a
1973-1983 GM Vehicle.
1A-100V DIODE
FORD VEHICLES
ATTACH DIODE TO TERMINAL "1"
EARLY GM VEHICLES
ATTACH DIODE TO TERMINAL "4"
TO
CHARGING
LIGHT
SPLICE HERE
1
2
3
4
Figure 6 Installing the diode to a GM or Ford Vehicle.
Most other applications: On
other applications where engine
Run-On is experienced, a
Resistor can be put in-line
to the MSD's small Red wire
(Figure 8). This resistor will keep
voltage from leaking through to
the MSD unit.
Figure 8 Wiring the Dual Ballast Resistor for Run-On.
MISSES AND INTERMITTENT PROBLEMS
Experience at the races has shown that if your engine is experiencing a miss or hesitation at higher
rpm, it is usually not directly ignition. Most probable causes include faulty wiring, a coil or plug wire
failure, arcing from the cap or boot plug to ground or spark ionization inside the cap. Several items
to inspect are:
• Always inspect the plug wires at the cap and at the plug for a tight connection and visually inspect
for cuts, abrasions or burns.
• Inspect the Primary Coil Wire connections. Because the MSD is a Capacitive Discharge ignition and
it receives a direct 12 volt source from the battery, there will not be any voltage at the Coil Positive (+)
terminal even with the key turned On. During cranking or while the engine is running, very high voltage
will be present and no test equipment should be connected.


Similar Part No. - PN62013

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN6201 MALLORY-PN6201 Datasheet
1Mb / 20P
   MSD Digital 6A and 6AL Ignition Control
More results

Similar Description - PN62013

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN6201 MALLORY-PN6201 Datasheet
1Mb / 20P
   MSD Digital 6A and 6AL Ignition Control
6201 MALLORY-6201 Datasheet
1Mb / 20P
   MSD Digital 6A and 6AL Ignition Control
6A-PN6201 MALLORY-6A-PN6201 Datasheet
1Mb / 20P
   MSD Digital 6A and 6AL Ignition Control
6425 MALLORY-6425 Datasheet
1Mb / 20P
   MSD Digital 6A and 6AL Ignition Control
PN6421 MALLORY-PN6421 Datasheet
2Mb / 28P
   MSD 6AL-2 Ignition Control
PN6530 MALLORY-PN6530 Datasheet
728Kb / 20P
   Programmable 6AL-2 Ignition Control
PN6520 MALLORY-PN6520 Datasheet
3Mb / 24P
   MSD Digital 6 Plus Ignition Control
PN65303 MALLORY-PN65303 Datasheet
728Kb / 20P
   Programmable 6AL-2 Ignition Control
6014 MALLORY-6014 Datasheet
1Mb / 12P
   MSD LS Ignition Control
PN6014 MALLORY-PN6014 Datasheet
1Mb / 12P
   MSD LS Ignition Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com