Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN6530 Datasheet(PDF) 5 Page - Mallory performance club

Part # PN6530
Description  Programmable 6AL-2 Ignition Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN6530 Datasheet(HTML) 5 Page - Mallory performance club

  PN6530 Datasheet HTML 1Page - Mallory performance club PN6530 Datasheet HTML 2Page - Mallory performance club PN6530 Datasheet HTML 3Page - Mallory performance club PN6530 Datasheet HTML 4Page - Mallory performance club PN6530 Datasheet HTML 5Page - Mallory performance club PN6530 Datasheet HTML 6Page - Mallory performance club PN6530 Datasheet HTML 7Page - Mallory performance club PN6530 Datasheet HTML 8Page - Mallory performance club PN6530 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
INSTALLATION INSTRUCTIONS
5
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
PRESTART CHECK LIST
• TheonlywiresconnectedtothecoilterminalsaretheMSDOrangetocoilpositiveandBlackto
coil negative.
• ThesmallRedwireoftheMSDisconnectedtoaswitched12voltsource.
• TheMSDpowerleadsareconnecteddirectlytothebatterypositiveandnegativeterminals.
• Thebatteryisconnectedandfullychargedifnotusinganalternator.
• Theengineisequippedwithatleastonegroundstraptothechassis.
• Ifrunninga4or6-cylinder,thecylindercountmustbemodifiedinthePro-Data+Software.Default
is 8-cylinder.
LED
The LED on the side of the MSD monitors several operating conditions of the MSD. If the LED indicates
that there is a problem with the ignition system, follow the steps through the Troubleshooting section.
The LED will appear to be on steady at above idle speeds when everything is functioning properly.
•When12voltsareappliedtothesmallRedwire,theLEDwillturnontoindicatepower.
•Whencrankingorrunning,theLEDwillblinkforeachtriggersignal.
•Code2willflashforlowbatteryvoltage.
•Code3willflashforhighbatteryvoltage.
•Code4willflashforconverteroff(ignitionproblem).
WARNING: The MSD 6-Series Ignitions are capacitive discharge ignitions. High voltage is present
at the coil primary terminals. Do not touch the coil or connect test equipment to the
terminals.
Figure 2 Wiring the Programmable 6AL-2 Ignition with a Magnetic Pickup.
GREEN
PN 8860
HARNESS
VIOLET
OR
GREEN
VIOLET
DISTRIBUTOR
WITH
MAGNETIC PICKUP
MSD CRANK
TRIGGER WHEEL
DISTRIBUTOR
+
HEAVY RED
HEAVY BLACK
TO BATTERY
TO BATTERY
+
ORANGE (TO COIL +)
BLACK (TO COIL -)
WHITE
AMPLIFIER/POINTS
(NOT USED)
IGNITION KEY
TO 12V
RED
PINK
DARK BLUE
LIGHT BLUE
WHITE/BLUE
HALL-EFFECT
(NOT USED)
LAUNCH
(12V TO ACTIVATE)
BURNOUT
(12V TO ACTIVATE)
RETARD
(12V TO ACTIVATE)
GRAY
TACH OUTPUT
MAP
SENSOR
RED


Similar Part No. - PN6530

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN65303 MALLORY-PN65303 Datasheet
728Kb / 20P
   Programmable 6AL-2 Ignition Control
More results

Similar Description - PN6530

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN65303 MALLORY-PN65303 Datasheet
728Kb / 20P
   Programmable 6AL-2 Ignition Control
PN6421 MALLORY-PN6421 Datasheet
2Mb / 28P
   MSD 6AL-2 Ignition Control
PN6201 MALLORY-PN6201 Datasheet
1Mb / 20P
   MSD Digital 6A and 6AL Ignition Control
6201 MALLORY-6201 Datasheet
1Mb / 20P
   MSD Digital 6A and 6AL Ignition Control
6A-PN6201 MALLORY-6A-PN6201 Datasheet
1Mb / 20P
   MSD Digital 6A and 6AL Ignition Control
PN62013 MALLORY-PN62013 Datasheet
1Mb / 20P
   MSD Digital 6A and 6AL Ignition Control
6425 MALLORY-6425 Datasheet
1Mb / 20P
   MSD Digital 6A and 6AL Ignition Control
PN4224 MALLORY-PN4224 Datasheet
2Mb / 24P
   Programmable MC-4 Ignition Control
6214 MALLORY-6214 Datasheet
532Kb / 16P
   Programmable Midget Racing Ignition Control
PN6214 MALLORY-PN6214 Datasheet
532Kb / 16P
   Programmable Midget Racing Ignition Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com