Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-P5061 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # Q62702-P5061
Description  Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q62702-P5061 Datasheet(HTML) 8 Page - OSRAM GmbH

  Q62702-P5061 Datasheet HTML 1Page - OSRAM GmbH Q62702-P5061 Datasheet HTML 2Page - OSRAM GmbH Q62702-P5061 Datasheet HTML 3Page - OSRAM GmbH Q62702-P5061 Datasheet HTML 4Page - OSRAM GmbH Q62702-P5061 Datasheet HTML 5Page - OSRAM GmbH Q62702-P5061 Datasheet HTML 6Page - OSRAM GmbH Q62702-P5061 Datasheet HTML 7Page - OSRAM GmbH Q62702-P5061 Datasheet HTML 8Page - OSRAM GmbH Q62702-P5061 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
2001-03-09
8
SFH 4501, SFH 4502, SFH 4503
Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch).
Anode
GEXY6048
5.7 (0.224)
5.1 (0.201)
1.8 (0.071)
1.2 (0.047)
Chip position
5.9 (0.232)
5.5 (0.217)
0.6 (0.024)
0.4 (0.016)
0.6 (0.024)
0.4 (0.016)
29 (1.142)
27 (1.063)
9.0 (0.354)
8.2 (0.323)
7.5 (0.295)
7.8 (0.307)
Area not flat
SFH 4503


Similar Part No. - Q62702-P5061

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-P5060 SIEMENS-Q62702-P5060 Datasheet
50Kb / 5P
   Schnelle GaAlAs-IR-Lumineszenzdiode High-Speed GaAlAs Infrared Emitter
More results

Similar Description - Q62702-P5061

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFH4501 ETC-SFH4501 Datasheet
93Kb / 9P
   Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial-Gehuse
logo
OSRAM GmbH
SFH-4501 OSRAM-SFH-4501 Datasheet
106Kb / 9P
   Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial-Geh채use
SFH4301 OSRAM-SFH4301 Datasheet
83Kb / 6P
   Schnelle IR-Lumineszenzdiode (950 nm) im 3 mm Radial
SFH-4301 OSRAM-SFH-4301 Datasheet
83Kb / 6P
   Schnelle IR-Lumineszenzdiode (950 nm) im 3 mm Radial-Geh채use
logo
Infineon Technologies A...
SFH4500 INFINEON-SFH4500 Datasheet
63Kb / 6P
   Schnelle IR-Lumineszenzdiode (950 nm) im SMR-Gehuse High-Speed Infrared Emitter (950 nm) in SMR Package
2000-01-01
SFH4200 INFINEON-SFH4200 Datasheet
81Kb / 7P
   Schnelle GaAs-IR-Lumineszenzdiode (950 nm),High-Speed GaAs Infrared Emitter (950 nm)
2000-01-01
logo
OSRAM GmbH
SFH4881 OSRAM-SFH4881 Datasheet
170Kb / 6P
   IR-Lumineszenzdiode (880 nm) im TO-46-Geh채use
SFH4811 OSRAM-SFH4811 Datasheet
62Kb / 2P
   IR-Lumineszenzdiode (950 nm) im TO-46-Geh짰se Infrared Emitter (950 nm) in TO-46 Package Lead (Pb) Free Product - RoHS Compliant
SFH4000 OSRAM-SFH4000 Datasheet
69Kb / 7P
   Schnelle IR-Lumineszenzdiode High Speed Infrared Emitter
SFH487P OSRAM-SFH487P Datasheet
141Kb / 8P
   GaAIAs-IR-Lumineszenzdiode (880 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com