Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62703Q2175 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # Q62703Q2175
Description  GaAlAs Infrared Emitter (880 nm)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q62703Q2175 Datasheet(HTML) 4 Page - OSRAM GmbH

  Q62703Q2175 Datasheet HTML 1Page - OSRAM GmbH Q62703Q2175 Datasheet HTML 2Page - OSRAM GmbH Q62703Q2175 Datasheet HTML 3Page - OSRAM GmbH Q62703Q2175 Datasheet HTML 4Page - OSRAM GmbH Q62703Q2175 Datasheet HTML 5Page - OSRAM GmbH Q62703Q2175 Datasheet HTML 6Page - OSRAM GmbH Q62703Q2175 Datasheet HTML 7Page - OSRAM GmbH Q62703Q2175 Datasheet HTML 8Page - OSRAM GmbH Q62703Q2175 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2009-09-30
4
Version 1.0
SFH 487
Grouping (TA = 25 °C)
Gruppierung
Temperature coefficient of Ie or Φe
Temperaturkoeffizient von Ie bzw. Φe
(IF = 100 mA, tp = 20 ms)
TCI
-0.5
% / K
Temperature coefficient of VF
Temperaturkoeffizient von VF
(IF = 100 mA, tp = 20 ms)
TCV
-2
mV / K
Temperature coefficient of wavelength
Temperaturkoeffizient der Wellenlänge
(IF = 100 mA, tp = 20 ms)
TCλ
0.25
nm / K
Group
Min Radiant Intensity Max Radiant Intensity Typ Radiant Intensity
Gruppe
Min Strahlstärke
Max Strahlstärke
Typ Strahlstärke
IF= 100 mA, tp= 20 ms IF= 100 mA, tp= 20 ms IF = 1 A, tp = 100 μs
Ie, min [mW / sr]
Ie, max [mW / sr]
Ie, typ [mW / sr]
SFH 487-1
12.5
25
SFH 487-2
20
80
270
SFH 487-3
31
125
Note: measured at a solid angle of Ω = 0.01 sr
Anm.: gemessen bei einem Raumwinkel Ω = 0.01 sr
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit


Similar Part No. - Q62703Q2175

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q62703Q0148 OSRAM-Q62703Q0148 Datasheet
143Kb / 8P
   IR-Lumineszenzdiode Infrared Emitter
Q62703Q0256 OSRAM-Q62703Q0256 Datasheet
143Kb / 8P
   IR-Lumineszenzdiode Infrared Emitter
Q62703Q0516 OSRAM-Q62703Q0516 Datasheet
187Kb / 13P
   GaAlAs Infrared Emitter (880 nm)
Q62703Q0517 OSRAM-Q62703Q0517 Datasheet
141Kb / 8P
   GaAIAs-IR-Lumineszenzdiode (880 nm)
Q62703Q0833 OSRAM-Q62703Q0833 Datasheet
143Kb / 8P
   IR-Lumineszenzdiode Infrared Emitter
More results

Similar Description - Q62703Q2175

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH485P OSRAM-SFH485P Datasheet
187Kb / 13P
   GaAlAs Infrared Emitter (880 nm)
logo
Siemens Semiconductor G...
SFH480 SIEMENS-SFH480 Datasheet
66Kb / 7P
   GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
logo
OSA Opto Light GmbH
SFH7221-Z OSA-SFH7221-Z Datasheet
85Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor GaAlAs-Infrared-Emitter (880 nm) and Si-Phototransistor
logo
OSRAM GmbH
SFH-7222 OSRAM-SFH-7222 Datasheet
298Kb / 16P
   GaAlAs Infrared Emitter (880 nm) and green GaP-LED (565 nm)
SFH7222 OSRAM-SFH7222 Datasheet
92Kb / 7P
   GaAlAs-Infrared-Emitter (880 nm) and green GaP-LED (565 nm)
logo
Siemens Semiconductor G...
SFH485P SIEMENS-SFH485P Datasheet
45Kb / 4P
   GaAIAs Infrared Emitter (880 nm)
SFH487P SIEMENS-SFH487P Datasheet
38Kb / 5P
   GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
SFH486 SIEMENS-SFH486 Datasheet
38Kb / 4P
   GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
logo
OSRAM GmbH
SFH4580 OSRAM-SFH4580_02 Datasheet
81Kb / 7P
   GaAlAs Infrared Emitters (880 nm) in SMR짰 Package
SFH-4883 OSRAM-SFH-4883 Datasheet
161Kb / 11P
   Infrared Emitter (880 nm) in TO-46 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com