Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q65110A3433 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # Q65110A3433
Description  OLED DISPLAY SOLUTIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65110A3433 Datasheet(HTML) 1 Page - OSRAM GmbH

  Q65110A3433 Datasheet HTML 1Page - OSRAM GmbH Q65110A3433 Datasheet HTML 2Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OLED
display
Features
Specifications
- Long-lifetime OLED
- 180º viewing angle
- Fast response, video capable
- High contrast
- Wide operating temperature range
- RoHS compliant on selected models
Benefits
- Ease of readability
- No backlight required
- Low power consumption
Applications
- Audio/Video
- Entertainment
- Industrial
- Medical
- Instruments
Display Format
96 Columns x 64 Rows
Diagonal
1.2 inch
Pixel Pitch
0.265 (W) x 0.265 (H) mm
Color
CIE x
CIE y
Cd/m²
Lifetime
hrs, 25ºC
100
40K
Elegance
Yellow
0.46
0.54
200
10K
Lime
Green
0.37
0.62
150
10K
Color,
Luminance &
lifetime
Tiger
Orange
0.63
0.37
60
10K
Grayscale
4 bit
Active Area
25.42 (W) X 16.94 (H) mm
Module Size
34.75 (W) X 32.89 (H) X 3.83* mm (T)
*including bezel
Viewing Angle
180º
Contrast Ratio
2000:1 dark ambient
Temperature
-30ºC to 70ºC
Logic Voltage
2.4V – 3.5V
Supply Voltage
12V
Power Cons.
0.05 mW (sleep mode)
Interface
Parallel/Serial
Driver
SSD0323
Weight
4.6g typical
PictivaTM 1.2-inch
96x64
OS096064PK12Mxxx0x


Similar Part No. - Q65110A3433

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65110A3427 OSRAM-Q65110A3427 Datasheet
111Kb / 2P
   OLED DISPLAY SOLUTIONS
Q65110A3429 OSRAM-Q65110A3429 Datasheet
111Kb / 2P
   OLED DISPLAY SOLUTIONS
More results

Similar Description - Q65110A3433

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
OS096064PN11MY0B10 OSRAM-OS096064PN11MY0B10 Datasheet
244Kb / 2P
   OLED DISPLAY SOLUTIONS
OS128064PN10MY0B10 OSRAM-OS128064PN10MY0B10 Datasheet
299Kb / 2P
   OLED DISPLAY SOLUTIONS
OS096036PP10MY0B10 OSRAM-OS096036PP10MY0B10 Datasheet
293Kb / 2P
   OLED DISPLAY SOLUTIONS
OS080048PK09MY0B10 OSRAM-OS080048PK09MY0B10 Datasheet
161Kb / 2P
   OLED DISPLAY SOLUTIONS
OS128064PK16MY0Z00 OSRAM-OS128064PK16MY0Z00 Datasheet
111Kb / 2P
   OLED DISPLAY SOLUTIONS
OS128064PK27MG0B00 OSRAM-OS128064PK27MG0B00 Datasheet
293Kb / 2P
   OLED DISPLAY SOLUTIONS
OS96016PP08MY0B10 OSRAM-OS96016PP08MY0B10 Datasheet
217Kb / 2P
   OLED DISPLAY SOLUTIONS
logo
Newhaven Display Intern...
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3_14 Datasheet
675Kb / 21P
   OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
   OLED Display Module
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
   OLED Display Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com