Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62703Q1819 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # Q62703Q1819
Description  GaAs Infrared Emitter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q62703Q1819 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button Q62703Q1819 Datasheet HTML 3Page - OSRAM GmbH Q62703Q1819 Datasheet HTML 4Page - OSRAM GmbH Q62703Q1819 Datasheet HTML 5Page - OSRAM GmbH Q62703Q1819 Datasheet HTML 6Page - OSRAM GmbH Q62703Q1819 Datasheet HTML 7Page - OSRAM GmbH Q62703Q1819 Datasheet HTML 8Page - OSRAM GmbH Q62703Q1819 Datasheet HTML 9Page - OSRAM GmbH Q62703Q1819 Datasheet HTML 10Page - OSRAM GmbH Q62703Q1819 Datasheet HTML 11Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2011-03-14
8
Version 1.0
LD 274
Package
5mm Radial (T 1 ¾), solder tabs lead spacing 2.54
mm (1/10"), cathode marking: shorter solder lead,
Epoxy, grey
Gehäuse
5mm Radial (T 1 ¾), Anschlüsse im 2.54 mm-Raster
(1/10"), Kathodenkennzeichnung: kürzerer Lötspieß,
Harz, grau
Recommended Solder Pad
Empfohlenes Lötpaddesign
TTW Soldering / Wellenlöten (TTW)
Dimensions in mm (inch). / Maße in mm (inch).
4 (0.157)
OHLPY985


Similar Part No. - Q62703Q1819

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q62703Q1094 OSRAM-Q62703Q1094 Datasheet
143Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm)
Q62703Q1095 OSRAM-Q62703Q1095 Datasheet
191Kb / 13P
   GaAlAs Infrared Emitter (880 nm)
More results

Similar Description - Q62703Q1819

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH401 SIEMENS-SFH401 Datasheet
94Kb / 2P
   GaAs INFRARED EMITTER
logo
OSRAM GmbH
LD261 OSRAM-LD261 Datasheet
240Kb / 6P
   GaAs Infrared Emitter
logo
List of Unclassifed Man...
OPE5594A ETC2-OPE5594A Datasheet
110Kb / 2P
   GaAs Infrared Emitter
logo
OSRAM GmbH
LD-274 OSRAM-LD-274 Datasheet
163Kb / 11P
   GaAs Infrared Emitter
SFH405 OSRAM-SFH405 Datasheet
230Kb / 6P
   GaAs Infrared Emitter
logo
List of Unclassifed Man...
OPE5194 ETC2-OPE5194 Datasheet
193Kb / 2P
   GaAs Infrared Emitter
logo
OSRAM GmbH
SFH-4110 OSRAM-SFH-4110 Datasheet
178Kb / 10P
   GaAs Infrared Emitter
logo
Siemens Semiconductor G...
LD242 SIEMENS-LD242 Datasheet
39Kb / 5P
   GaAs Infrared Emitter
logo
List of Unclassifed Man...
OPE5294 ETC-OPE5294 Datasheet
191Kb / 2P
   GaAs Infrared Emitter
logo
OSRAM GmbH
SFH-400 OSRAM-SFH-400 Datasheet
172Kb / 13P
   GaAs Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com