Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5520279A-T1 Datasheet(PDF) 7 Page - NEC

Part # NE5520279A-T1
Description  NECS 3.2 V, 2 W, L&S BAND MEDIUM POWER SILICON LD-MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE5520279A-T1 Datasheet(HTML) 7 Page - NEC

  NE5520279A-T1 Datasheet HTML 1Page - NEC NE5520279A-T1 Datasheet HTML 2Page - NEC NE5520279A-T1 Datasheet HTML 3Page - NEC NE5520279A-T1 Datasheet HTML 4Page - NEC NE5520279A-T1 Datasheet HTML 5Page - NEC NE5520279A-T1 Datasheet HTML 6Page - NEC NE5520279A-T1 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions. For soldering methods
and conditions other than those recommended below, contact your nearby sales ofÞce.
NE5520279A
Soldering Method
Soldering Conditions
Condition Symbol
Infrared Reßow
Peak temperature (package surface temperature)
: 260°C or below
Time at peak temperature
: 10 seconds or less
Time at temperature of 220°C or higher
: 60 seconds or less
Preheating time at 120 to 180°C
: 120±30 seconds
Maximum number of reßow processes
: 3 times
Maximum chlorine content of rosin ßux (% mass)
: 0.2%(Wt.) or below
IR260
VPS
Peak temperature (package surface temperature)
: 215°C or below
Time at temperature of 200°C or higher
: 25 to 40 seconds
Preheating time at 120 to 150°C
: 30 to 60 seconds
Maximum number of reßow processes
: 3 times
Maximum chlorine content of rosin ßux (% mass)
: 0.2%(Wt.) or below
VP215
Wave Soldering
Peak temperature (molten solder temperature)
: 260°C or below
Time at peak temperature
: 10 seconds or less
Preheating temperature (package surface temperature) : 120°C or below
Maximum number of ßow processes
: 1 time
Maximum chlorine content of rosin ßux (% mass)
: 0.2%(Wt.) or below
WS260
Partial Heating
Peak temperature (pin temperature)
: 350°C or below
Soldering time (per pin of device)
: 3 seconds or less
Maximum chlorine content of rosin ßux (% mass)
: 0.2%(Wt.) or below
HS350-P3
Caution Do not use different soldering methods together (except for partial heating).
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
09/03/2003


Similar Part No. - NE5520279A-T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5520279A-T1 RENESAS-NE5520279A-T1 Datasheet
290Kb / 11P
   SILICON POWER MOS FET
2003
logo
California Eastern Labs
NE5520279A-T1-A CEL-NE5520279A-T1-A Datasheet
351Kb / 8P
   3.2 V, 2 W, L&S BAND MEDIUM POWER SILICON LD-MOSFET
logo
Renesas Technology Corp
NE5520279A-T1A RENESAS-NE5520279A-T1A Datasheet
290Kb / 11P
   SILICON POWER MOS FET
2003
More results

Similar Description - NE5520279A-T1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE5520279A CEL-NE5520279A Datasheet
351Kb / 8P
   3.2 V, 2 W, L&S BAND MEDIUM POWER SILICON LD-MOSFET
NE552R479A CEL-NE552R479A Datasheet
495Kb / 9P
   NECs 3.0 V, 0.25 W L&S-BAND MEDIUM POWER SILICON LD-MOSFET
NE5520379A CEL-NE5520379A Datasheet
390Kb / 9P
   NECs 3.2V, 3W, L/S BAND MEDIUM POWER SILICON LD-MOSFET
NE6510179A CEL-NE6510179A Datasheet
285Kb / 10P
   NECs 3W, L&S-BAND MEDIUM POWER GaAs HJ-FET
NE5511279A-A CEL-NE5511279A-A Datasheet
297Kb / 4P
   NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
NEC
NE5511279A-T1 NEC-NE5511279A-T1 Datasheet
99Kb / 3P
   NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
UPG2006TB NEC-UPG2006TB Datasheet
265Kb / 10P
   NECs 1.8 V L, S-BAND SPDT SWITCH
UPG2012TK NEC-UPG2012TK Datasheet
306Kb / 7P
   NECs 쩌 W SINGLE CONTROL L, S-BAND SPDT SWITCH
UPG2179TB NEC-UPG2179TB Datasheet
248Kb / 9P
   NECs 1.5W L, S-BAND SPDT SWITCH
UPG2030TB NEC-UPG2030TB Datasheet
124Kb / 9P
   NECs 1W L, S-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com