Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6014 Datasheet(PDF) 6 Page - Mallory performance club

Part # 6014
Description  MSD LS Ignition Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6014 Datasheet(HTML) 6 Page - Mallory performance club

Back Button 6014 Datasheet HTML 2Page - Mallory performance club 6014 Datasheet HTML 3Page - Mallory performance club 6014 Datasheet HTML 4Page - Mallory performance club 6014 Datasheet HTML 5Page - Mallory performance club 6014 Datasheet HTML 6Page - Mallory performance club 6014 Datasheet HTML 7Page - Mallory performance club 6014 Datasheet HTML 8Page - Mallory performance club 6014 Datasheet HTML 9Page - Mallory performance club 6014 Datasheet HTML 10Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
INSTALLATION INSTRUCTIONS
MSD • WWW .MSDPERFORMANCE.COM • (915) 855-7123 • F AX (915) 857-3344
SAVES AND TRANSFERS
Changes made to the LS Ignition Controller via MSDView are in real time. You can create and save
numerous different files to your PC and load them back into the unit for different applications.
The following will go through a general description of the software for the LS Ignition Controller.
OPTIONAL CONNECTIONS
MAP INPUT: This is the Manifold Absolute Pressure sensor that is integral to the unit. It
uses a 1/4” Camozzi fitting and is rated at 2.5 Bar. Using it can advance your timing under
engine vacuum and retard it under boost. It is recommended that you use it, but not required
unless you are using forced induction.
COOLANT TEMPERATURE: This will monitor engine temperature. It has the ability to ad-
vance the timing while the engine is cold and retard it when it gets hot, helping to prevent
engine damage. It is not required for the unit to function properly and leaving it disconnected
will not advance or retard the timing relative to the base settings. The ECT Diagnostic will
pop up, but will have no ill effect on the controller’s functionality.
PROGRAMMABLE FEATURES, SETTINGS AND DATA ACQUISITION
SETTINGS
These are basic settings that should be configured the first time the unit is used, but it is not required.
Basic setup can be performed on the bench with just the USB cable connected to the device. No
external power is required.
Maximum Rev Limiter: This is the maximum RPM that the engine can reach before the coils
will not produce spark.
Launch Rev Limiter (Blue Wire): This is the maximum RPM that the engine will reach before
the coils will not produce spark while the launch wire has 12V battery power applied to it.
Latched: When this is “DISABLED”, the two step will activate any time the RPM is at or
above the set Launch Rev Limiter. If it is set to “ENABLED”, the launch rev limiter can-
not become active unless the RPM falls below 7/8 of the set RPM. For example: If set
at 4000 RPM and the launch wire is activated, the launch limiter can only come on if the
RPM falls below 3500. This prevents accidental activation while at high RPM (such as a
faulty launch switch activating or activating it with the clutch during the run).
Coil Type: This selects the dwell or charge time of the coils. Choose “AUTO” if unsure.
Auto – The controller will automatically match the coil dwell to the crankshaft reluctor wheel
used.
LS1 – This sets the dwell time of the LS1/6 coils.
LS2/3/7 – This sets the dwell time of the LS2/3/7 coils.
Truck – This sets the dwell time of the early truck coils.
Idle Timing Control: This will use timing to help stabilize the idle speed of your motor.
It should be set to “ENABLED” on any motor that also used a computer controlled IAC.
Enabling it will cause idle timing to be dynamic and it may appear to jump around at idle
when using a timing light.
TIMING TABLES
Under this tab, you will find the timing tables used to control the spark output. The appropriate table
is selected with the rotary dial on the front of the LS Ignition Controller. If connected with MSDView,
you can double check this setting by looking at “Rotary Dial Position” under the monitor tab. The
four “Custom” tables (Custom 1-4) are adjustable by the user while the other six cannot be modified.
The cell values and axes (interval units) can be changed on all four of the Custom tables. For ex-
ample, if more resolution is desired on the MAP axis in a Naturally Aspirated application, the interval
units can be adjusted such that the maximum value does not exceed local atmospheric pressure.
The axes on Custom tables 2-4 are linked, so changing one will change all of them. The Custom 1
axes are unique and can be changed independently of the Custom 2-4 axes.


Similar Part No. - 6014

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
6014 MICRONETICS-6014 Datasheet
41Kb / 1P
   SINGLE POLE, SINGLE THROW DROP-IN/CONNECTORIZED SWITCH MODULES
logo
List of Unclassifed Man...
6014 ETC2-6014 Datasheet
373Kb / 1P
   PLUGS AND JACKS
logo
Heyco.
6014 HEYCO-6014 Datasheet
318Kb / 2P
   Heavy Duty Male Blades for Range and Dryer
logo
Christian Bürkert GmbH ...
6014 BURKERT-6014 Datasheet
1Mb / 17P
   Solenoids with Kick and Drop
16.11.2023
6014 BURKERT-6014 Datasheet
491Kb / 8P
   Pneumatically operated 2/2 way Valve
13.12.2023
More results

Similar Description - 6014

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN6014 MALLORY-PN6014 Datasheet
1Mb / 12P
   MSD LS Ignition Control
60143 MALLORY-60143 Datasheet
1Mb / 12P
   MSD LS Ignition Control
6014CT MALLORY-6014CT Datasheet
1Mb / 8P
   MSD Circle Track LS Ignition Control
PN6014CT MALLORY-PN6014CT Datasheet
1Mb / 8P
   MSD Circle Track LS Ignition Control
PN7330 MALLORY-PN7330 Datasheet
1Mb / 12P
   MSD 7AL-3, Ignition Control
PN6421 MALLORY-PN6421 Datasheet
2Mb / 28P
   MSD 6AL-2 Ignition Control
PN7720 MALLORY-PN7720 Datasheet
595Kb / 8P
   MSD Power Grid 7 Ignition Control
PN6520 MALLORY-PN6520 Datasheet
3Mb / 24P
   MSD Digital 6 Plus Ignition Control
7720 MALLORY-7720 Datasheet
595Kb / 8P
   MSD Power Grid 7 Ignition Control
PN6201 MALLORY-PN6201 Datasheet
1Mb / 20P
   MSD Digital 6A and 6AL Ignition Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com