Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX66C256TI-70 Datasheet(PDF) 4 Page - Macronix International

Part # MX66C256TI-70
Description  Very Low Power 32k x 8 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX66C256TI-70 Datasheet(HTML) 4 Page - Macronix International

  MX66C256TI-70 Datasheet HTML 1Page - Macronix International MX66C256TI-70 Datasheet HTML 2Page - Macronix International MX66C256TI-70 Datasheet HTML 3Page - Macronix International MX66C256TI-70 Datasheet HTML 4Page - Macronix International MX66C256TI-70 Datasheet HTML 5Page - Macronix International MX66C256TI-70 Datasheet HTML 6Page - Macronix International MX66C256TI-70 Datasheet HTML 7Page - Macronix International MX66C256TI-70 Datasheet HTML 8Page - Macronix International MX66C256TI-70 Datasheet HTML 9Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MX66C256
Rev. 1.1, Jan., 2000
P/N DS0035
4
Macronix America Inc. USA 1338 Ridder Park Dr., San Jose, CA 95131
Tel (408)453-8088
Fax (408)451-0876
www.macronix.com
70
70
50
35
30
AC ELECTRICAL CHARACTERISTICS (over the operating range)
READ CYCLE
SWITCHING WAVEFORMS (READ CYCLE)
READ CYCLE1 (1,2,4)
t RC
t OH
t AA
D
OUT
ADDRESS
t OH
AC TEST CONDITIONS
Input Pulse Levels
Input Rise and Fall Times
Input and Output
Timing Reference Level
5.0/V0V
5ns
2.5V
AC TEST LOADS AND WAVEFORMS
KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MAY CHANGE
FROM H TO L
DON T CARE:
ANY CHANGE
PERMITTED
DOES NOT
APPLY
MUST BE
STEADY
WILL BE
CHANGE
FROM H TO L
CHANGE :
STATE
UNKNOWN
CENTER
LINE IS HIGH
IMPEDANCE
¡¨OFF ¡¨STATE
MAY CHANGE
FROM L TO H
WILL BE
CHANGE
FROM L TO H
,
667
THEVENIN EQUIVALENT
ALL INPUT PULSES
10%
90%
VCC
GND
← 5ns
90%
10%
1.73V
OUTPUT
FIGURE 2
5.0V
OUTPUT
INCLUDING
JIG AND
SCOPE
1923
1020
5PF
FIGURE 1B
5.0V
OUTPUT
INCLUDING
JIG AND
SCOPE
1923
1020
100PF
FIGURE 1A
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
MX66C256-70
MIN.
TYP.
MAX.
UNIT
Read Cycle Time
t
AVAX
t
AVQV
t
ELQV
t
GLQV
t
EHQZ
t
GHQZ
t
AZQX
t
GLQX
t
ELQX
t
RC
t
AA
t
ACS
t
OE
t
CLZ
t
OLZ
t
CHZ
t
OHZ
t
OH
Address Access Time
Chip Select Access Time
Chip Select to Output Low Z
Output Enable to Output in Low Z
Chip Deselect to Output in High Z
Output Disable to Output in High Z
ns
ns
ns
ns
ns
ns
ns
ns
Output Enable to Output Valid
ns
70
10
10
0
0
10
1. Typical characteristics are at Vcc = 5.0V, TA = 25oC.
Output Disable to Output Address Change
MX66C256-10
MIN.
TYP.
MAX.
100
10
10
0
0
10
100
100
50
35
30


Similar Part No. - MX66C256TI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX66C1024 MCNIX-MX66C1024 Datasheet
323Kb / 10P
   5V Low Power CMOS SRAM 128 x 8 Bit
MX66C1024MC-10 MCNIX-MX66C1024MC-10 Datasheet
323Kb / 10P
   5V Low Power CMOS SRAM 128 x 8 Bit
MX66C1024MC-70 MCNIX-MX66C1024MC-70 Datasheet
323Kb / 10P
   5V Low Power CMOS SRAM 128 x 8 Bit
MX66C1024MI-10 MCNIX-MX66C1024MI-10 Datasheet
323Kb / 10P
   5V Low Power CMOS SRAM 128 x 8 Bit
MX66C1024MI-70 MCNIX-MX66C1024MI-70 Datasheet
323Kb / 10P
   5V Low Power CMOS SRAM 128 x 8 Bit
More results

Similar Description - MX66C256TI-70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV256 BSI-BS62LV256_06 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
BS62LV256 BSI-BS62LV256_08 Datasheet
312Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
BS62LV2565 BSI-BS62LV2565 Datasheet
330Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
BS62LV2563 BSI-BS62LV2563 Datasheet
327Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
BS62LV256 BSI-BS62LV256 Datasheet
331Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com