Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


IRL2703S Datasheet(PDF) 4 Page - International Rectifier

Part No. IRL2703S
Description  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

   
 4 page
background image
IRL2703S
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
200
400
600
800
1000
1
10
100
DS
V
, D rain-to -S ou rce Volta ge (V )
A
V
= 0 V,
f = 1M H z
C
= C
+ C
, C
SH OR TE D
C
= C
C
= C
+ C
GS
is s
gs
gd
ds
rss
gd
oss
d s
gd
C iss
C oss
C rs s
0
3
6
9
12
15
0
4
8
12
16
20
Q
, T otal Ga te C harg e (nC )
G
A
FO R TEST CI RCUI T
SEE FIG UR E 13
V
= 2 4V
V
= 1 5V
I
= 14A
DS
DS
D
1
10
100
0.4
0.8
1.2
1.6
2.0
2.4
T = 25° C
J
V
= 0 V
GS
V
, S o urce-to-Drain Vo ltage (V )
SD
A
T = 175°C
J
1
10
100
1000
1
10
100
V
, Dra in -to-So urce Vo ltag e (V)
DS
OPE R ATIO N IN TH IS A RE A LI MI TE D
BY R DS(o n)
10µ s
10 0µs
1ms
10ms
A
T
= 25 °C
T
= 17 5°C
Sing le Pulse
C
J




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRF7341HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLR2905HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7494HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL3303HEXFET POWER MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL2910HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF8910HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFU330HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL3402HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLR3802HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFI5210HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl