Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT-BGA-6037 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # CBT-BGA-6037
Description  Automated probe manufacturing enables low cost and short lead time
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-BGA-6037 Datasheet(HTML) 4 Page - Ironwood Electronics.

  CBT-BGA-6037 Datasheet HTML 1Page - Ironwood Electronics. CBT-BGA-6037 Datasheet HTML 2Page - Ironwood Electronics. CBT-BGA-6037 Datasheet HTML 3Page - Ironwood Electronics. CBT-BGA-6037 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1
3
2
4
5
6
9
7
10
11
13
14
17
18
21
20
19
8
12
15
16
SPRING PIN
26.725
21.725
6.00
20.00
1.27
1.61 (4)
1.59
Insulation Plate Specification
ITEM
NO.
Description
Material
1
Compression Screw
7075-T6 Aluminum Alloy
2
Precision Compression Spring
Zinc Plated Music Wire
3
Socket Lid
7075-T6 Aluminum Alloy
4
Latch
7075-T6 Aluminum Alloy
5
Hinge Pin and Snap Ring
AISI 1045 Steel, cold drawn
6
Compression Plate
7075-T6 Aluminum Alloy
7
Socket Base
7075-T6 Aluminum Alloy
8
Dowel pin
Stainless Steel (18-8)
9
BGA529 0.8mm pitch
Material <not specified>
10
Floating Guide
Semitron MDS 100
11
Middle Guide
Semitron MDS 100
12
Bottom Guide
Semitron MDS 100
13
PCB
FR4 Standard
14
0-80 x 0.5" Socket Head Cap Screw
Alloy Steel
15
Backing Plate
7075-T6, Plate (SS)
16
Insulation Plate
FR4 Standard
17
0-80 X .188" Flat Head
PEEK unfilled
18
Spring Pin
19
Floating Guide Spring
Alloy Steel (SS)
20
Spring Clamshell lid assembly
Steel Music Wire
21
M3 x 12mm Socket Head Cap Screw
18-8 Stainless Steel
Rev
Date
Initials Description
A 02/14/14 MR Original
B 07/08/14 DH Changed out Pin Guide
Screws
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket Assy, Insulation Plate
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 02/14/2014
Material: N/A
Finish: N/A
Weight: 131.99
CBT-BGA-6037 Drawing
SCALE: 3:2
SHEET: 4 OF 4
ENG: B. Schatz
FILE: CBT-BGA-6037 Dwg
DRAWN BY: M. Raske


Similar Part No. - CBT-BGA-6037

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6030 IRONWOOD-CBT-BGA-6030 Datasheet
773Kb / 5P
   Excellent signal integrity at high frequencies
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6033 IRONWOOD-CBT-BGA-6033 Datasheet
362Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6034 IRONWOOD-CBT-BGA-6034 Datasheet
516Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6036 IRONWOOD-CBT-BGA-6036 Datasheet
485Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results

Similar Description - CBT-BGA-6037

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6038 IRONWOOD-CBT-BGA-6038 Datasheet
287Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6046 IRONWOOD-CBT-BGA-6046 Datasheet
380Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7025 IRONWOOD-CBT-BGA-7025 Datasheet
401Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-LGA-5000 IRONWOOD-CBT-LGA-5000 Datasheet
351Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6517 IRONWOOD-SBT-BGA-6517 Datasheet
516Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CHBT-BGA-7001 IRONWOOD-CHBT-BGA-7001 Datasheet
449Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9007 IRONWOOD-SBT-LGA-9007 Datasheet
249Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-QFE-3009 IRONWOOD-SBT-QFE-3009 Datasheet
538Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6002 IRONWOOD-CBT-BGA-6002 Datasheet
366Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com